Part Name
         Description
SGM8061

 500MHz, Rail-to-Rail Output CMOS Operational Amplifier ( 14 Page)


SGMICRO
100% 
Zoom Out Zoom In
 6 page
background image
SGM8061/2/3
TYPICAL PERFORMANCE CHARACTERISTICS
At TA = +25℃, VS = +5V, G = +2, RF = 402
Ω, RG = 402Ω, and RL=150Ω connected to Vs/2,unless otherwise noted.
Disabled Output Isolation Frequency Response
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1
10
100
1000
Frequency(MHz)
Vo = 0.2VP-P
V
DISABLE = 0V
RL = 1K
Ω
Common-Mode Rejection Ratio vs.Frequency
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.01
0.1
1
10
100
1000
Frequency(MHz)
Power-Supply Rejection Ratio vs.Frequency
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.01
0.1
1
10
100
1000
Frequency(MHz)
-PSRR
+PSRR
Closed-Loop Output Impedance vs.Frequency
0.001
0.01
0.1
1
10
100
0.01
0.1
1
10
100
Frequency(MHz)
RF=402Ω
SGM8061
+
-
Zo
V+
V-
Input Voltage Noise Spectral Density
vs.Frequency
1
10
100
1000
0.01
0.1
1
10
100
1000
10000
Frequency(kHz)
Output Settling Time To 0.1%
Time(ns)
0.4
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
-0.4
-0.5
VO = 2VP-P
0.5
0.6
04
8
12
16
20
24
1  2  3  4  5  6  7  8  9  10  11  12  13  14 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SGM8051250MHz Rail-to-Rail Output CMOS Operational Amplifier 1 2 3 4 5 MoreShengbang Microelectronics Co, Ltd
AD8667_0716 V 250 μA Dual Precision CMOS Rail-to-Rail Output Operational Amplifier 1 2 3 4 5 MoreAnalog Devices
TS922_07Rail-to-rail high output current dual operational amplifier 1 2 3 4 5 MoreSTMicroelectronics
S-89430AMINI ANALOG SERIES 0.5 μA Rail-to-Rail CMOS OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreSeiko Instruments Inc
TS924_05Rail-to-rail High Output Current Quad Operational Amplifier 1 2 3 4 5 MoreSTMicroelectronics
ALD2704ADUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreAdvanced Linear Devices
LMH6618130 MHz 1.25 mA Rail-to-Rail Input and Output Operational Amplifier with Shutdown Coming SoonNational Semiconductor
AZV321_01SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER 1 2 BCD Semiconductor Manufacturing Limited
LMV341RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN 1 2 3 4 5 MoreTexas Instruments
TLV341_07LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN 1 2 3 4 5 MoreTexas Instruments

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl