Part Name
         Description
SGM8061

 500MHz, Rail-to-Rail Output CMOS Operational Amplifier ( 14 Page)


SGMICRO
100% 
Zoom Out Zoom In
 
 3 page
background image
SGM8061/2/3
PACKAGE/ORDERING INFORMATION
MODEL
ORDER
NUMBER
PACKAGE
DESCRIPTION
PACKAGE
OPTION
MARKING
INFORMATION
SGM8061XN5/TR
SOT23-5
Tape and Reel, 3000
8061
SGM8061
SGM8061XS/TR
SO-8
Tape and Reel,2500
SGM8061XS
SGM8062
SGM8062XS/TR
SO-8
Tape and Reel, 2500
SGM8062XS
SGM8063XN6/TR
SOT23-6
Tape and Reel,3000
8063
SGM8063
SGM8063XS/TR
SO-8
Tape and Reel,2500
SGM8063XS
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V+ to V- .......................................... 7.5 V
Common-Mode Input Voltage
........................................ (–VS) – 0.5 Vto (+VS) +0.5V
Storage Temperature Range ................. –65℃ to +150℃
Junction Temperature .............................................. 160℃
Operating Temperature Range ............ –55℃ to +150℃
Package Thermal Resistance @ TA = 25℃
SOT23-5, θJA......................................................... 190 /W
SOT23-6, θJA......................................................... 190 /W
SO-8, θJA................................................................ 125 /W
Lead Temperature Range (Soldering 10 sec)
...................................................... 260℃
ESD Susceptibility
HBM...........................................................................1000V
MM...............................................................................400V
NOTES
1. Stresses above those listed under Absolute Maximum
Ratings may cause permanent damage to the device. This is a
stress rating only; functional operation of the device at these
or any other conditions above those indicated in the
operational section of this specification is not implied.
Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
CAUTION
This integrated circuit can be damaged by ESD.
Shengbang Micro-electronics recommends that all
integrated circuits be handled with appropriate
precautions. Failure to observe proper handling and
installation procedures can cause damage.
ESD damage can range from subtle performance
degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage
because very small parametric changes could cause the
device not to meet its published specifications.
1  2  3  4  5  6  7  8  9  10  11  12  13  14 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SGM8051250MHz Rail-to-Rail Output CMOS Operational Amplifier 1 2 3 4 5 MoreShengbang Microelectronics Co, Ltd
AD8667_0716 V 250 μA Dual Precision CMOS Rail-to-Rail Output Operational Amplifier 1 2 3 4 5 MoreAnalog Devices
TS922_07Rail-to-rail high output current dual operational amplifier 1 2 3 4 5 MoreSTMicroelectronics
S-89430AMINI ANALOG SERIES 0.5 μA Rail-to-Rail CMOS OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreSeiko Instruments Inc
TS924_05Rail-to-rail High Output Current Quad Operational Amplifier 1 2 3 4 5 MoreSTMicroelectronics
ALD2704ADUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreAdvanced Linear Devices
LMH6618130 MHz 1.25 mA Rail-to-Rail Input and Output Operational Amplifier with Shutdown Coming SoonNational Semiconductor
AZV321_01SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER 1 2 BCD Semiconductor Manufacturing Limited
LMV341RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN 1 2 3 4 5 MoreTexas Instruments
TLV341_07LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN 1 2 3 4 5 MoreTexas Instruments

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl