Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM8092 Datasheet(PDF) 11 Page - SG Micro Corp

Part # SGM8092
Description  350MHz, Rail-to-Rail Output CMOS Operational Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8092 Datasheet(HTML) 11 Page - SG Micro Corp

Back Button SGM8092 Datasheet HTML 7Page - SG Micro Corp SGM8092 Datasheet HTML 8Page - SG Micro Corp SGM8092 Datasheet HTML 9Page - SG Micro Corp SGM8092 Datasheet HTML 10Page - SG Micro Corp SGM8092 Datasheet HTML 11Page - SG Micro Corp SGM8092 Datasheet HTML 12Page - SG Micro Corp SGM8092 Datasheet HTML 13Page - SG Micro Corp SGM8092 Datasheet HTML 14Page - SG Micro Corp SGM8092 Datasheet HTML 15Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
SGM8091/2/3/4
11
PACKAGE OUTLINE DIMENSIONS
SOT23-5
D
e1
b
C
0
θ
0.20
e
Dimensions
In Millimeters
Dimensions
In Inches
Symbol
Min
Max
Min
Max
A
1.050
1.250
0.041
0.049
A1
0.000
0.100
0.000
0.004
A2
1.050
1.150
0.041
0.045
b
0.300
0.400
0.012
0.016
c
0.100
0.200
0.004
0.008
D
2.820
3.020
0.111
0.119
E
1.500
1.700
0.059
0.067
E1
2.650
2.950
0.104
0.116
e
0.950TYP
0.037TYP
e1
1.800
2.000
0.071
0.079
L
0.700REF
0.028REF
L1
0.300
0.600
0.012
0.024
θ


Similar Part No. - SGM8092

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8092 SGMICRO-SGM8092 Datasheet
556Kb / 18P
   CMOS Operational Amplifiers
SGM8092 SGMICRO-SGM8092 Datasheet
556Kb / 18P
   CMOS Operational Amplifiers
SGM8092 SGMICRO-SGM8092_15 Datasheet
556Kb / 18P
   CMOS Operational Amplifiers
More results

Similar Description - SGM8092

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM8091 HMSEMI-HM8091 Datasheet
4Mb / 20P
   350MHZ CMOS Rail-to-Rail Output Opamps
HM8091092N HMSEMI-HM8091092N Datasheet
4Mb / 20P
   350MHZ CMOS Rail-to-Rail Output Opamps
logo
SG Micro Corp
SGM8051 SGMICRO-SGM8051 Datasheet
757Kb / 20P
   250MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
logo
SG Micro Corp
SGM8651 SGMICRO-SGM8651 Datasheet
661Kb / 17P
   50MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8061 SGMICRO-SGM8061 Datasheet
639Kb / 14P
   500MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
New Japan Radio
NJU7058 NJRC-NJU7058 Datasheet
237Kb / 8P
   Rail-to-Rail Output Quad CMOS Operational Amplifier
logo
E-CMOS Corporation
EC5912 E-CMOS-EC5912 Datasheet
605Kb / 10P
   200MHz, CMOS, Rail-to-Rail Output Operational Amplifier
logo
SG Micro Corp
SGM8067 SGMICRO-SGM8067 Datasheet
341Kb / 5P
   1.5GHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
Shenzhen Huazhimei Semi...
HM8051 HMSEMI-HM8051 Datasheet
1Mb / 18P
   250MHz Rail-to-Rail Output CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com