Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM8093 Datasheet(PDF) 3 Page - SG Micro Corp

Part # SGM8093
Description  350MHz, Rail-to-Rail Output CMOS Operational Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8093 Datasheet(HTML) 3 Page - SG Micro Corp

  SGM8093 Datasheet HTML 1Page - SG Micro Corp SGM8093 Datasheet HTML 2Page - SG Micro Corp SGM8093 Datasheet HTML 3Page - SG Micro Corp SGM8093 Datasheet HTML 4Page - SG Micro Corp SGM8093 Datasheet HTML 5Page - SG Micro Corp SGM8093 Datasheet HTML 6Page - SG Micro Corp SGM8093 Datasheet HTML 7Page - SG Micro Corp SGM8093 Datasheet HTML 8Page - SG Micro Corp SGM8093 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
SGM8091/2/3/4
PACKAGE/ORDERING INFORMATION
MODEL
ORDER NUMBER
PACKAGE
DESCRIPTION
PACKAGE
OPTION
MARKING
INFORMATION
SGM8091XN5/TR
SOT23-5
Tape and Reel, 3000
8091
SGM8091
SGM8091XS/TR
SO-8
Tape and Reel, 2500
SGM8091XS
SGM8092XS/TR
SO-8
Tape and Reel, 2500
SGM8092XS
SGM8092
SGM8092XMS/TR
MSOP-8
Tape and Reel, 3000
SGM8092XMS
SGM8093XN6/TR
SOT23-6
Tape and Reel, 3000
8093
SGM8093
SGM8093XS/TR
SO-8
Tape and Reel, 2500
SGM8093XS
SGM8094XS/TR
SO-16
Tape and Reel,2500
SGM8094XS
SGM8094
SGM8094XTS
TSSOP-16
Tape and Reel, 3000
SGM8094XTS
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V+ to V- ......................................... 7.5 V
Common-Mode Input Voltage
..................................... (–VS )– 0.5 V to (+VS) +0.5V
Storage Temperature Range ................ –65℃ to +150℃
Junction
Temperature ............................................................. 160℃
Operating Temperature Range ........... –55℃ to +150℃
Package Thermal Resistance @ TA = 25℃
SOT23-5, θJA......................................................... 190 /W
SOT23-6, θJA.......................................................... 190 /W
SO-8,
θJA..................................................................125 /W
MSOP-8, θJA.......................................................... 216 /W
SO-16, θJA................................................................ 82 /W
TSSOP-16, θJA....................................................... 105 /W
Lead Temperature Range (Soldering 10 sec)
................................................ 260℃
ESD Susceptibility
HBM...........................................................................1000V
MM...............................................................................400V
NOTES
1. Stresses above those listed under Absolute Maximum
Ratings may cause permanent damage to the device. This is
a stress rating only; functional operation of the device at
these or any other conditions above those indicated in the
operational section of this specification is not implied.
Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
CAUTION
This integrated circuit can be damaged by ESD.
Shengbang Micro-electronics recommends that all
integrated circuits be handled with appropriate
precautions. Failure to observe proper handling and
installation procedures can cause damage.
ESD damage can range from subtle performance
degradation to complete device failure. Precision
integrated circuits may be more susceptible to
damage because very small parametric changes
could cause the device not to meet its published
specifications.


Similar Part No. - SGM8093

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8093 SGMICRO-SGM8093 Datasheet
556Kb / 18P
   CMOS Operational Amplifiers
SGM8093 SGMICRO-SGM8093 Datasheet
556Kb / 18P
   CMOS Operational Amplifiers
SGM8093 SGMICRO-SGM8093_15 Datasheet
556Kb / 18P
   CMOS Operational Amplifiers
More results

Similar Description - SGM8093

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM8091 HMSEMI-HM8091 Datasheet
4Mb / 20P
   350MHZ CMOS Rail-to-Rail Output Opamps
HM8091092N HMSEMI-HM8091092N Datasheet
4Mb / 20P
   350MHZ CMOS Rail-to-Rail Output Opamps
logo
SG Micro Corp
SGM8051 SGMICRO-SGM8051 Datasheet
757Kb / 20P
   250MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
logo
SG Micro Corp
SGM8651 SGMICRO-SGM8651 Datasheet
661Kb / 17P
   50MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8061 SGMICRO-SGM8061 Datasheet
639Kb / 14P
   500MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
New Japan Radio
NJU7058 NJRC-NJU7058 Datasheet
237Kb / 8P
   Rail-to-Rail Output Quad CMOS Operational Amplifier
logo
E-CMOS Corporation
EC5912 E-CMOS-EC5912 Datasheet
605Kb / 10P
   200MHz, CMOS, Rail-to-Rail Output Operational Amplifier
logo
SG Micro Corp
SGM8067 SGMICRO-SGM8067 Datasheet
341Kb / 5P
   1.5GHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
Shenzhen Huazhimei Semi...
HM8051 HMSEMI-HM8051 Datasheet
1Mb / 18P
   250MHz Rail-to-Rail Output CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com