Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM8094 Datasheet(PDF) 9 Page - SG Micro Corp

Part # SGM8094
Description  350MHz, Rail-to-Rail Output CMOS Operational Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8094 Datasheet(HTML) 9 Page - SG Micro Corp

Back Button SGM8094 Datasheet HTML 5Page - SG Micro Corp SGM8094 Datasheet HTML 6Page - SG Micro Corp SGM8094 Datasheet HTML 7Page - SG Micro Corp SGM8094 Datasheet HTML 8Page - SG Micro Corp SGM8094 Datasheet HTML 9Page - SG Micro Corp SGM8094 Datasheet HTML 10Page - SG Micro Corp SGM8094 Datasheet HTML 11Page - SG Micro Corp SGM8094 Datasheet HTML 12Page - SG Micro Corp SGM8094 Datasheet HTML 13Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
SGM8091/2/3/4
APPLICATION NOTES
Driving Capacitive Loads
The SGM809x family is optimized for bandwidth and speed,
not for driving capacitive loads. Output capacitance will
create a pole in the amplifier’s feedback path, leading to
excessive peaking and potential oscillation. If dealing with
load capacitance is a requirement of the application, the two
strategies to consider are (1) using a small resistor in series
with the amplifier’s output and the load capacitance and (2)
reducing the bandwidth of the amplifier’s feedback loop by
increasing the overall noise gain.
Figure 1 shows a unity gain follower using the series resistor
strategy. The resistor isolates the output from the capacitance
and, more importantly, creates a zero in the feedback path
that compensates for the pole created by the output
capacitance.
VIN
VOUT
SGM8091
CLOAD
RISO
Figure 1
. Series Resistor Isolating Capacitive Load
Power-Supply Bypassing and
Layout
The SGM809x family operates from either a single +2.7V to
+5.5V supply or dual ±1.35V to ±2.75V supplies. For
single-supply operation, bypass the power supply VDD with a
0.1µF ceramic capacitor which should be placed close to the
VDD pin. For dual-supply operation, both the VDD and the VSS
supplies should be bypassed to ground with separate 0.1µF
ceramic capacitors. 2.2µF tantalum capacitor can be added
for better performance.
Good PC board layout techniques optimize performance by
decreasing the amount of stray capacitance at the op amp’s
inputs and output. To decrease stray capacitance, minimize
trace lengths and widths by placing external components as
close to the device as possible. Use surface-mount
components whenever possible.
For the high speed operational amplifier, soldering the part to
the board directly is strongly recommended. Try to keep the
high frequency big current loop area small to minimize the
EMI (electromagnetic interfacing).
SGM8091
VDD
Vn
Vp
VSS
VOUT
10µF
0.1µF
10µF
0.1µF
SGM8091
Vn
Vp
VDD
VSS(GND)
VOUT
10µF
0.1µF
Figure 2. Amplifier with Bypass Capacitors
Grounding
A ground plane layer is important for high speed circuit
design. The length of the current path speed currents in an
inductive ground return will create an unwanted voltage
noise. Broad ground plane areas will reduce the parasitic
inductance.
Input-to-Output Coupling
To minimize capacitive coupling, the input and output signal
traces should not be parallel. This helps reduce unwanted
positive feedback.


Similar Part No. - SGM8094

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8094 SGMICRO-SGM8094 Datasheet
556Kb / 18P
   CMOS Operational Amplifiers
SGM8094 SGMICRO-SGM8094 Datasheet
556Kb / 18P
   CMOS Operational Amplifiers
More results

Similar Description - SGM8094

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM8091 HMSEMI-HM8091 Datasheet
4Mb / 20P
   350MHZ CMOS Rail-to-Rail Output Opamps
HM8091092N HMSEMI-HM8091092N Datasheet
4Mb / 20P
   350MHZ CMOS Rail-to-Rail Output Opamps
logo
SG Micro Corp
SGM8051 SGMICRO-SGM8051 Datasheet
757Kb / 20P
   250MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
logo
SG Micro Corp
SGM8651 SGMICRO-SGM8651 Datasheet
661Kb / 17P
   50MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8061 SGMICRO-SGM8061 Datasheet
639Kb / 14P
   500MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
New Japan Radio
NJU7058 NJRC-NJU7058 Datasheet
237Kb / 8P
   Rail-to-Rail Output Quad CMOS Operational Amplifier
logo
E-CMOS Corporation
EC5912 E-CMOS-EC5912 Datasheet
605Kb / 10P
   200MHz, CMOS, Rail-to-Rail Output Operational Amplifier
logo
SG Micro Corp
SGM8067 SGMICRO-SGM8067 Datasheet
341Kb / 5P
   1.5GHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
Shenzhen Huazhimei Semi...
HM8051 HMSEMI-HM8051 Datasheet
1Mb / 18P
   250MHz Rail-to-Rail Output CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com