Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM8061XS Datasheet(PDF) 3 Page - SG Micro Corp

Part # SGM8061XS
Description  500MHz, Rail-to-Rail Output CMOS Operational Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8061XS Datasheet(HTML) 3 Page - SG Micro Corp

  SGM8061XS Datasheet HTML 1Page - SG Micro Corp SGM8061XS Datasheet HTML 2Page - SG Micro Corp SGM8061XS Datasheet HTML 3Page - SG Micro Corp SGM8061XS Datasheet HTML 4Page - SG Micro Corp SGM8061XS Datasheet HTML 5Page - SG Micro Corp SGM8061XS Datasheet HTML 6Page - SG Micro Corp SGM8061XS Datasheet HTML 7Page - SG Micro Corp SGM8061XS Datasheet HTML 8Page - SG Micro Corp SGM8061XS Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SGM8061/2/3
PACKAGE/ORDERING INFORMATION
MODEL
ORDER
NUMBER
PACKAGE
DESCRIPTION
PACKAGE
OPTION
MARKING
INFORMATION
SGM8061XN5/TR
SOT23-5
Tape and Reel, 3000
8061
SGM8061
SGM8061XS/TR
SO-8
Tape and Reel,2500
SGM8061XS
SGM8062
SGM8062XS/TR
SO-8
Tape and Reel, 2500
SGM8062XS
SGM8063XN6/TR
SOT23-6
Tape and Reel,3000
8063
SGM8063
SGM8063XS/TR
SO-8
Tape and Reel,2500
SGM8063XS
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V+ to V- .......................................... 7.5 V
Common-Mode Input Voltage
........................................ (–VS) – 0.5 Vto (+VS) +0.5V
Storage Temperature Range ................. –65℃ to +150℃
Junction Temperature .............................................. 160℃
Operating Temperature Range ............ –55℃ to +150℃
Package Thermal Resistance @ TA = 25℃
SOT23-5, θJA......................................................... 190 /W
SOT23-6, θJA......................................................... 190 /W
SO-8, θJA................................................................ 125 /W
Lead Temperature Range (Soldering 10 sec)
...................................................... 260℃
ESD Susceptibility
HBM...........................................................................1000V
MM...............................................................................400V
NOTES
1. Stresses above those listed under Absolute Maximum
Ratings may cause permanent damage to the device. This is a
stress rating only; functional operation of the device at these
or any other conditions above those indicated in the
operational section of this specification is not implied.
Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
CAUTION
This integrated circuit can be damaged by ESD.
Shengbang Micro-electronics recommends that all
integrated circuits be handled with appropriate
precautions. Failure to observe proper handling and
installation procedures can cause damage.
ESD damage can range from subtle performance
degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage
because very small parametric changes could cause the
device not to meet its published specifications.


Similar Part No. - SGM8061XS

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8061 SGMICRO-SGM8061_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
More results

Similar Description - SGM8061XS

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8051 SGMICRO-SGM8051 Datasheet
757Kb / 20P
   250MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
logo
SG Micro Corp
SGM8091 SGMICRO-SGM8091 Datasheet
686Kb / 17P
   350MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8651 SGMICRO-SGM8651 Datasheet
661Kb / 17P
   50MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
New Japan Radio
NJU7058 NJRC-NJU7058 Datasheet
237Kb / 8P
   Rail-to-Rail Output Quad CMOS Operational Amplifier
logo
E-CMOS Corporation
EC5912 E-CMOS-EC5912 Datasheet
605Kb / 10P
   200MHz, CMOS, Rail-to-Rail Output Operational Amplifier
logo
SG Micro Corp
SGM8067 SGMICRO-SGM8067 Datasheet
341Kb / 5P
   1.5GHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
Shenzhen Huazhimei Semi...
HM8051 HMSEMI-HM8051 Datasheet
1Mb / 18P
   250MHz Rail-to-Rail Output CMOS Operational Amplifier
logo
Renesas Technology Corp
EL8302 RENESAS-EL8302 Datasheet
1Mb / 14P
   500MHz Rail-to-Rail Amplifier
logo
Intersil Corporation
EL8302 INTERSIL-EL8302 Datasheet
1Mb / 14P
   500MHz Rail-to-Rail Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com