Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVB71122C-433-C Datasheet(PDF) 9 Page - Melexis Microelectronic Systems

Part # EVB71122C-433-C
Description  300 to 930MHz Receiver Evaluation Board Description
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

EVB71122C-433-C Datasheet(HTML) 9 Page - Melexis Microelectronic Systems

Back Button EVB71122C-433-C Datasheet HTML 5Page - Melexis Microelectronic Systems EVB71122C-433-C Datasheet HTML 6Page - Melexis Microelectronic Systems EVB71122C-433-C Datasheet HTML 7Page - Melexis Microelectronic Systems EVB71122C-433-C Datasheet HTML 8Page - Melexis Microelectronic Systems EVB71122C-433-C Datasheet HTML 9Page - Melexis Microelectronic Systems EVB71122C-433-C Datasheet HTML 10Page - Melexis Microelectronic Systems EVB71122C-433-C Datasheet HTML 11Page - Melexis Microelectronic Systems EVB71122C-433-C Datasheet HTML 12Page - Melexis Microelectronic Systems EVB71122C-433-C Datasheet HTML 13Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
PR
EL
IM
INA
RY
EVB71122
300 to 930MHz Receiver
Evaluation Board Description
39012 71122 01
Page 9 of 32
EVB Description
Rev. 001
Sept/06
2.2.2
Calculation of LO1 and IF1 frequency for High Frequency Bands
Typical ISM band operating frequencies like 868.3 and 915MHz can be covered without changing the crystal
nor the VCO inductor.
Low-low injection should be used for the high frequency bands. First of all choose a PFD frequency fPFD
according to below table. The R counter values are valid for a 10MHz crystal reference. The PFD frequency
is given by fPFD = fRO /R.
Injection Type
fCH [kHz]
fPFD [kHz]
R
l-l
20
16
625
l-l
25
20
500
l-l
50
40
250
l-l
100
80
125
l-l
250
200
50
l-l
500
400
25
The second step is to calculate the missing parameters fLO1, fIF1, Ntot, N and A. While the second IF (fIF2), the
NLO2 divider ratio and the prescaler divider ratio P are bound to fIF2 = 2MHz, NLo2 = 4 (or 8) and P =32.
)
f
(f
1
N
N
f
IF2
RF
LO2
LO2
LO1
+
=
2MHz)
(f
5
4
f
RF
LO1
=
(8)
1
N
f
N
f
f
LO2
IF2
LO2
RF
IF1
+
+
=
5
8MHz
f
f
RF
IF1
+
=
(9)
Finally N and A can be calculated with formula (5).
2.2.3
Counter Setting Examples for SPI Mode
To provide some examples, the following table shows some counter settings for the reception of the well-
known ISM and SRD frequency bands. The channel spacing is assumed to be fCH = 100kHz. In below table
all frequency units are in MHz.
Inj
fRF
fIF1
fLO1
Ntot
N
P
A
fPFD
R
fREF
fLO2
fIF2
h-h
300
97.3
397.3
2980
93
32
4
0.133
75
10
99.3
2
h-h
315
102.3
417.3
3130
97
32
26
0.133
75
10
104.3
2
h-h
434
142
576
4320
135
32
0
0.133
75
10
144
2
h-h
470
154
624
4680
146
32
8
0.133
75
10
156
2
l-l
850
171.6
678.4
8480
256
32
0
0.08
125
10
169.6
2
l-l
868
175.2
692.8
8660
270
32
20
0.08
125
10
173.2
2
l-l
915
184.6
730.4
9130
285
32
10
0.08
125
10
182.6
2
l-l
930
187.6
742.4
9280
290
32
0
0.08
125
10
185.6
2


Similar Part No. - EVB71122C-433-C

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
EVB71122-315-C MELEXIS-EVB71122-315-C Datasheet
1Mb / 31P
   300 to 930MHz Receiver Evaluation Board Description
EVB71122-433-C MELEXIS-EVB71122-433-C Datasheet
1Mb / 31P
   300 to 930MHz Receiver Evaluation Board Description
EVB71122-868-C MELEXIS-EVB71122-868-C Datasheet
1Mb / 31P
   300 to 930MHz Receiver Evaluation Board Description
EVB71122-915-C MELEXIS-EVB71122-915-C Datasheet
1Mb / 31P
   300 to 930MHz Receiver Evaluation Board Description
EVB71122 MELEXIS-EVB71122_15 Datasheet
1Mb / 31P
   300 to 930MHz Receiver Evaluation Board Description
More results

Similar Description - EVB71122C-433-C

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
EVB71120 MELEXIS-EVB71120_15 Datasheet
1Mb / 18P
   300 to 930MHz Receiver Evaluation Board Description
EVB71122 MELEXIS-EVB71122_15 Datasheet
1Mb / 31P
   300 to 930MHz Receiver Evaluation Board Description
EVB71120 MELEXIS-EVB71120 Datasheet
1Mb / 18P
   300 to 930MHz Receiver Evaluation Board Description
EVB71121 MELEXIS-EVB71121 Datasheet
1Mb / 18P
   300 to 930MHz Receiver Evaluation Board Description
EVB7122 MELEXIS-EVB7122 Datasheet
807Kb / 24P
   27 to 930MHz Transceiver Evaluation Board Description
MLX71121 MELEXIS-MLX71121 Datasheet
665Kb / 28P
   300 to 930MHz FSK/FM/ASK Receiver
EVB71112 MELEXIS-EVB71112 Datasheet
628Kb / 14P
   868/915MHz Receiver Evaluation Board Description
MLX71122 MELEXIS-MLX71122_16 Datasheet
2Mb / 59P
   300 to 930MHz FSK/FM/ASK Receiver
EVB71102 MELEXIS-EVB71102 Datasheet
627Kb / 14P
   315/433MHz Receiver Evaluation Board Description
MLX71120 MELEXIS-MLX71120 Datasheet
707Kb / 30P
   300 to 930MHz FSK/FM/ASK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com