Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM8624 Datasheet(PDF) 3 Page - SG Micro Corp

Part # SGM8624
Description  250關A, 3MHz, Rail-to-Rail I/O CMOS Operational Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8624 Datasheet(HTML) 3 Page - SG Micro Corp

  SGM8624 Datasheet HTML 1Page - SG Micro Corp SGM8624 Datasheet HTML 2Page - SG Micro Corp SGM8624 Datasheet HTML 3Page - SG Micro Corp SGM8624 Datasheet HTML 4Page - SG Micro Corp SGM8624 Datasheet HTML 5Page - SG Micro Corp SGM8624 Datasheet HTML 6Page - SG Micro Corp SGM8624 Datasheet HTML 7Page - SG Micro Corp SGM8624 Datasheet HTML 8Page - SG Micro Corp SGM8624 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
SGM8621/2/3 /4
PACKAGE/ORDERING INFORMATION
MODEL
ORDER
NUMBER
PACKAGE
DESCRIPTION
PACKAGE
OPTION
MARKING
INFORMATION
SGM8621XC5/TR
SC70-5
Tape and Reel, 3000
8621
SGM8621XN5/TR
SOT23-5
Tape and Reel, 3000
8621
SGM8621
SGM8621XS/TR
SO-8
Tape and Reel, 2500
SGM8621XS
SGM8622XMS/TR
MSOP-8
Tape and Reel, 3000
SGM8622XMS
SGM8622
SGM8622XS/TR
SO-8
Tape and Reel, 2500
SGM8622XS
SGM8623XN6/TR
SOT23-6
Tape and Reel, 3000
8623
SGM8623
SGM8623XS/TR
SO-8
Tape and Reel, 2500
SGM8623XS
SGM8624XS/TR
SO-16
Tape and Reel, 2500
SGM8624XS
SGM8624
SGM8624XTS
TSSOP-16
Tape and Reel, 3000
SGM8624XTS
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V+ to V- .
........................................... 7.5 V
Common-Mode Input Voltage
.................................... (–VS) – 0.5 V to (+VS) +0.5V
Storage Temperature Range
..................... –65℃ to +150℃
Junction Temperature
.................................................160℃
Operating Temperature Range
.................–55℃ to +150℃
Package Thermal Resistance @ TA = 25℃
SC70-5, θJA............................
.................................... 333 /W
SOT23-5, θJA........................
...................................... 190 /W
SOT23-6, θJA..........
.................................................... 190 /W
SO-8, θJA.............................
.........................................125 /W
MSOP-8, θJA..............
................................................ 216 /W
SO-16, θJA...................
.................................................. 82 /W
TSSOP-16, θJA................
............................................ 105 /W
Lead Temperature Range (Soldering 10 sec)
.....................................................260℃
ESD Susceptibility
HBM............................................
....................................1500V
MM...............................
.....................................................400V
NOTES
1. Stresses above those listed under Absolute Maximum
Ratings may cause permanent damage to the device. This is
a stress rating only; functional operation of the device at
these or any other conditions above those indicated in the
operational section of this specification is not implied.
Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
CAUTION
This integrated circuit can be damaged by ESD.
Shengbang Micro-electronics recommends that all
integrated circuits be handled with appropriate
precautions. Failure to observe proper handling and
installation procedures can cause damage.
ESD damage can range from subtle performance
degradation to complete device failure. Precision
integrated circuits may be more susceptible to
damage because very small parametric changes could
cause
the
device
not
to
meet
its
published
specifications.


Similar Part No. - SGM8624

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8624 SGMICRO-SGM8624 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8624XS14/TR SGMICRO-SGM8624XS14/TR Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8624XTS14/TR SGMICRO-SGM8624XTS14/TR Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8624 SGMICRO-SGM8624_15 Datasheet
525Kb / 19P
   Rail-to-Rail I/O CMOS Operational Amplifiers
More results

Similar Description - SGM8624

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM321 SGMICRO-SGM321 Datasheet
682Kb / 18P
   1MHz, 60關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8521 SGMICRO-SGM8521 Datasheet
652Kb / 14P
   150KHz, 4.7關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8541 SGMICRO-SGM8541 Datasheet
618Kb / 14P
   1.1MHz, 42關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8531 SGMICRO-SGM8531 Datasheet
675Kb / 16P
   500KHz,18關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8631 SGMICRO-SGM8631 Datasheet
659Kb / 18P
   470關A, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM721 SGMICRO-SGM721 Datasheet
642Kb / 18P
   970關A, 10MHz, Rail-to-Rail I/O CMOS Operational Amplifier
logo
Unisonic Technologies
LV2622 UTC-LV2622 Datasheet
215Kb / 8P
   250關A, 3MHZ, LOW VOLTAGE RAIL-TO-RAIL I/O CMOS DUAL OP AMPS
logo
SG Micro Corp
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
   Rail-to-Rail I/O CMOS Operational Amplifier
logo
Texas Instruments
TLV3544-Q1 TI1-TLV3544-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifier for Automotive
OPA2354-Q1 TI1-OPA2354-Q1 Datasheet
727Kb / 23P
[Old version datasheet]   250 MHz, RAIL-TO-RAIL I/O, CMOS OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com