Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM8534XTS14 Datasheet(PDF) 1 Page - SG Micro Corp

Part # SGM8534XTS14
Description  500KHz,18關A, Rail-to-Rail I/O CMOS Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8534XTS14 Datasheet(HTML) 1 Page - SG Micro Corp

  SGM8534XTS14 Datasheet HTML 1Page - SG Micro Corp SGM8534XTS14 Datasheet HTML 2Page - SG Micro Corp SGM8534XTS14 Datasheet HTML 3Page - SG Micro Corp SGM8534XTS14 Datasheet HTML 4Page - SG Micro Corp SGM8534XTS14 Datasheet HTML 5Page - SG Micro Corp SGM8534XTS14 Datasheet HTML 6Page - SG Micro Corp SGM8534XTS14 Datasheet HTML 7Page - SG Micro Corp SGM8534XTS14 Datasheet HTML 8Page - SG Micro Corp SGM8534XTS14 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SGM8531
SGM8532
SGM8534
PRODUCT DESCRIPTION
The SGM8531 (single),SGM8532 (dual) and SGM8534
(quad) are rail-to-rail input and output voltage feedback
amplifiers offering low cost. They have a wide input
common-mode voltage range and output voltage swing,
and take the minimum operating supply voltage down to
2.1V and the maximum recommended supply voltage is
5.5 V. All are specified over the extended –40°C to
+125°C temperature range.
The SGM8531/8532/8534 provide 500KHz bandwidth at a
low current consumption of 18µA per amplifier. Very
low
input
bias
currents
of
0.5 pA,
enable
the
SGM8531/8532/8534
to
be
used
for
integrators,
photodiode
amplifiers,
and
piezoelectric
sensors.
Rail-to-Rail inputs and outputs are useful to designers
buffering ASIC in single-supply systems.
Applications for these amplifiers include safety monitor-
ing, portable equipment, battery and power supply
control, and signal conditioning and interfacing for
transducers in very low power systems.
The SGM8531 is available in the tiny SOT23-5 and SO-8
packages. The SGM8532 comes in the miniature SO-8 and
MSOP-8 packages. The SGM8534 is offered in TSSOP-14,
TSSOP-16, SO-14 and SO-16 packages.
APPLICATIONS
ASIC Input or Output Amplifier
Sensor Interface
Piezo Electric Transducer Amplifier
Medical Instrumentation
Mobile Communication
Audio Output
Portable Systems
Smoke Detectors
Mobile Telephone
Notebook PC
PCMCIA cards
Battery-Powered equipment
500KHz,18µA, Rail-to-Rail I/O
CMOS Operational Amplifier
FEATURES
• Low Cost
• Rail-to-Rail Input and Output
0.8mV Typical VOS
• Unity Gain Stable
• Gain Bandwidth Product: : 500KHz
• Very low input bias currents : 0.5pA
• Operates on 2.1 V to 5.5 V Supplies
• Input Voltage Range = - 0.1 V to +5.6 V with VS = 5.5V
• Low Supply Current: 18µA/Amplifier
• Small Packaging
SGM8531 Available in SO-8 and SOT23-5
SGM8532 Available in SO-8 and MSOP-8
SGM8534 Available in SO-14, SO-16,
TSSOP-14 and TSSOP-16
PIN CONFIGURATIONS (Top View)
9
10
8
11
12
13
14
1
2
3
4
5
6
7
1
2
3
4
5
6
7
8
+VS
SGM8531
SO-8
NC
NC = NO CONNECT
-IN
+IN
-VS
NC
NC
OUT
+VS
-IN
1
2
3
4
5
-VS
+IN
SGM8531
SOT23-5
OUT
OUT A
OUT B
+INB
+VS
1
2
3
4
5
6
7
8
-INA
+INA
-VS
-INB
SGM8532
SO-8 / MSOP-8
1
2
3
4
5
OUT A
-IN A
+IN A
-VS
+VS
-IN D
+IN D
SO-16 / TSSOP-16
6
7
8
9
10
11
12
13
14
15
16
-INB
+IN B
-IN C
NC
NC
OUT B
OUT C
+IN C
OUT D
NC = NO CONNECT
SGM8534
SGM8534
SO-14 / TSSOP-14
OUT A
-IN A
+IN A
+VS
-IN B
+INB
OUT B
-VS
-IN D
+IN D
-IN C
OUT C
+IN C
OUT D
Shengbang Microelectronics Co, Ltd
Tel: 86/451/84348461
www.sg-micro.com
REV. C


Similar Part No. - SGM8534XTS14

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8534 SGMICRO-SGM8534 Datasheet
406Kb / 15P
   CMOS Operational Amplifiers
SGM8534 SGMICRO-SGM8534 Datasheet
406Kb / 15P
   CMOS Operational Amplifiers
SGM8534 SGMICRO-SGM8534_15 Datasheet
406Kb / 15P
   CMOS Operational Amplifiers
More results

Similar Description - SGM8534XTS14

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM321 SGMICRO-SGM321 Datasheet
682Kb / 18P
   1MHz, 60關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8521 SGMICRO-SGM8521 Datasheet
652Kb / 14P
   150KHz, 4.7關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8541 SGMICRO-SGM8541 Datasheet
618Kb / 14P
   1.1MHz, 42關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8631 SGMICRO-SGM8631 Datasheet
659Kb / 18P
   470關A, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8621 SGMICRO-SGM8621 Datasheet
662Kb / 18P
   250關A, 3MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM721 SGMICRO-SGM721 Datasheet
642Kb / 18P
   970關A, 10MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
   Rail-to-Rail I/O CMOS Operational Amplifier
logo
Burr-Brown (TI)
OPA4374 BURR-BROWN-OPA4374 Datasheet
549Kb / 21P
   6.5MHz, 585UA, Rail-to-Rail I/O CMOS Operational Amplifier
logo
SG Micro Corp
SD06 SGMICRO-SD06 Datasheet
710Kb / 12P
   960μA, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
August 31, 2015
logo
Texas Instruments
OPA2374AIDG4 TI1-OPA2374AIDG4 Datasheet
1Mb / 37P
[Old version datasheet]   6.5MHz, 585muA, Rail-to-Rail I/O CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com