Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVB72015-433-FSK-A Datasheet(PDF) 10 Page - Melexis Microelectronic Systems

Part # EVB72015-433-FSK-A
Description  433MHz FSK/ASK Transmitter Evaluation Board Description
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

EVB72015-433-FSK-A Datasheet(HTML) 10 Page - Melexis Microelectronic Systems

Back Button EVB72015-433-FSK-A Datasheet HTML 6Page - Melexis Microelectronic Systems EVB72015-433-FSK-A Datasheet HTML 7Page - Melexis Microelectronic Systems EVB72015-433-FSK-A Datasheet HTML 8Page - Melexis Microelectronic Systems EVB72015-433-FSK-A Datasheet HTML 9Page - Melexis Microelectronic Systems EVB72015-433-FSK-A Datasheet HTML 10Page - Melexis Microelectronic Systems EVB72015-433-FSK-A Datasheet HTML 11Page - Melexis Microelectronic Systems EVB72015-433-FSK-A Datasheet HTML 12Page - Melexis Microelectronic Systems EVB72015-433-FSK-A Datasheet HTML 13Page - Melexis Microelectronic Systems EVB72015-433-FSK-A Datasheet HTML 14Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
EVB72015
433MHz FSK/ASK Transmitter
Evaluation Board Description
39012 72015 01
Page 10 of 14
EVB Description
Rev. 007
June/07
4.2
50
Ω Connector Board PCB Top View
Board size is 19 mm x 42 mm
4.3
Board Connection
VCC
Power supply (1.95 V to 5.5 V)
RO
External reference frequency input
FSKD
Input for ASK data (CMOS, see section 2.4)
ENTX
Mode control pin (see section 2.7)
FSKD
Input for FSK data (CMOS, see section 2.2)
Several ground pins
CB0
72015
5
2
10
6
CM2
CM1
CM3
LT
CX1
CX2
XTAL
1
1
2
2
3
3
4
4
5
5
6
6


Similar Part No. - EVB72015-433-FSK-A

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
EVB72013 MELEXIS-EVB72013 Datasheet
896Kb / 13P
   FSK/ASK Transmitter
EVB72013-433-FSK-C MELEXIS-EVB72013-433-FSK-C Datasheet
896Kb / 13P
   FSK/ASK Transmitter
EVB72016 MELEXIS-EVB72016 Datasheet
515Kb / 12P
   433MHz FSK/ASK Transmitter Evaluation Board Description
EVB72016-315-ASK-A MELEXIS-EVB72016-315-ASK-A Datasheet
515Kb / 12P
   433MHz FSK/ASK Transmitter Evaluation Board Description
EVB72016-315-ASK-C MELEXIS-EVB72016-315-ASK-C Datasheet
515Kb / 12P
   433MHz FSK/ASK Transmitter Evaluation Board Description
More results

Similar Description - EVB72015-433-FSK-A

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
EVB72016 MELEXIS-EVB72016 Datasheet
515Kb / 12P
   433MHz FSK/ASK Transmitter Evaluation Board Description
EVB72005 MELEXIS-EVB72005 Datasheet
648Kb / 14P
   315MHz FSK/ASK Transmitter Evaluation Board Description
EVB72006 MELEXIS-EVB72006 Datasheet
516Kb / 12P
   315MHz FSK/ASK Transmitter Evaluation Board Description
EVB72035 MELEXIS-EVB72035 Datasheet
628Kb / 14P
   868/915MHz FSK/ASK Transmitter Evaluation Board Description
EVB72036 MELEXIS-EVB72036 Datasheet
535Kb / 12P
   868/915MHz FSK/ASK Transmitter Evaluation Board Description
TH72016 MELEXIS-TH72016 Datasheet
339Kb / 16P
   433MHz FSK/ASK Transmitter
TH72015 MELEXIS-TH72015_17 Datasheet
1Mb / 21P
   433MHz FSK/ASK Transmitter
TH72016 MELEXIS-TH72016_17 Datasheet
885Kb / 16P
   433MHz FSK/ASK Transmitter
MLX72013 MELEXIS-MLX72013_17 Datasheet
962Kb / 21P
   433MHz FSK/ASK Transmitter
TH72015 MELEXIS-TH72015 Datasheet
559Kb / 20P
   433MHz FSK/ASK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com