Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVB72035 Datasheet(PDF) 7 Page - Melexis Microelectronic Systems

Part # EVB72035
Description  868/915MHz FSK/ASK Transmitter Evaluation Board Description
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

EVB72035 Datasheet(HTML) 7 Page - Melexis Microelectronic Systems

Back Button EVB72035 Datasheet HTML 3Page - Melexis Microelectronic Systems EVB72035 Datasheet HTML 4Page - Melexis Microelectronic Systems EVB72035 Datasheet HTML 5Page - Melexis Microelectronic Systems EVB72035 Datasheet HTML 6Page - Melexis Microelectronic Systems EVB72035 Datasheet HTML 7Page - Melexis Microelectronic Systems EVB72035 Datasheet HTML 8Page - Melexis Microelectronic Systems EVB72035 Datasheet HTML 9Page - Melexis Microelectronic Systems EVB72035 Datasheet HTML 10Page - Melexis Microelectronic Systems EVB72035 Datasheet HTML 11Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
EVB72035
868/915MHz FSK/ASK Transmitter
Evaluation Board Description
39012 72035 01
Page 7 of 14
EVB Description
Rev. 007
June/07
5 6
4
23
1
12 34 56
RPS
CB0
CX2
XTAL
CX1
2
3
4
5
1
9
8
76
10
CK
PCB loop antenna
CM2
CM1
CB1
3
Antenna Board Circuit Diagram
Fig. 6:
Circuit diagram with loop antenna matching network
3.1
Board Component Values to Fig. 6
Part
Size
Value @
868.3 MHz
Value @
915 MHz
Toler-
ance
Description
CM1
0603
4.7 pF
3.9 pF
±5%
impedance matching capacitor
CM2
0603
3.3 pF
3.3 pF
±5%
impedance matching capacitor
LM1
0603
27 nH
27 nH
±5%
impedance matching inductor
LM2
0603
12 nH
10 nH
±5%
impedance matching inductor
CX1_FSK
0805
18 pF
18 pF
±5%
XOSC FSK capacitor (
Δf = ±20 kHz), note 1
CX1_ASK
0805
27 pF
27 pF
±5%
XOSC ASK capacitor, trimmed to fC, note 1
CX2
0805
10 pF
10 pF
±5%
XOSC capacitor (
Δf = ±20 kHz), note 1,
only needed for FSK
RPS
0603
NIP
±5%
power-select resistor, see data sheet section 4.6
CB0
1206
220 nF
±10%
de-coupling capacitor
CB1
0603
330 pF
±10%
de-coupling capacitor
27.13438 MHz 28.59375 MHz
XTAL
HC49/S
±30ppm cal.; ±30ppm temp.
fundamental wave crystal,
CL = 12 pF, C0, max = 7 pF, R1 = 40 Ω
CK
0805
1 nF
±10%
ROI coupling capacitor, only required for
external reference frequency input
Note 1:
depends on crystal parameters, other ∆f values can be selected with other CX1, CX2 values
NIP – not in place, may be used optionally


Similar Part No. - EVB72035

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
EVB72036 MELEXIS-EVB72036 Datasheet
535Kb / 12P
   868/915MHz FSK/ASK Transmitter Evaluation Board Description
EVB72036-315-ASK-A MELEXIS-EVB72036-315-ASK-A Datasheet
535Kb / 12P
   868/915MHz FSK/ASK Transmitter Evaluation Board Description
EVB72036-315-ASK-C MELEXIS-EVB72036-315-ASK-C Datasheet
535Kb / 12P
   868/915MHz FSK/ASK Transmitter Evaluation Board Description
EVB72036-315-FM-A MELEXIS-EVB72036-315-FM-A Datasheet
535Kb / 12P
   868/915MHz FSK/ASK Transmitter Evaluation Board Description
EVB72036-315-FM-C MELEXIS-EVB72036-315-FM-C Datasheet
535Kb / 12P
   868/915MHz FSK/ASK Transmitter Evaluation Board Description
More results

Similar Description - EVB72035

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
EVB72036 MELEXIS-EVB72036 Datasheet
535Kb / 12P
   868/915MHz FSK/ASK Transmitter Evaluation Board Description
TH72035 MELEXIS-TH72035_17 Datasheet
1Mb / 21P
   868/915MHz FSK/ASK Transmitter
TH72036 MELEXIS-TH72036_17 Datasheet
952Kb / 16P
   868/915MHz FSK/ASK Transmitter
TH72036 MELEXIS-TH72036 Datasheet
342Kb / 16P
   868/915MHz FSK/ASK Transmitter
TH72035 MELEXIS-TH72035 Datasheet
547Kb / 20P
   868/915MHz FSK/ASK Transmitter
TH7108 MELEXIS-TH7108 Datasheet
313Kb / 14P
   868/915MHz FSK/FM/ASK Transmitter
EVB72005 MELEXIS-EVB72005 Datasheet
648Kb / 14P
   315MHz FSK/ASK Transmitter Evaluation Board Description
EVB72016 MELEXIS-EVB72016 Datasheet
515Kb / 12P
   433MHz FSK/ASK Transmitter Evaluation Board Description
EVB72006 MELEXIS-EVB72006 Datasheet
516Kb / 12P
   315MHz FSK/ASK Transmitter Evaluation Board Description
EVB72015 MELEXIS-EVB72015 Datasheet
647Kb / 14P
   433MHz FSK/ASK Transmitter Evaluation Board Description
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com