Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGM8654XTS Datasheet(PDF) 2 Page - SG Micro Corp

Part # SGM8654XTS
Description  50MHz, Rail-to-Rail Output CMOS Operational Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8654XTS Datasheet(HTML) 2 Page - SG Micro Corp

  SGM8654XTS Datasheet HTML 1Page - SG Micro Corp SGM8654XTS Datasheet HTML 2Page - SG Micro Corp SGM8654XTS Datasheet HTML 3Page - SG Micro Corp SGM8654XTS Datasheet HTML 4Page - SG Micro Corp SGM8654XTS Datasheet HTML 5Page - SG Micro Corp SGM8654XTS Datasheet HTML 6Page - SG Micro Corp SGM8654XTS Datasheet HTML 7Page - SG Micro Corp SGM8654XTS Datasheet HTML 8Page - SG Micro Corp SGM8654XTS Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
SGM8651/2/3/4/5
ELECTRICAL CHARACTERISTICS :VS = +5V
(At TA = +25℃, RL = 600Ω connected to Vs/2, unless otherwise noted)
SGM8651/2/3/4/5
TYP
MIN/MAX OVER TEMPERATURE
PARAMETER
CONDITION
+25℃
+25℃
0℃
to70℃
-40℃to
85℃
-40℃to
125℃
UNITS
MIN/
MAX
DYNAMIC PERFORMANCE
Gain-Bandwidth Product(GBP)
Slew Rate
Settling Time to 0.1%
Overload Recovery Time
G = +10
G = +1, 2V Output Step
G = +1, 2 V Output Step
VIN﹒G = +VS
50
66
60
25
MHz
V/µs
ns
ns
TYP
TYP
TYP
TYP
NOISE/DISTORTION PERFORMANCE
Total Harmonic Distortion + Noise
Input Voltage Noise(
en)
Input Current Noise(In)
G = +1, f = 1kHz, VO = 2Vp-p, RL = 600Ω
f = 100kHz
f = 1MHz
f = 10kHz
16
8.7
%
nV/ Hz
nV/ Hz
f A/ Hz
TYP
TYP
TYP
TYP
DC PERFORMANCE
Input Offset Voltage (VOS)
Input Offset Voltage Drift
Input Bias Current(IB
Input offset Current(IOS
Open-Loop Gain (AOL)
VO = 0.3 V to 4.7 V, RL = 150Ω
VO = 0.2 V to 4.8 V, RL = 1KΩ
±2
4.5
6
2
80
104
±8
75
92
±8.9
74
91
±9.5
74
91
±9.8
73
80
mV
µV/℃
pA
pA
dB
dB
MAX
TYP
TYP
TYP
MIN
MIN
INPUT CHARACTERISTICS
Input Common-Mode Voltage Range
(VCM)
Common-Mode Rejection Ratio(CMRR)
VCM = - 0.1 V to + 3.5 V
-0.2 to +3.8
80
66
65
65
62
V
dB
TYP
MIN
OUTPUT CHARACTERISTICS
Output Voltage Swing from Rail
Output Current
Closed-Loop Output Impedance
RL = 150Ω
RL = 1KΩ
f<100kHz, G = +1
0.12
0.03
127
0.08
100
96
89
82
V
V
mA
TYP
TYP
MIN
TYP
POWER-DOWN DISABLE
(SGM8653/5 only)
Turn-On Time
Turn-Off Time
DISABLE Voltage-Off
DISABLE Voltage-On
220
150
0.8
2
ns
ns
V
V
TYP
TYP
MAX
MIN
POWER SUPPLY
Operating Voltage Range
Quiescent Current (per amplifier)
Supply Current when Disabled per
amplifier (SGM8653/5 only)
Power Supply Rejection Ratio (PSRR)
∆Vs = + 2.7V to + 5.5V, VCM = (-VS) + 0.5
2.3
75
80
2.5
5.5
2.9
120
67
2.7
5.5
3.4
127
67
2.7
5.5
3.8
130
65
2.7
5.5
4
137
62
V
V
mA
µA
dB
MIN
MAX
MAX
MAX
MIN
Specifications subject to change without notice.


Similar Part No. - SGM8654XTS

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8654XTS14/TR SGMICRO-SGM8654XTS14/TR Datasheet
463Kb / 18P
   CMOS Operational Amplifiers
More results

Similar Description - SGM8654XTS

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8051 SGMICRO-SGM8051 Datasheet
757Kb / 20P
   250MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
logo
SG Micro Corp
SGM8091 SGMICRO-SGM8091 Datasheet
686Kb / 17P
   350MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8061 SGMICRO-SGM8061 Datasheet
639Kb / 14P
   500MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
New Japan Radio
NJU7058 NJRC-NJU7058 Datasheet
237Kb / 8P
   Rail-to-Rail Output Quad CMOS Operational Amplifier
logo
E-CMOS Corporation
EC5912 E-CMOS-EC5912 Datasheet
605Kb / 10P
   200MHz, CMOS, Rail-to-Rail Output Operational Amplifier
logo
SG Micro Corp
SGM8067 SGMICRO-SGM8067 Datasheet
341Kb / 5P
   1.5GHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
Shenzhen Huazhimei Semi...
HM8051 HMSEMI-HM8051 Datasheet
1Mb / 18P
   250MHz Rail-to-Rail Output CMOS Operational Amplifier
logo
Texas Instruments
OPA348-Q1 TI1-OPA348-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   CMOS Rail-to-Rail Operational Amplifier
logo
Advanced Linear Devices
ALD1704A ALD-ALD1704A Datasheet
47Kb / 6P
   RAIL TO RAIL CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com