Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH72016KLD Datasheet(PDF) 8 Page - Melexis Microelectronic Systems

Part # TH72016KLD
Description  433MHz FSK/ASK Transmitter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH72016KLD Datasheet(HTML) 8 Page - Melexis Microelectronic Systems

Back Button TH72016KLD Datasheet HTML 4Page - Melexis Microelectronic Systems TH72016KLD Datasheet HTML 5Page - Melexis Microelectronic Systems TH72016KLD Datasheet HTML 6Page - Melexis Microelectronic Systems TH72016KLD Datasheet HTML 7Page - Melexis Microelectronic Systems TH72016KLD Datasheet HTML 8Page - Melexis Microelectronic Systems TH72016KLD Datasheet HTML 9Page - Melexis Microelectronic Systems TH72016KLD Datasheet HTML 10Page - Melexis Microelectronic Systems TH72016KLD Datasheet HTML 11Page - Melexis Microelectronic Systems TH72016KLD Datasheet HTML 12Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TH72016
433MHz
FSK/ASK Transmitter
39010 72016
Page 8 of 16
Data Sheet
Rev. 006
June/07
4
Electrical Characteristics
4.1
Absolute Maximum Ratings
Parameter
Symbol
Condition
Min
Max
Unit
Supply voltage
VCC
0
7.0
V
Input voltage
VIN
-0.3
VCC+0.3
V
Storage temperature
TSTG
-65
150
°C
Junction temperature
TJ
150
°C
Thermal Resistance
RthJA
49
K/W
Power dissipation
Pdiss
0.12
W
Electrostatic discharge
VESD
human body model (HBM)
according to CDF-AEC-
Q100-002
±2.0
kV
4.2
Normal Operating Conditions
Parameter
Symbol
Condition
Min
Max
Unit
Supply voltage
VCC
1.95
5.5
V
Operating temperature
TA
-40
125
°C
Input low voltage CMOS
VIL
EN, FSKDTA
0.3*VCC
V
Input high voltage CMOS
VIH
EN, FSKDTA
0.7*VCC
V
XOSC frequency
fref
set by the crystal
11.9
14
MHz
VCO frequency
fc
fc = 32 • fref
380
450
MHz
CKDIV=0, fCLK = fref / 4
3
3.5
MHz
Clock frequency
fCLK
CKDIV=1, fCLK = fref / 16
750
875
kHz
FSK deviation
Δf
depending on CX1, CX2
and crystal parameters
±2.5
±40
kHz
FSK Data rate
R
NRZ
40
kbit/s
ASK Data rate
R
NRZ
40
kbit/s
4.3
Crystal Parameters
Parameter
Symbol
Condition
Min
Max
Unit
Crystal frequency
f0
fundamental mode, AT
11.9
14
MHz
Load capacitance
CL
10
15
pF
Static capacitance
C0
7
pF
Series resistance
R1
70
Ω
Spurious response
aspur
only required for FSK
-10
dB


Similar Part No. - TH72016KLD

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH72016KLD-CAA-000-RE MELEXIS-TH72016KLD-CAA-000-RE Datasheet
375Kb / 15P
   FSK/ASK Transmitter
TH72016KLD-CAA-000-TU MELEXIS-TH72016KLD-CAA-000-TU Datasheet
375Kb / 15P
   FSK/ASK Transmitter
More results

Similar Description - TH72016KLD

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH72015 MELEXIS-TH72015_17 Datasheet
1Mb / 21P
   433MHz FSK/ASK Transmitter
TH72016 MELEXIS-TH72016_17 Datasheet
885Kb / 16P
   433MHz FSK/ASK Transmitter
MLX72013 MELEXIS-MLX72013_17 Datasheet
962Kb / 21P
   433MHz FSK/ASK Transmitter
TH72015 MELEXIS-TH72015 Datasheet
559Kb / 20P
   433MHz FSK/ASK Transmitter
TH7107 MELEXIS-TH7107 Datasheet
376Kb / 16P
   315/433MHz FSK/FM/ASK Transmitter
EVB72015 MELEXIS-EVB72015 Datasheet
647Kb / 14P
   433MHz FSK/ASK Transmitter Evaluation Board Description
EVB72016 MELEXIS-EVB72016 Datasheet
515Kb / 12P
   433MHz FSK/ASK Transmitter Evaluation Board Description
TH72011 MELEXIS-TH72011 Datasheet
529Kb / 20P
   433MHz FSK Transmitter
TH72011 MELEXIS-TH72011_17 Datasheet
1Mb / 21P
   433MHz FSK Transmitter
TH72012 MELEXIS-TH72012 Datasheet
517Kb / 20P
   433MHz ASK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com