Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVB72006-315-FM-C Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # EVB72006-315-FM-C
Description  315MHz FSK/ASK Transmitter Evaluation Board Description
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

EVB72006-315-FM-C Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  EVB72006-315-FM-C Datasheet HTML 1Page - Melexis Microelectronic Systems EVB72006-315-FM-C Datasheet HTML 2Page - Melexis Microelectronic Systems EVB72006-315-FM-C Datasheet HTML 3Page - Melexis Microelectronic Systems EVB72006-315-FM-C Datasheet HTML 4Page - Melexis Microelectronic Systems EVB72006-315-FM-C Datasheet HTML 5Page - Melexis Microelectronic Systems EVB72006-315-FM-C Datasheet HTML 6Page - Melexis Microelectronic Systems EVB72006-315-FM-C Datasheet HTML 7Page - Melexis Microelectronic Systems EVB72006-315-FM-C Datasheet HTML 8Page - Melexis Microelectronic Systems EVB72006-315-FM-C Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
EVB72006
315MHz FSK/ASK Transmitter
Evaluation Board Description
39012 72006 01
Page 1 of 12
EVB Description
Rev. 004
Dec/07
Features
!
Fully integrated PLL-stabilized VCO
!
Frequency range from 290 MHz to 350 MHz
!
Single-ended RF output
!
FSK through crystal pulling allows modulation
from DC to 40 kbit/s
!
High FSK deviation possible for wideband data
transmission
!
ASK achieved by on/off keying of internal
power amplifier up to 40 kbit/s
!
Wide power supply range from 1.95 V to 5.5 V
!
Microcontroller clock output
!
Very low standby current
!
On-chip low voltage detector
!
High over-all frequency accuracy
!
FSK deviation and center frequency indepen-
dently adjustable
!
Adjustable output power range from
-12 dBm to +11 dBm (at 50
Ω)
!
Adjustable current consumption from
3.6 mA to 10.7 mA
!
Conforms to FCC part 15 and similar standards
Ordering Information
Part No. (see paragraph 5)
EVB72006-315-FSK-C
Note:
EVB default population is FSK, ASK modification according to section 3.1.
Application Examples
!
General digital data transmission
!
Tire Pressure Monitoring Systems (TPMS)
!
Remote Keyless Entry (RKE)
!
Wireless access control
!
Alarm and security systems
!
Garage door openers
!
Remote Controls
!
Home and building automation
!
Low-power telemetry systems
Evaluation Board Example
General Description
The TH72006 evaluation board is designed to demonstrate the performance of the transmitter IC for conduc-
tive measurements. The power amplifier is matched to 50 Ohms by means of a
π-matching network to oper-
ate at a resonant frequency of 315 MHz.
The EVB72006 also features a clock output applicable to drive a microcontroller. The clock frequency can be
selected by an external logic signal.


Similar Part No. - EVB72006-315-FM-C

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
EVB72005 MELEXIS-EVB72005 Datasheet
648Kb / 14P
   315MHz FSK/ASK Transmitter Evaluation Board Description
EVB72005-315-ASK-A MELEXIS-EVB72005-315-ASK-A Datasheet
648Kb / 14P
   315MHz FSK/ASK Transmitter Evaluation Board Description
EVB72005-315-ASK-C MELEXIS-EVB72005-315-ASK-C Datasheet
648Kb / 14P
   315MHz FSK/ASK Transmitter Evaluation Board Description
EVB72005-315-FM-A MELEXIS-EVB72005-315-FM-A Datasheet
648Kb / 14P
   315MHz FSK/ASK Transmitter Evaluation Board Description
EVB72005-315-FM-C MELEXIS-EVB72005-315-FM-C Datasheet
648Kb / 14P
   315MHz FSK/ASK Transmitter Evaluation Board Description
More results

Similar Description - EVB72006-315-FM-C

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
EVB72005 MELEXIS-EVB72005 Datasheet
648Kb / 14P
   315MHz FSK/ASK Transmitter Evaluation Board Description
EVB72016 MELEXIS-EVB72016 Datasheet
515Kb / 12P
   433MHz FSK/ASK Transmitter Evaluation Board Description
EVB72015 MELEXIS-EVB72015 Datasheet
647Kb / 14P
   433MHz FSK/ASK Transmitter Evaluation Board Description
EVB72035 MELEXIS-EVB72035 Datasheet
628Kb / 14P
   868/915MHz FSK/ASK Transmitter Evaluation Board Description
EVB72036 MELEXIS-EVB72036 Datasheet
535Kb / 12P
   868/915MHz FSK/ASK Transmitter Evaluation Board Description
TH72006 MELEXIS-TH72006 Datasheet
339Kb / 16P
   315MHz FSK/ASK Transmitter
TH72005 MELEXIS-TH72005 Datasheet
555Kb / 20P
   315MHz FSK/ASK Transmitter
TH72005 MELEXIS-TH72005_17 Datasheet
1Mb / 21P
   315MHz FSK/ASK Transmitter
TH72002 MELEXIS-TH72002_17 Datasheet
1Mb / 21P
   315MHz ASK Transmitter
TH72001 MELEXIS-TH72001 Datasheet
524Kb / 20P
   315MHz FSK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com