Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XP1006-BD-EV1 Datasheet(PDF) 7 Page - Mimix Broadband

Part # XP1006-BD-EV1
Description  8.5-11.0 GHz GaAs MMIC Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1006-BD-EV1 Datasheet(HTML) 7 Page - Mimix Broadband

  XP1006-BD-EV1 Datasheet HTML 1Page - Mimix Broadband XP1006-BD-EV1 Datasheet HTML 2Page - Mimix Broadband XP1006-BD-EV1 Datasheet HTML 3Page - Mimix Broadband XP1006-BD-EV1 Datasheet HTML 4Page - Mimix Broadband XP1006-BD-EV1 Datasheet HTML 5Page - Mimix Broadband XP1006-BD-EV1 Datasheet HTML 6Page - Mimix Broadband XP1006-BD-EV1 Datasheet HTML 7Page - Mimix Broadband XP1006-BD-EV1 Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Page 7 of 8
8.5-11.0 GHz GaAs MMIC
Power Amplifier
Mimix Asia, Inc. (a subsidiary of Mimix Broadband, Inc.)
3F, 3-2 Industry East IX Road, Science-Based Industrial Park • Hsinchu, Taiwan, R.O.C
Tel +886-3-567-9680 • Fax +886-3-567-9433 • mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
August 2007 - Rev 03-Aug-07
P1006-BD
MTTF
Bias Conditions: Vd1=Vd2=Vd3=8.0V, Id(TOTAL)=4.2A
MTTF is calculated from accelerated life-time data of single devices and assumes an isothermal back-plate.
XP1006, MTTF with RF Power Applied
1.0E-01
1.0E+00
1.0E+01
1.0E+02
1.0E+03
1.0E+04
1.0E+05
1.0E+06
20
30
40
50
60
70
80
90
100
110
120
Backplate Temperature (C)
100% DC duty cycle
50% DC duty cycle
30% DC duty cycle
10% DC duty cycle
XP1006, MTTF without RF Power
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
1.0E+03
1.0E+04
1.0E+05
20
30
40
50
60
70
80
90
100
110
120
Backplate Temperature (C)
100% DC duty cycle
50% DC duty cycle
30% DC duty cycle
10% DC duty cycle


Similar Part No. - XP1006-BD-EV1

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1006-FA MIMIX-XP1006-FA Datasheet
228Kb / 6P
   8.5-11.0 GHz GaAs Power Amplifier Flange, 10 pin
XP1006-FA MIMIX-XP1006-FA Datasheet
198Kb / 6P
   8.5-11.0 GHz GaAs Power Amplifier Flange, 10 pin
XP1006-FA-0N00 MIMIX-XP1006-FA-0N00 Datasheet
228Kb / 6P
   8.5-11.0 GHz GaAs Power Amplifier Flange, 10 pin
XP1006-FA-0N00 MIMIX-XP1006-FA-0N00 Datasheet
198Kb / 6P
   8.5-11.0 GHz GaAs Power Amplifier Flange, 10 pin
XP1006-FA-EV1 MIMIX-XP1006-FA-EV1 Datasheet
228Kb / 6P
   8.5-11.0 GHz GaAs Power Amplifier Flange, 10 pin
More results

Similar Description - XP1006-BD-EV1

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1014-BD MIMIX-XP1014-BD Datasheet
136Kb / 5P
   8.5-11.0 GHz GaAs MMIC Power Amplifier
XP1014 MIMIX-XP1014 Datasheet
165Kb / 5P
   8.5-11.0 GHz GaAs MMIC Power Amplifier
XP1006 MIMIX-XP1006 Datasheet
242Kb / 6P
   8.5-11.0 GHz GaAs MMIC Power Amplifier
XP1008 MIMIX-XP1008 Datasheet
160Kb / 6P
   11.0-16.0 GHz GaAs MMIC Power Amplifier
logo
M/A-COM Technology Solu...
MAAM71100 MA-COM-MAAM71100 Datasheet
172Kb / 3P
   GaAs MMIC Power Amplifier 7.0 - 11.0 GHz
logo
Mimix Broadband
XP1020-BD MIMIX-XP1020-BD Datasheet
308Kb / 6P
   11.0-19.0 GHz GaAs MMIC Power Amplifier
15MPA0566 MIMIX-15MPA0566 Datasheet
149Kb / 6P
   11.0-19.0 GHz GaAs MMIC Power Amplifier
logo
Cree, Inc
CMPA801B025 CREE-CMPA801B025 Datasheet
2Mb / 14P
   25 W, 8.5 - 11.0 GHz, GaN MMIC, Power Amplifier
logo
Mimix Broadband
XP1006-FA MIMIX-XP1006-FA_07 Datasheet
198Kb / 6P
   8.5-11.0 GHz GaAs Power Amplifier Flange, 10 pin
XP1006-FA MIMIX-XP1006-FA Datasheet
228Kb / 6P
   8.5-11.0 GHz GaAs Power Amplifier Flange, 10 pin
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com