Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XP1013-BD Datasheet(PDF) 1 Page - Mimix Broadband

Part # XP1013-BD
Description  17.0-26.0 GHz GaAs MMIC Power Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1013-BD Datasheet(HTML) 1 Page - Mimix Broadband

  XP1013-BD Datasheet HTML 1Page - Mimix Broadband XP1013-BD Datasheet HTML 2Page - Mimix Broadband XP1013-BD Datasheet HTML 3Page - Mimix Broadband XP1013-BD Datasheet HTML 4Page - Mimix Broadband XP1013-BD Datasheet HTML 5Page - Mimix Broadband XP1013-BD Datasheet HTML 6Page - Mimix Broadband XP1013-BD Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
August 2007 - Rev 08-Aug-07
Mimix Broadband’s three stage 17.0-26.0 GHz GaAs
MMIC power amplifier has a small signal gain of 20.0
dB with a +24.0 dBm saturated output power. This
MMIC uses Mimix Broadband’s 0.15 µm GaAs PHEMT
device model technology, and is based upon electron
beam lithography to ensure high repeatability and
uniformity. The chip has surface passivation to protect
and provide a rugged part with backside via holes
and gold metallization to allow either a conductive
epoxy or eutectic solder die attach process. This
device is well suited for Millimeter-wave
Point-to-Point Radio, LMDS, SATCOM and VSAT
applications.
17.0-26.0 GHz GaAs MMIC
Power Amplifier
Excellent Saturated Output Stage
Competitive RF/DC Bias Pin for Pin Replacement
20.0 dB Small Signal Gain
+24.0 dBm Saturated Output Power
100% On-Wafer RF, DC and Output Power Testing
100% Visual Inspection to MIL-STD-883
Method 2010
Features
General Description
Electrical Characteristics (AmbientTemperatureT = 25 oC)
Parameter
Frequency Range (f )
Input Return Loss (S11)
Output Return Loss (S22)
Small Signal Gain (S21)
Gain Flatness ( S21)
Reverse Isolation (S12)
Saturated Output Power (Psat)
Drain Bias Voltage (Vd1,2,3)
Gate Bias Voltage (Vg1,2,3)
Supply Current (Id) (Vd=6.0V, Vg=-0.7V Typical)
Units
GHz
dB
dB
dB
dB
dB
dBm
VDC
VDC
mA
Min.
17.0
-
-
-
-
-
-
-
-1.0
-
Typ.
-
10.0
10.0
20.0
+/-2.0
50.0
+24.0
+6.0
-0.7
320
Max.
26.0
-
-
-
-
-
-
+8.0
0.0
480
Absolute Maximum Ratings
Supply Voltage (Vd)
Supply Current (Id)
Gate Bias Voltage (Vg)
Input Power (Pin)
Storage Temperature (Tstg)
Operating Temperature (Ta)
Channel Temperature (Tch)
+9.0 VDC
650 mA
+0.3 VDC
+5.0 dBm
-65 to +165 OC
-55 to MTTF Table
MTTF Table
Chip Device Layout
Page 1 of 7
1
(1) Channel temperature affects a device's MTTF. It is
recommended to keep channel temperature as low as
possible for maximum life.
1
P1013-BD
XP1013-BD


Similar Part No. - XP1013-BD

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
XP1013-BD MA-COM-XP1013-BD Datasheet
461Kb / 7P
   17.0-26.0 GHz GaAs MMIC
XP1013-BD MA-COM-XP1013-BD_15 Datasheet
461Kb / 7P
   Power Amplifier
More results

Similar Description - XP1013-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1013 MIMIX-XP1013 Datasheet
1Mb / 7P
   17.0-26.0 GHz GaAs MMIC Power Amplifier
logo
M/A-COM Technology Solu...
XP1013-BD MA-COM-XP1013-BD Datasheet
461Kb / 7P
   17.0-26.0 GHz GaAs MMIC
logo
Mimix Broadband
XP1001 MIMIX-XP1001 Datasheet
248Kb / 6P
   26.0-40.0 GHz GaAs MMIC Power Amplifier
XP1019-BD MIMIX-XP1019-BD Datasheet
734Kb / 8P
   17.0-24.0 GHz GaAs MMIC Power Amplifier
29MPA0373 MIMIX-29MPA0373 Datasheet
250Kb / 7P
   26.0-31.0 GHz GaAs MMIC Power Amplifier
XP1024-BD MIMIX-XP1024-BD Datasheet
215Kb / 7P
   26.0-31.0 GHz GaAs MMIC Power Amplifier
XP1009 MIMIX-XP1009 Datasheet
145Kb / 6P
   17.0-21.0 GHz GaAs MMIC Power Amplifier
XP1021-BD MIMIX-XP1021-BD Datasheet
245Kb / 7P
   17.0-22.0 GHz GaAs MMIC Power Amplifier
XP1000 MIMIX-XP1000 Datasheet
995Kb / 6P
   17.0-24.0 GHz GaAs MMIC Power Amplifier
18MPA0567 MIMIX-18MPA0567 Datasheet
133Kb / 7P
   17.0-22.0 GHz GaAs MMIC Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com