Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVB72035-315-FM-C Datasheet(PDF) 6 Page - Melexis Microelectronic Systems

Part # EVB72035-315-FM-C
Description  868/915MHz FSK/ASK Transmitter Evaluation Board Description
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

EVB72035-315-FM-C Datasheet(HTML) 6 Page - Melexis Microelectronic Systems

Back Button EVB72035-315-FM-C Datasheet HTML 2Page - Melexis Microelectronic Systems EVB72035-315-FM-C Datasheet HTML 3Page - Melexis Microelectronic Systems EVB72035-315-FM-C Datasheet HTML 4Page - Melexis Microelectronic Systems EVB72035-315-FM-C Datasheet HTML 5Page - Melexis Microelectronic Systems EVB72035-315-FM-C Datasheet HTML 6Page - Melexis Microelectronic Systems EVB72035-315-FM-C Datasheet HTML 7Page - Melexis Microelectronic Systems EVB72035-315-FM-C Datasheet HTML 8Page - Melexis Microelectronic Systems EVB72035-315-FM-C Datasheet HTML 9Page - Melexis Microelectronic Systems EVB72035-315-FM-C Datasheet HTML 10Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
EVB72035
868/915MHz FSK/ASK Transmitter
Evaluation Board Description
39012 72035 01
Page 6 of 14
EVB Description
Rev. 007
June/07
2.8
Mode Control Logic
The mode control logic allows two different
modes of operation as listed in the following
table. The mode control pin ENTX is pulled-
down internally. This guarantees that the whole
circuit is shut down if this pin is left floating.
ENTX
Mode
Description
0
TX standby
TX disabled
1
TX active
TX enable
2.9
Timing Diagrams
After enabling the transmitter by the ENTX signal, the power amplifier remains inactive for the time ton, the
transmitter start-up time. The crystal oscillator starts oscillation and the PLL locks to the desired output fre-
quency within the time duration ton. After successful PLL lock, the LOCK signal turns on the power amplifier,
and then the RF carrier can be FSK or ASK modulated.
Fig. 5:
Timing diagrams for FSK and ASK modulation
For more detailed information, please refer to the latest TH72035 data sheet revision.
RF carrier
low
low
high
high
LOCK
FSKDTA
t
low
high
ENTX
t on
low
low
high
high
LOCK
ASKDTA
t
low
high
ENTX
t on


Similar Part No. - EVB72035-315-FM-C

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
EVB72036 MELEXIS-EVB72036 Datasheet
535Kb / 12P
   868/915MHz FSK/ASK Transmitter Evaluation Board Description
EVB72036-315-ASK-A MELEXIS-EVB72036-315-ASK-A Datasheet
535Kb / 12P
   868/915MHz FSK/ASK Transmitter Evaluation Board Description
EVB72036-315-ASK-C MELEXIS-EVB72036-315-ASK-C Datasheet
535Kb / 12P
   868/915MHz FSK/ASK Transmitter Evaluation Board Description
EVB72036-315-FM-A MELEXIS-EVB72036-315-FM-A Datasheet
535Kb / 12P
   868/915MHz FSK/ASK Transmitter Evaluation Board Description
EVB72036-315-FM-C MELEXIS-EVB72036-315-FM-C Datasheet
535Kb / 12P
   868/915MHz FSK/ASK Transmitter Evaluation Board Description
More results

Similar Description - EVB72035-315-FM-C

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
EVB72036 MELEXIS-EVB72036 Datasheet
535Kb / 12P
   868/915MHz FSK/ASK Transmitter Evaluation Board Description
TH72035 MELEXIS-TH72035_17 Datasheet
1Mb / 21P
   868/915MHz FSK/ASK Transmitter
TH72036 MELEXIS-TH72036_17 Datasheet
952Kb / 16P
   868/915MHz FSK/ASK Transmitter
TH72036 MELEXIS-TH72036 Datasheet
342Kb / 16P
   868/915MHz FSK/ASK Transmitter
TH72035 MELEXIS-TH72035 Datasheet
547Kb / 20P
   868/915MHz FSK/ASK Transmitter
TH7108 MELEXIS-TH7108 Datasheet
313Kb / 14P
   868/915MHz FSK/FM/ASK Transmitter
EVB72005 MELEXIS-EVB72005 Datasheet
648Kb / 14P
   315MHz FSK/ASK Transmitter Evaluation Board Description
EVB72016 MELEXIS-EVB72016 Datasheet
515Kb / 12P
   433MHz FSK/ASK Transmitter Evaluation Board Description
EVB72006 MELEXIS-EVB72006 Datasheet
516Kb / 12P
   315MHz FSK/ASK Transmitter Evaluation Board Description
EVB72015 MELEXIS-EVB72015 Datasheet
647Kb / 14P
   433MHz FSK/ASK Transmitter Evaluation Board Description
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com