Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH72005KLD Datasheet(PDF) 7 Page - Melexis Microelectronic Systems

Part # TH72005KLD
Description  315MHz FSK/ASK Transmitter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH72005KLD Datasheet(HTML) 7 Page - Melexis Microelectronic Systems

Back Button TH72005KLD Datasheet HTML 3Page - Melexis Microelectronic Systems TH72005KLD Datasheet HTML 4Page - Melexis Microelectronic Systems TH72005KLD Datasheet HTML 5Page - Melexis Microelectronic Systems TH72005KLD Datasheet HTML 6Page - Melexis Microelectronic Systems TH72005KLD Datasheet HTML 7Page - Melexis Microelectronic Systems TH72005KLD Datasheet HTML 8Page - Melexis Microelectronic Systems TH72005KLD Datasheet HTML 9Page - Melexis Microelectronic Systems TH72005KLD Datasheet HTML 10Page - Melexis Microelectronic Systems TH72005KLD Datasheet HTML 11Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
TH72005
315MHz
FSK/ASK Transmitter
39010 72005
Page 7 of 20
Data Sheet
Rev. 008
June/07
3
Pin Definition and Description
Pin No.
Name
I/O Type
Functional Schematic
Description
1
ASKDTA
input
1.5k
Ω
1
0: ENTX=1
1: ENTX=0
ASKDTA
ASK data input,
CMOS compatible with op-
eration mode dependent
pull-up circuit
TX standby: no pull-up
TX active: pull up
2
FSKDTA
input
1.5k
Ω
2
0: ENTX=1
1: ENTX=0
FSKDTA
FSK data input,
CMOS compatible with op-
eration mode dependent
pull-up circuit
TX standby: no pull-up
TX active: pull up
3
FSKSW
analog I/O
FSKSW
3
XOSC FSK pulling pin,
MOS switch
4
ROI
analog I/O
ROI
4
36p
36p
25k
XOSC connection to XTAL,
Colpitts type crystal oscilla-
tor
5
ENTX
input
ENTX
5
1.5k
Ω
mode control input,
CMOS-compatible with in-
ternal pull-down circuit
6
PSEL
analog I/O
PSEL
6
1.5k
Ω
8µA
power select input, high
impedance comparator logic
TX standby: IPSEL = 0
TX active: IPSEL = 8µA
7
VEE
ground
negative power supply
8
OUT
output
OUT
8
VEE
VEE
VCC
power amplifier output,
open collector
9
VEE
ground
negative power supply
10
VCC
supply
positive power supply


Similar Part No. - TH72005KLD

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH72005KLDBAA-000RE MELEXIS-TH72005KLDBAA-000RE Datasheet
850Kb / 20P
   FSK/ASK Transmitter
TH72005KLDBAA-000TU MELEXIS-TH72005KLDBAA-000TU Datasheet
850Kb / 20P
   FSK/ASK Transmitter
More results

Similar Description - TH72005KLD

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH72006 MELEXIS-TH72006 Datasheet
339Kb / 16P
   315MHz FSK/ASK Transmitter
TH72005 MELEXIS-TH72005_17 Datasheet
1Mb / 21P
   315MHz FSK/ASK Transmitter
EVB72005 MELEXIS-EVB72005 Datasheet
648Kb / 14P
   315MHz FSK/ASK Transmitter Evaluation Board Description
EVB72006 MELEXIS-EVB72006 Datasheet
516Kb / 12P
   315MHz FSK/ASK Transmitter Evaluation Board Description
TH72002 MELEXIS-TH72002_17 Datasheet
1Mb / 21P
   315MHz ASK Transmitter
TH72001 MELEXIS-TH72001 Datasheet
524Kb / 20P
   315MHz FSK Transmitter
TH72001 MELEXIS-TH72001_17 Datasheet
1Mb / 23P
   315MHz FSK Transmitter
logo
Infineon Technologies A...
TDA5251F1 INFINEON-TDA5251F1 Datasheet
2Mb / 88P
   ASK/FSK 315MHz Wireless Transceiver
Version 1.0, 2003-02-18
TDA5251F1 INFINEON-TDA5251F1_07 Datasheet
2Mb / 88P
   ASK/FSK 315MHz Wireless Transceiver
Version 1.1, 2007-02-26
logo
Melexis Microelectronic...
MLX72013 MELEXIS-MLX72013 Datasheet
411Kb / 21P
   FSK/ASK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com