Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XP1016-BD Datasheet(PDF) 2 Page - Mimix Broadband

Part # XP1016-BD
Description  43.5-46.5 GHz GaAs MMIC Power Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1016-BD Datasheet(HTML) 2 Page - Mimix Broadband

  XP1016-BD Datasheet HTML 1Page - Mimix Broadband XP1016-BD Datasheet HTML 2Page - Mimix Broadband XP1016-BD Datasheet HTML 3Page - Mimix Broadband XP1016-BD Datasheet HTML 4Page - Mimix Broadband XP1016-BD Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Power Amplifier Measurements
43.5-46.5 GHz GaAs MMIC
Power Amplifier
Page 2 of 5
XP1016-BD_ a er s eep: Po t s Fre at Pin =14 dBm
20
20.5
21
21.5
22
22.5
23
23.5
24
24.5
25
25.5
26
26.5
27
27.5
28
42.5
43
43.5
44
44.5
45
45.5
freq (GHz)
30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
Frequency (GHz)
XP1016-BD Vd = 5V , I d1=I d2=180 mA, I d3=360 mA
-30
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
Frequency (GHz)
XP1016-BD Vd = 5V, Id1=I d2=180 mA, I d3=360 mA
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
16
18
20
30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
Frequency (GHz)
XP1016-BD Vd = 5V, I d1=I d2=180mA, I d3=360mA
-30
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
16
18
20
30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
Frequency (GHz)
XP1016-BD Vd = 5V, I d1=I d2=180mA, Id3=360mA
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
August 2007 - Rev 11-Aug-07
P1016-BD


Similar Part No. - XP1016-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1016-BD MIMIX-XP1016-BD Datasheet
998Kb / 8P
   43.5-46.5 GHz GaAs MMIC
XP1016-BD MIMIX-XP1016-BD_10 Datasheet
998Kb / 8P
   43.5-46.5 GHz GaAs MMIC
More results

Similar Description - XP1016-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1015 MIMIX-XP1015 Datasheet
1Mb / 5P
   43.5-46.5 GHz GaAs MMIC Power Amplifier
XP1028-BD MIMIX-XP1028-BD Datasheet
345Kb / 5P
   43.5-46.5 GHz GaAs MMIC Power Amplifier
44MPA0478 MIMIX-44MPA0478 Datasheet
436Kb / 5P
   43.5-46.5 GHz GaAs MMIC Power Amplifier
XP1016 MIMIX-XP1016 Datasheet
673Kb / 5P
   43.5-46.5 GHz GaAs MMIC Power Amplifier
XP1015-BD MIMIX-XP1015-BD Datasheet
228Kb / 5P
   43.5-46.5 GHz GaAs MMIC Power Amplifier
XP1016-BD MIMIX-XP1016-BD_10 Datasheet
998Kb / 8P
   43.5-46.5 GHz GaAs MMIC
XP1015-BD MIMIX-XP1015-BD_10 Datasheet
1,002Kb / 8P
   43.5-46.5 GHz GaAs MMIC
logo
Hittite Microwave Corpo...
HMC969 HITTITE-HMC969 Datasheet
859Kb / 10P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, 40 - 43.5 GHz
logo
List of Unclassifed Man...
HMC1093 ETC2-HMC1093 Datasheet
514Kb / 10P
   GaAs MMIC SUB HARMONIC MIXER, 37 - 46.5 GHz
logo
TriQuint Semiconductor
TGA4543 TRIQUINT-TGA4543 Datasheet
1Mb / 13P
   40.5 - 43.5 GHz Power Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com