Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVB71122C-868-FSK-C Datasheet(PDF) 7 Page - Melexis Microelectronic Systems

Part # EVB71122C-868-FSK-C
Description  300 to 930MHz Receiver Evaluation Board Description
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

EVB71122C-868-FSK-C Datasheet(HTML) 7 Page - Melexis Microelectronic Systems

Back Button EVB71122C-868-FSK-C Datasheet HTML 3Page - Melexis Microelectronic Systems EVB71122C-868-FSK-C Datasheet HTML 4Page - Melexis Microelectronic Systems EVB71122C-868-FSK-C Datasheet HTML 5Page - Melexis Microelectronic Systems EVB71122C-868-FSK-C Datasheet HTML 6Page - Melexis Microelectronic Systems EVB71122C-868-FSK-C Datasheet HTML 7Page - Melexis Microelectronic Systems EVB71122C-868-FSK-C Datasheet HTML 8Page - Melexis Microelectronic Systems EVB71122C-868-FSK-C Datasheet HTML 9Page - Melexis Microelectronic Systems EVB71122C-868-FSK-C Datasheet HTML 10Page - Melexis Microelectronic Systems EVB71122C-868-FSK-C Datasheet HTML 11Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
PR
EL
IM
INA
RY
EVB71122
300 to 930MHz Receiver
Evaluation Board Description
39012 71122 01
Page 7 of 32
EVB Description
Rev. 001
Sept/06
2
Functional Description
2.1
Frequency Planning
Because of the double conversion architecture that employs two mixers and two IF signals, there are four
different combinations for injecting the LO1 and LO2 signals:
LO1 high side and LO2 high side:
receiving at fRF(high-high)
LO1 high side and LO2 low side:
receiving at fRF(high-low)
LO1 low side and LO2 high side:
receiving at fRF(low-high)
LO1 low side and LO2 low side:
receiving at fRF(low-low)
As a result, four different radio frequencies (RFs) could yield one and the same second IF (IF2). Fig. 2
shows this for the case of receiving at fRF(high-high). In the example of Fig. 2, the image signals at fRF(low-
high) and fRF(low-low) are suppressed by the bandpass characteristic provided by the RF front-end. The
bandpass shape can be achieved either with a SAW filter (featuring just a couple of MHz bandwidth), or by
the tank circuits at the LNA input and output (this typically yields 30 to 60MHz bandwidth). In any case, the
high value of the first IF (IF1) helps to suppress the image signals at fRF(low-high) and fRF(low-low).
The two remaining signals at IF1 resulting from fRF(high-high) and fRF(high-low) are entering the second
mixer MIX2. This mixer features image rejection with so-called single-sideband (SSB) selection. This means
either the upper or lower sideband of IF1 can be selected. In the example of Fig. 2, LO2 high-side injection
has been chosen to select the IF2 signal resulting from fRF(high-high).
Fig. 2:
The four receiving frequencies in a double conversion superhet receiver
It can be seen from the block diagram of Fig. 1 that there is a fixed relationship between the LO1 signal fre-
quency fLO1 and the LO2 signal frequency fLO2.
LO2
LO1
LO2
f
f
N
LO2DIV
=
=
(1)
The LO1 signal frequency fLO1 is directly synthesized from the crystal reference oscillator frequency fRO by
means of an integer-N PLL synthesizer. The PLL consists of a dual-modulus prescaler (P/P+1), a program
counter N and a swallow counter A.
tot
PFD
PFD
RO
LO1
N
f
A)
P
(N
f
A)
P
(N
R
f
f
=
+
=
+
=
(2)
f
LO2
f
LO2
f
LO1
f
RF
f
RF
f
RF
f
RF


Similar Part No. - EVB71122C-868-FSK-C

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
EVB71122-315-C MELEXIS-EVB71122-315-C Datasheet
1Mb / 31P
   300 to 930MHz Receiver Evaluation Board Description
EVB71122-433-C MELEXIS-EVB71122-433-C Datasheet
1Mb / 31P
   300 to 930MHz Receiver Evaluation Board Description
EVB71122-868-C MELEXIS-EVB71122-868-C Datasheet
1Mb / 31P
   300 to 930MHz Receiver Evaluation Board Description
EVB71122-915-C MELEXIS-EVB71122-915-C Datasheet
1Mb / 31P
   300 to 930MHz Receiver Evaluation Board Description
EVB71122 MELEXIS-EVB71122_15 Datasheet
1Mb / 31P
   300 to 930MHz Receiver Evaluation Board Description
More results

Similar Description - EVB71122C-868-FSK-C

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
EVB71120 MELEXIS-EVB71120_15 Datasheet
1Mb / 18P
   300 to 930MHz Receiver Evaluation Board Description
EVB71122 MELEXIS-EVB71122_15 Datasheet
1Mb / 31P
   300 to 930MHz Receiver Evaluation Board Description
EVB71120 MELEXIS-EVB71120 Datasheet
1Mb / 18P
   300 to 930MHz Receiver Evaluation Board Description
EVB71121 MELEXIS-EVB71121 Datasheet
1Mb / 18P
   300 to 930MHz Receiver Evaluation Board Description
EVB7122 MELEXIS-EVB7122 Datasheet
807Kb / 24P
   27 to 930MHz Transceiver Evaluation Board Description
MLX71121 MELEXIS-MLX71121 Datasheet
665Kb / 28P
   300 to 930MHz FSK/FM/ASK Receiver
EVB71112 MELEXIS-EVB71112 Datasheet
628Kb / 14P
   868/915MHz Receiver Evaluation Board Description
MLX71122 MELEXIS-MLX71122_16 Datasheet
2Mb / 59P
   300 to 930MHz FSK/FM/ASK Receiver
EVB71102 MELEXIS-EVB71102 Datasheet
627Kb / 14P
   315/433MHz Receiver Evaluation Board Description
MLX71120 MELEXIS-MLX71120 Datasheet
707Kb / 30P
   300 to 930MHz FSK/FM/ASK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com