Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90277EGOSR1-1 Datasheet(PDF) 8 Page - Melexis Microelectronic Systems

Part # MLX90277EGOSR1-1
Description  Dual Programmable Linear Hall Effect Sensor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90277EGOSR1-1 Datasheet(HTML) 8 Page - Melexis Microelectronic Systems

Back Button MLX90277EGOSR1-1 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90277EGOSR1-1 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90277EGOSR1-1 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90277EGOSR1-1 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90277EGOSR1-1 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90277EGOSR1-1 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90277EGOSR1-1 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90277EGOSR1-1 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90277EGOSR1-1 Datasheet HTML 12Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
MLX90277
Dual Programmable Linear Hall Effect Sensor
3901090277
Page 8 of 21
Data Sheet
Rev 004
Nov/06
10.1 Output Quiescent Voltage (VOQ)
Two parameters, AGND and OFFSET, are used for adjustment of the VOQ. The AGND is a 10 bit parameter
for coarse adjustment of VOQ. It has a resolution of approximately 0.014V and a range of -100%VDD to
200%VDD. The OFFSET is a 10 bit parameter with a resolution of approximately -0.005V. The OFFSET
parameter is used for fine adjustment of the VOQ, while the AGND parameter is used to set the range. The
large adjustable range allows the MLX90277 to be used in an unipolar magnetic system without limiting the
output voltage span. The formula below shows how the AGND and OFFSET parameters combine to set the
VOQ.
V
V
OQ
DD
OFFSET
V
AGND
V
V
V
00
.
5
1023
0
.
5
1023
25
.
14
75
.
0
=
+
+
=
This formula approximates the typical VOQ of the MLX90277's individual sensors. The actual VOQ formula
varies slightly from IC to IC. Melexis calibrates the AGND setting during final test so that the VOQ is
approximately 50%VDD with OFFSET set to 512. This gives the VOQ a range of 0%VDD to 100%VDD without
adjusting the AGND value. The OFFSET parameter is often used to set the application's offset output
transfer characteristic.
10.2 Thermal VOQ Drift (DRIFT)
The Thermal VOQ Drift is tuned using 4 bits. This parameter, DRIFT, is calibrated for each unit by Melexis
during final test. The value is set to achieve a VOQ accuracy below 10mV over a temperature span of 25°C to
150°C. This parameter is not used by the end customer.
10.3 Sensitivity, Rough Gain and Fine Gain
The Sensitivity of the MLX90277's individual sensors is controlled through parameters linked to dedicated
internal amplification stages. The parameter Rough Gain (RG), or pre-amplifier, has 4 bits for adjustment of
two stages. The two MSB affect the Differential Input Differential Output (DIDO) stage. The two LSB effect
the Differential to Single output (DTS) stage. The gain of both the DIDO and DTS are multiplied to get the
total RG. The table below shows typical values of the small signal amplifier gain vs. the parameter RG. The
pre-amplifier is chopper stabilized and the refresh frequency is adapted automatically to the RG setting to
match the chopper gain-bandwidth product.
Rough Gain (MSB LSB)
DIDO
DTS
Gain
00 (00 00)
16
1.0
16
01 (00 01)
16
1.5
24
02 (00 10)
16
2.33
37
03 (00 11)
16
4.0
64
04 (01 00)
39
1.0
39
05 (01 01)
39
1.5
59
06 (01 10)
39
2.33
91
07 (01 11)
39
4.0
156
08 (10 00)
82
1.0
82
09 (10 01)
82
1.5
123
10 (10 10)
82
2.33
191
11 (10 11)
82
4.0
328
12 (11 00)
205
1.0
205
13 (11 01)
205
1.5
308
14 (11 10)
205
2.33
477
15 (11 11)
205
4.0
820
Table 8: MLX90277 Rough Gain Small Signal Amplifier Gain


Similar Part No. - MLX90277EGOSR1-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90210 ETC-MLX90210 Datasheet
30Kb / 3P
   Pressure Sensor IC
logo
Melexis Microelectronic...
MLX90210 MELEXIS-MLX90210 Datasheet
117Kb / 3P
   Pressure Sensor IC
MLX90210 MELEXIS-MLX90210 Datasheet
125Kb / 3P
   Pressure Sensor /C
MLX90210CUFAAA-000WB MELEXIS-MLX90210CUFAAA-000WB Datasheet
125Kb / 3P
   Pressure Sensor /C
MLX90210 MELEXIS-MLX90210_12 Datasheet
125Kb / 3P
   Pressure Sensor /C
More results

Similar Description - MLX90277EGOSR1-1

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL805 MICRONAS-HAL805 Datasheet
373Kb / 24P
   Programmable Linear Hall Effect Sensor
HAL817 MICRONAS-HAL817 Datasheet
839Kb / 30P
   Programmable Linear Hall-Effect Sensor
logo
Melexis Microelectronic...
MLX90251 MELEXIS-MLX90251 Datasheet
472Kb / 22P
   Programmable Linear Hall Effect Sensor
logo
Micronas
HAL805-1 MICRONAS-HAL805-1 Datasheet
916Kb / 30P
   Programmable Linear Hall-Effect Sensor
HAL810 MICRONAS-HAL810 Datasheet
1Mb / 30P
   Programmable Linear Hall-Effect Sensor
HAL815 MICRONAS-HAL815_1 Datasheet
912Kb / 30P
   Programmable Linear Hall-Effect Sensor
HAL880 MICRONAS-HAL880_1 Datasheet
131Kb / 2P
   Programmable Linear Hall-Effect Sensor
HAL1820UA-A MICRONAS-HAL1820UA-A Datasheet
414Kb / 25P
   Programmable Linear Hall Effect Sensor
HAL800 MICRONAS-HAL800 Datasheet
347Kb / 24P
   Programmable Linear Hall Effect Sensor
HAL880 MICRONAS-HAL880 Datasheet
1Mb / 34P
   Programmable Linear Hall-Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com