Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS0100-2.5 Datasheet(PDF) 2 Page - Power IC Ltd.

Part # PS0100-2.5
Description  600mA Synchronous Boost Converter with Output Disconnect
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICSEMI [Power IC Ltd.]
Direct Link  
Logo PICSEMI - Power IC Ltd.

PS0100-2.5 Datasheet(HTML) 2 Page - Power IC Ltd.

  PS0100-2.5 Datasheet HTML 1Page - Power IC Ltd. PS0100-2.5 Datasheet HTML 2Page - Power IC Ltd. PS0100-2.5 Datasheet HTML 3Page - Power IC Ltd. PS0100-2.5 Datasheet HTML 4Page - Power IC Ltd. PS0100-2.5 Datasheet HTML 5Page - Power IC Ltd. PS0100-2.5 Datasheet HTML 6Page - Power IC Ltd. PS0100-2.5 Datasheet HTML 7Page - Power IC Ltd. PS0100-2.5 Datasheet HTML 8Page - Power IC Ltd. PS0100-2.5 Datasheet HTML 9Page - Power IC Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PS0100
PIN CONFIGURATION
PIN DESIGNATOR
Name
Pin
Type
Function
SW
1
Switch
Connects inductor between SW and VIN
GND
2
Ground
Ground pin
FB
3
Feedback
Adjustable feedback input, connects to resistor voltage divider
SHUTB
4
Shutdown input
SHUTB = High: normal operation (Supports both TTL and CMOS logic)
VOUT
5
Analog output
Boost regulator output
VIN
6
Battery input
Boost regulator input
ORDERING INFORMATION
Part Number
Voltage
Junction Temperature Range
Package
PS0100A
Adj.
-40
°C to 85°C
SOT-26
PS0100 – 2.5
2.5
-40
°C to 85°C
SOT-26
PS0100 – 2.8
2.8
-40
°C to 85°C
SOT-26
PS0100 – 3.0
3.0
-40
°C to 85°C
SOT-26
PS0100 – 3.3
3.3
-40
°C to 85°C
SOT-26
July 2007
www.picsemi.com
© 2007 Power IC. All Rights Reserved.
2


Similar Part No. - PS0100-2.5

ManufacturerPart #DatasheetDescription
logo
CUI INC
PS01 CUI-PS01 Datasheet
327Kb / 5P
   PRESSURE SENSOR
12/14/2021
PS01-A100KP-3W CUI-PS01-A100KP-3W Datasheet
327Kb / 5P
   PRESSURE SENSOR
12/14/2021
PS01-A250KP-3W CUI-PS01-A250KP-3W Datasheet
327Kb / 5P
   PRESSURE SENSOR
12/14/2021
PS01-A350KP-3W CUI-PS01-A350KP-3W Datasheet
327Kb / 5P
   PRESSURE SENSOR
12/14/2021
PS01-A600KP-3W CUI-PS01-A600KP-3W Datasheet
327Kb / 5P
   PRESSURE SENSOR
12/14/2021
More results

Similar Description - PS0100-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3429 LINER-LTC3429 Datasheet
198Kb / 12P
   600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
LTC3429B LINER-LTC3429B_15 Datasheet
204Kb / 12P
   600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
logo
Kingbor Technology Co
KB3436 KINGBOR-KB3436 Datasheet
164Kb / 11P
   600mA, 650kHz Micropower Synchronous Boost Converter with Output Disconnect
logo
Linear Technology
LTC3429 LINER-LTC3429_15 Datasheet
204Kb / 12P
   600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
logo
Power IC Ltd.
PS0020 PICSEMI-PS0020 Datasheet
156Kb / 10P
   Low Iq Synchronous Boost Converter with Output Disconnect
logo
Leshan Radio Company
LR8425 LRC-LR8425 Datasheet
164Kb / 7P
   5A, 500KHz Synchronous Boost Converter with Output Disconnect
logo
Shenzhen Huazhimei Semi...
HM7065 HMSEMI-HM7065 Datasheet
329Kb / 7P
   5A, 500KHz Synchronous Boost Converter with Output Disconnect
logo
Leshan Radio Company
LR8406 LRC-LR8406 Datasheet
618Kb / 22P
   1.2A, 1.2MHz Synchronous Boost Converter with Output Disconnect
logo
Monolithic Power System...
MP3120 MPS-MP3120 Datasheet
712Kb / 10P
   1.2A, 1.1MHz Synchronous Boost Converter with Output Disconnect
logo
Leshan Radio Company
LR8421 LRC-LR8421 Datasheet
179Kb / 7P
   5A, 500KHz Synchronous Boost Converter with Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com