Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90277EGOSR1-2 Datasheet(PDF) 9 Page - Melexis Microelectronic Systems

Part # MLX90277EGOSR1-2
Description  Dual Programmable Linear Hall Effect Sensor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90277EGOSR1-2 Datasheet(HTML) 9 Page - Melexis Microelectronic Systems

Back Button MLX90277EGOSR1-2 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90277EGOSR1-2 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90277EGOSR1-2 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90277EGOSR1-2 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90277EGOSR1-2 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90277EGOSR1-2 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90277EGOSR1-2 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90277EGOSR1-2 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90277EGOSR1-2 Datasheet HTML 13Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
MLX90277
Dual Programmable Linear Hall Effect Sensor
3901090277
Page 9 of 21
Data Sheet
Rev 004
Nov/06
The MLX90277 sensors also have an additional stage, Fine Gain, for fine tuning the Sensitivity. The stage
(parameter FG) follows the RG and provides a 10 bit adjustment. The small signal gain of the FG is within
1.0 and 2.5. The RG and FG parameters are adjusted in the application to calibrate the sensitivity (gain) and
output slope transfer characteristic of the device. The function for the fine gain is given in the following
equation:
1023
*
6
.
0
1
1
FG
Gain
Fine
=
Note. The one bit parameter INVERT is used to fix the “sign” of the sensitivity. A value of 0 makes the gain
positive and the output voltage increases in response to a South magnetic field. A value of 1 makes the gain
negative and the output voltage decrease in response to a South magnetic field. Refer to section 10.5,
Sensitivity Polarity for more information on INVERT.
10.4 Sensitivity Range Selection
Each unit is characterized over temperature during final test to optimize its performance and accuracy. To
achieve the best possible Sensitivity Temperature Compensation, TempCo., each unit is optimized for use
within a specific Sensitivity range. This is represented in the ordering information by the option code. There
are four available ranges, option codes 0, 1, 2 and 3. The option code corresponds with the two MSB of the
RG parameter. Each device is tested to meet the TempCo specification in the Sensitivity range determined
by the RG parameter (RG = 0…3, RG = 4…7, RG = 8...11 or RG = 12…15), regardless of the FG parameter.
The Sensitivity range is selected independently for Sensor A and Sensor B. Melexis may limit the available
combinations.
Option Code
Rough Gain
Sensitivity Range
(mV/mT)
Typical Magnetic Field Range
(mT, BMAX - BMIN)
0
0-3 (00 xx)
2.6 < S < 15
333 < B < 800
1
4-7 (01 xx)
10 < S < 35
156 < B < 333
2
8-11 (10 xx)
18 < S < 90
62 < B < 156
3
12-15 (11 xx)
50 < S < 210
6 < B < 62
Table 9: Optimized Sensitivity Range
The next figures show the typical Sensitivity versus the FG and RG parameters. The gray areas are
representative of the chip to chip dispersion (i.e.: for the same RG and FG parameters, the Sensitivity can
vary from chip to chip). There is large overlap between the different ranges for use of one range for
applications with large magnetic and/or mechanical dispersions. The Sensitivity graphs and tables can be
used to select the right device type for the application. If one is unsure of the application’s magnetic design
and the desired Sensitivity range Melexis recommends option code 2.


Similar Part No. - MLX90277EGOSR1-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90210 ETC-MLX90210 Datasheet
30Kb / 3P
   Pressure Sensor IC
logo
Melexis Microelectronic...
MLX90210 MELEXIS-MLX90210 Datasheet
117Kb / 3P
   Pressure Sensor IC
MLX90210 MELEXIS-MLX90210 Datasheet
125Kb / 3P
   Pressure Sensor /C
MLX90210CUFAAA-000WB MELEXIS-MLX90210CUFAAA-000WB Datasheet
125Kb / 3P
   Pressure Sensor /C
MLX90210 MELEXIS-MLX90210_12 Datasheet
125Kb / 3P
   Pressure Sensor /C
More results

Similar Description - MLX90277EGOSR1-2

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL805 MICRONAS-HAL805 Datasheet
373Kb / 24P
   Programmable Linear Hall Effect Sensor
HAL817 MICRONAS-HAL817 Datasheet
839Kb / 30P
   Programmable Linear Hall-Effect Sensor
logo
Melexis Microelectronic...
MLX90251 MELEXIS-MLX90251 Datasheet
472Kb / 22P
   Programmable Linear Hall Effect Sensor
logo
Micronas
HAL805-1 MICRONAS-HAL805-1 Datasheet
916Kb / 30P
   Programmable Linear Hall-Effect Sensor
HAL810 MICRONAS-HAL810 Datasheet
1Mb / 30P
   Programmable Linear Hall-Effect Sensor
HAL815 MICRONAS-HAL815_1 Datasheet
912Kb / 30P
   Programmable Linear Hall-Effect Sensor
HAL880 MICRONAS-HAL880_1 Datasheet
131Kb / 2P
   Programmable Linear Hall-Effect Sensor
HAL1820UA-A MICRONAS-HAL1820UA-A Datasheet
414Kb / 25P
   Programmable Linear Hall Effect Sensor
HAL800 MICRONAS-HAL800 Datasheet
347Kb / 24P
   Programmable Linear Hall Effect Sensor
HAL880 MICRONAS-HAL880 Datasheet
1Mb / 34P
   Programmable Linear Hall-Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com