Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90277EGOSR2-2 Datasheet(PDF) 5 Page - Melexis Microelectronic Systems

Part # MLX90277EGOSR2-2
Description  Dual Programmable Linear Hall Effect Sensor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90277EGOSR2-2 Datasheet(HTML) 5 Page - Melexis Microelectronic Systems

  MLX90277EGOSR2-2 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90277EGOSR2-2 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90277EGOSR2-2 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90277EGOSR2-2 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90277EGOSR2-2 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90277EGOSR2-2 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90277EGOSR2-2 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90277EGOSR2-2 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90277EGOSR2-2 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
MLX90277
Dual Programmable Linear Hall Effect Sensor
3901090277
Page 5 of 21
Data Sheet
Rev 004
Nov/06
6 General Electrical Specifications
DC operating parameters at VDD = 5V (unless otherwise specified) and for TA as specified by the temperature
range (E).
Parameter
Symbol
Test Conditions
Min
Typical Max
Units
Nominal Supply Voltage
VDDNOM
-
5
-
V
Operating Supply Voltage
VDD†
4.5
-
5.5
V
Nominal Supply Current
IDDNOM
VDD = VDDNOM
4.0
7.0
8.0
mA
Supply Current
IDD
VDD = 4.5 … 5.5 V
3.0
-
9.0
mA
VOUTPD
Pull Down Load ≥ 10 k
no clamping
2
96
%VDD
Output Voltage Swing
VOUTPU
Pull Up Load ≥ 10 k
no clamping
5
97
%VDD
Output Current
IOUT
VDD = VDDNOM
-1.25
1.25
mA
Output Short-Circuit Current
IOUTSC+
IOUTSC-
VDD = VDDNOM
Output shorted to supply-permanent
Output shorted to ground-permanent
-12
4
-4
12
mA
mA
VOUT1
Broken supply,
Pull-down load > 10 k
0
0.5
VOUT2
Broken ground,
Pull-down load > 10 k
94
96
100
VOUT3
Broken supply,
Pull-up load > 10 k
0
3
5
Diagnostic Output Voltage
VOUT4
Broken ground,
Pull-up load > 10 k
99.5
100
%VDD
%VDD
%VDD
%VDD
Power on Reset
VDD_POR
Voltage on VDD
1.5
3.8
V
Over Voltage Detection
VDD_OVD
Voltage on VDD
6.5
8.5
V
Substrate Insulation
RDIES
200VDC across VSS1 and VSS2
0
50
µA
Table 3: Electrical Specifications
The ratiometric output voltage is proportional to the supply voltage. When using the supply voltage as a
reference for an A/D converter, fluctuations of ±10% in supply voltage are compensated.


Similar Part No. - MLX90277EGOSR2-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90210 ETC-MLX90210 Datasheet
30Kb / 3P
   Pressure Sensor IC
logo
Melexis Microelectronic...
MLX90210 MELEXIS-MLX90210 Datasheet
117Kb / 3P
   Pressure Sensor IC
MLX90210 MELEXIS-MLX90210 Datasheet
125Kb / 3P
   Pressure Sensor /C
MLX90210CUFAAA-000WB MELEXIS-MLX90210CUFAAA-000WB Datasheet
125Kb / 3P
   Pressure Sensor /C
MLX90210 MELEXIS-MLX90210_12 Datasheet
125Kb / 3P
   Pressure Sensor /C
More results

Similar Description - MLX90277EGOSR2-2

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL805 MICRONAS-HAL805 Datasheet
373Kb / 24P
   Programmable Linear Hall Effect Sensor
HAL817 MICRONAS-HAL817 Datasheet
839Kb / 30P
   Programmable Linear Hall-Effect Sensor
logo
Melexis Microelectronic...
MLX90251 MELEXIS-MLX90251 Datasheet
472Kb / 22P
   Programmable Linear Hall Effect Sensor
logo
Micronas
HAL805-1 MICRONAS-HAL805-1 Datasheet
916Kb / 30P
   Programmable Linear Hall-Effect Sensor
HAL810 MICRONAS-HAL810 Datasheet
1Mb / 30P
   Programmable Linear Hall-Effect Sensor
HAL815 MICRONAS-HAL815_1 Datasheet
912Kb / 30P
   Programmable Linear Hall-Effect Sensor
HAL880 MICRONAS-HAL880_1 Datasheet
131Kb / 2P
   Programmable Linear Hall-Effect Sensor
HAL1820UA-A MICRONAS-HAL1820UA-A Datasheet
414Kb / 25P
   Programmable Linear Hall Effect Sensor
HAL800 MICRONAS-HAL800 Datasheet
347Kb / 24P
   Programmable Linear Hall Effect Sensor
HAL880 MICRONAS-HAL880 Datasheet
1Mb / 34P
   Programmable Linear Hall-Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com