Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90277EGOSR2-2 Datasheet(PDF) 6 Page - Melexis Microelectronic Systems

Part # MLX90277EGOSR2-2
Description  Dual Programmable Linear Hall Effect Sensor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90277EGOSR2-2 Datasheet(HTML) 6 Page - Melexis Microelectronic Systems

Back Button MLX90277EGOSR2-2 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90277EGOSR2-2 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90277EGOSR2-2 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90277EGOSR2-2 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90277EGOSR2-2 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90277EGOSR2-2 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90277EGOSR2-2 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90277EGOSR2-2 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90277EGOSR2-2 Datasheet HTML 10Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
MLX90277
Dual Programmable Linear Hall Effect Sensor
3901090277
Page 6 of 21
Data Sheet
Rev 004
Nov/06
7 Programming Range
TA programming 20°C to 30°C.
Parameter
Symbol
Test Conditions
Min
Typical Max
Units
Output Quiescent Voltage
VOQ
AGND = Default
AGND = 0…1023
-10
-100
110
200
%VDD
%VDD
Sensitivity
S
2.6
210
mV/mT
Output Clamping Voltage Low
ClampLo
0
100
%VDD
Output Clamping Voltage High
ClampHi
0
100
%VDD
Temperature Compensation
TempCo
1st order
0
2300
ppm / °C
Table 4: Programming Range Specifications
8 Timing Specifications
DC operating parameters at VDD = 5V (unless otherwise specified) and for TA as specified by the temperature
range (E).
Parameter
Symbol
Test Conditions
Min
Typical Max
Units
Power On Delay
TPO
FILTER = 0, RG = 0
FILTER = 0, RG = 15
FILTER = 15, RG = 0
FILTER = 15, RG = 15
0.4
0.6
1.1
5
0.8
1.2
2.2
10
ms
ms
ms
ms
Step Response Time
RG = 0 to 3, FILTER = 0
RG = 4 to 7, FILTER = 0
RG = 8 to 11, FILTER = 0
RG = 12 to 15, FILTER = 0
24
48
100
200
32
64
132
264
µs
µs
µs
µs
Table 5: Timing Specifications
9 Accuracy
DC operating parameters at VDD = 5V (unless otherwise specified) and for TA as specified by the temperature
range (E).
Parameter
Symbol
††
Test Conditions
Min
Typical Max
Units
Thermal Voq Drift
TVOQ
VOQ = 2.5V(1), 25
°C / 150°C
VOQ = 2.5V(1), 25
°C / -40°C
- 0.2
- 0.4
+ 0.2
+ 0.4
%VDD
%VDD
Life Time Drift of the Thermal
Voq Drift
LTVOQ
- 0.2
+ 0.2
%VDD
Life Time Voq Drift
LVOQ
- 0.3
+ 0.3
%VDD
Life Time Sensitivity Drift
LS
- 1
+ 1
%
Sensitivity Temperature
Coefficient
TCs
0 to 500 ppm /
°C
500 to 1200 ppm /
°C
1200 to 2300 ppm /
°C
± 100
± 150
± 200
ppm /
°C
ppm /
°C
ppm /
°C
Thermal Drift of Sensitivity
Temperature Compensation
TTC
150
ppm /
°C
Thermal Drift Output Clamping
Levels
TVOUTCLAMP
- 0.4
+ 0.4
%VDD
Life Time Drift Output Clamping
Levels
LVOUTCLAMP
- 0.2
+ 0.2
%VDD
Linearity error
Le
0.2
%
Table 6: Accuracy Specifications


Similar Part No. - MLX90277EGOSR2-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90210 ETC-MLX90210 Datasheet
30Kb / 3P
   Pressure Sensor IC
logo
Melexis Microelectronic...
MLX90210 MELEXIS-MLX90210 Datasheet
117Kb / 3P
   Pressure Sensor IC
MLX90210 MELEXIS-MLX90210 Datasheet
125Kb / 3P
   Pressure Sensor /C
MLX90210CUFAAA-000WB MELEXIS-MLX90210CUFAAA-000WB Datasheet
125Kb / 3P
   Pressure Sensor /C
MLX90210 MELEXIS-MLX90210_12 Datasheet
125Kb / 3P
   Pressure Sensor /C
More results

Similar Description - MLX90277EGOSR2-2

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL805 MICRONAS-HAL805 Datasheet
373Kb / 24P
   Programmable Linear Hall Effect Sensor
HAL817 MICRONAS-HAL817 Datasheet
839Kb / 30P
   Programmable Linear Hall-Effect Sensor
logo
Melexis Microelectronic...
MLX90251 MELEXIS-MLX90251 Datasheet
472Kb / 22P
   Programmable Linear Hall Effect Sensor
logo
Micronas
HAL805-1 MICRONAS-HAL805-1 Datasheet
916Kb / 30P
   Programmable Linear Hall-Effect Sensor
HAL810 MICRONAS-HAL810 Datasheet
1Mb / 30P
   Programmable Linear Hall-Effect Sensor
HAL815 MICRONAS-HAL815_1 Datasheet
912Kb / 30P
   Programmable Linear Hall-Effect Sensor
HAL880 MICRONAS-HAL880_1 Datasheet
131Kb / 2P
   Programmable Linear Hall-Effect Sensor
HAL1820UA-A MICRONAS-HAL1820UA-A Datasheet
414Kb / 25P
   Programmable Linear Hall Effect Sensor
HAL800 MICRONAS-HAL800 Datasheet
347Kb / 24P
   Programmable Linear Hall Effect Sensor
HAL880 MICRONAS-HAL880 Datasheet
1Mb / 34P
   Programmable Linear Hall-Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com