Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8012IRZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL8012IRZ
Description  2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8012IRZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL8012IRZ Datasheet HTML 1Page - Intersil Corporation ISL8012IRZ Datasheet HTML 2Page - Intersil Corporation ISL8012IRZ Datasheet HTML 3Page - Intersil Corporation ISL8012IRZ Datasheet HTML 4Page - Intersil Corporation ISL8012IRZ Datasheet HTML 5Page - Intersil Corporation ISL8012IRZ Datasheet HTML 6Page - Intersil Corporation ISL8012IRZ Datasheet HTML 7Page - Intersil Corporation ISL8012IRZ Datasheet HTML 8Page - Intersil Corporation ISL8012IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
FN6616.0
March 11, 2008
LX Minimum On-Time
MODE = low (forced PWM mode)
80
100
ns
Soft-Start-Up Time
VIN = 3.6V
1.1
ms
PG
Output Low Voltage
Sinking 1mA, VFB = 0.7V
0.3
V
Delay Time
1ms
PG Pin Leakage Current
PG = VIN = 3.6V
0.01
0.1
µA
Minimum Supply Voltage for Valid PG Signal
1.2
V
Internal PGOOD Low Rising Threshold
Percentage of nominal regulation voltage
89
92
95
%
Internal PGOOD Low Falling Threshold
Percentage of nominal regulation voltage
85
88
91
%
Internal PGOOD High Rising Threshold
Percentage of nominal regulation voltage
107
110
113
%
Internal PGOOD High Falling Threshold
Percentage of nominal regulation voltage
104
107
110
%
Internal PGOOD Delay Time
30
µs
EN, MODE, RSI
Logic Input Low
0.4
V
Logic Input High
1.4
V
Logic Input Leakage Current
Pulled up to 5.5V
0.1
1
µA
Electrical Specifications
Unless otherwise noted, all parameter limits are established over the recommended operating conditions and
the typical specifications are measured at the following conditions: TA = -40°C to +85°C, VIN = 3.6V, EN = VCC,
unless otherwise noted. Typical values are at TA = +25°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 4)
TYP
MAX
(Note 4)
UNITS
ISL8012


Similar Part No. - ISL8012IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8012IRZ INTERSIL-ISL8012IRZ Datasheet
1Mb / 16P
   2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8012IRZ RENESAS-ISL8012IRZ Datasheet
1Mb / 17P
   2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
More results

Similar Description - ISL8012IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8012 RENESAS-ISL8012 Datasheet
1Mb / 17P
   2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8012 INTERSIL-ISL8012_10 Datasheet
1Mb / 16P
   2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8014IRZ-T INTERSIL-ISL8014IRZ-T Datasheet
1Mb / 16P
   Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8013A RENESAS-ISL8013A Datasheet
2Mb / 16P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8013A INTERSIL-ISL8013A Datasheet
1Mb / 17P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8014A INTERSIL-ISL8014A Datasheet
1Mb / 15P
   4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8014 INTERSIL-ISL8014 Datasheet
1Mb / 16P
   4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8014A RENESAS-ISL8014A Datasheet
1Mb / 16P
   4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8013 INTERSIL-ISL8013 Datasheet
1Mb / 16P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8013 RENESAS-ISL8013 Datasheet
2Mb / 18P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com