Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL2211-28UZ Datasheet(PDF) 9 Page - Power IC Ltd.

Part # PL2211-28UZ
Description  Dual Low Noise LDO in 3mm횞3mm MLF
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICSEMI [Power IC Ltd.]
Direct Link  
Logo PICSEMI - Power IC Ltd.

PL2211-28UZ Datasheet(HTML) 9 Page - Power IC Ltd.

  PL2211-28UZ Datasheet HTML 1Page - Power IC Ltd. PL2211-28UZ Datasheet HTML 2Page - Power IC Ltd. PL2211-28UZ Datasheet HTML 3Page - Power IC Ltd. PL2211-28UZ Datasheet HTML 4Page - Power IC Ltd. PL2211-28UZ Datasheet HTML 5Page - Power IC Ltd. PL2211-28UZ Datasheet HTML 6Page - Power IC Ltd. PL2211-28UZ Datasheet HTML 7Page - Power IC Ltd. PL2211-28UZ Datasheet HTML 8Page - Power IC Ltd. PL2211-28UZ Datasheet HTML 9Page - Power IC Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
DISCLAIMERS
LIFE SUPPORT
Power IC’s products are not designed to be used as components in devices intended to support or sustain
human life. Use of Power IC’s products in components intended for surgical implant into the body, or other
applications in which failure of Power IC’s products could create a situation where personal death or injury may
occur, is not authorized without the express written approval of Power IC’s Chief Executive Officer. Power IC
will not be held liable for any damages or claims resulting from the use of its products in medical applications.
MILITARY
Power IC's products are not designed for use in military applications. Use of Power IC’s products in military
applications is not authorized without the express written approval of Power IC’s Chief Executive Officer. Power
IC will not be held liable for any damages or claims resulting from the use of its products in military
applications.
RIGHT TO MAKE CHANGES
Power IC reserves the right to change this document and/or this product without notice. Customers are
advised to consult their Power IC sales representative before ordering.
July 2007
www.picsemi.com
© 2007 Power IC. All Rights Reserved.
9


Similar Part No. - PL2211-28UZ

ManufacturerPart #DatasheetDescription
logo
Power IC Ltd.
PL2211-28UZ PICSEMI-PL2211-28UZ Datasheet
365Kb / 9P
   300mA Low Noise Dual LDO
More results

Similar Description - PL2211-28UZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HIP6211 ETC2-HIP6211 Datasheet
206Kb / 9P
   Dual Low Noise LDO in 3mm횞3mm MLF?
logo
Micrel Semiconductor
MIC2211 MICREL-MIC2211 Datasheet
197Kb / 9P
   Dual UCap LDO in 3mm 횞 3mm MLF?
MIC5330 MICREL-MIC5330 Datasheet
284Kb / 10P
   Dual, 300mA UCap LDO in 2mm x 2mm MLF
MIC5310 MICREL-MIC5310 Datasheet
282Kb / 10P
   Dual, 150mA uCap LDO in 2mm x 2mm MLF
logo
RICOH electronics devic...
RP150K RICOH-RP150K Datasheet
811Kb / 28P
   LOW NOISE Dual 300mA LDO
logo
Unisonic Technologies
LR7XXYY UTC-LR7XXYY Datasheet
195Kb / 7P
   LOW NOISE DUAL 300mA LDO
logo
Power IC Ltd.
PL2211 PICSEMI-PL2211 Datasheet
365Kb / 9P
   300mA Low Noise Dual LDO
logo
RICOH electronics devic...
RP150K001 RICOH-RP150K001_17 Datasheet
320Kb / 26P
   LOW NOISE Dual 300mA LDO
logo
List of Unclassifed Man...
CM2730 ETC-CM2730 Datasheet
267Kb / 10P
   300mA DUAL LOW NOISE CMOS LDO
logo
ACE Technology Co., LTD...
ACE510 ACE-ACE510 Datasheet
229Kb / 9P
   Dual, Low noise, 150mA LDO regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com