Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6596 Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6596
Description  VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6596 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6596 Datasheet HTML 6Page - Intersil Corporation ISL6596 Datasheet HTML 7Page - Intersil Corporation ISL6596 Datasheet HTML 8Page - Intersil Corporation ISL6596 Datasheet HTML 9Page - Intersil Corporation ISL6596 Datasheet HTML 10Page - Intersil Corporation ISL6596 Datasheet HTML 11Page - Intersil Corporation ISL6596 Datasheet HTML 12Page - Intersil Corporation ISL6596 Datasheet HTML 13Page - Intersil Corporation ISL6596 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
10
FN6482.0
February 26, 2008
THERMAL MONITORING AND FAN CONTROL
TM Input Voltage for VR_FAN Trip
38.7
39.1
39.6
%VCC
TM Input Voltage for VR_FAN Reset
44.6
45.1
45.5
%VCC
TM Input Voltage for VR_HOT Trip
32.9
33.3
33.7
%VCC
TM Input Voltage for VR_HOT Reset
38.7
39.1
39.6
%VCC
Leakage Current of VR_FAN
With external pull-up resistor connected to VCC
-
-
5
µA
VR_FAN Low Voltage
With 1.24k resistor pull-up to VCC, IVR_FAN = 4mA
-
-
0.3
V
Leakage Current of VR_HOT
With external pull-up resistor connected to VCC
-
-
5
µA
VR_HOT Low Voltage
With 1.24k resistor pull-up to VCC, IVR_HOT = 4mA
-
-
0.3
V
VR READY AND PROTECTION MONITORS
Leakage Current of VR_RDY
With pull-up resistor externally connected to VCC
-
-
5
µA
VR_RDY Low Voltage
IVR_RDY = 4mA
-
-
0.3
V
Undervoltage Threshold
VDIFF Falling
48
50
52
%VID
VR_RDY Reset Voltage
VDIFF Rising
57
59.6
62
%VID
Overvoltage Protection Threshold
Before valid VID
1.250
1.273
1.300
V
After valid VID, the voltage above VID
158
175
190
mV
Overvoltage Protection Reset Hysteresis
-
100
-
mV
NOTES:
3. These parts are designed and adjusted for accuracy with all errors in the voltage loop included.
4. Limits should be considered typical and are not production tested.
5. During soft-start, VDAC rises from 0V to 1.1V first and then ramp to VID voltage after receiving valid VID.
6. Soft-start ramp rate is determined by the adjustable soft-start oscillator frequency at the speed of 6.25mV per cycle.
7. Parts are 100% tested at +25°C. Temperature limits established by characterization and are not production tested.
Electrical Specifications
Operating Conditions: VCC = 5V, Unless Otherwise Specified. (Continued)
PARAMETER
TEST CONDITIONS
MIN
(Note 7)
TYP
MAX
(Note 7)
UNITS
ISL6334, ISL6334A


Similar Part No. - ISL6596

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6596 INTERSIL-ISL6596 Datasheet
222Kb / 11P
   Synchronous Rectified MOSFET Driver
ISL6596 INTERSIL-ISL6596 Datasheet
1Mb / 44P
   Dual 6-Phase 1-Phase PWM Controller for VR12/IMVP7 Applications
ISL6596 INTERSIL-ISL6596 Datasheet
1Mb / 44P
   Dual 4-Phase 1-Phase PWM Controller for VR12/IMVP7 Applications
logo
Renesas Technology Corp
ISL6596 RENESAS-ISL6596 Datasheet
689Kb / 13P
   Synchronous Rectified MOSFET Driver
logo
Intersil Corporation
ISL6596 INTERSIL-ISL6596 Datasheet
219Kb / 11P
   Synchronous Rectified MOSFET Driver
January 22, 2010
More results

Similar Description - ISL6596

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6334AR5368 RENESAS-ISL6334AR5368 Datasheet
1Mb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
logo
Intersil Corporation
ISL6334IRZ INTERSIL-ISL6334IRZ Datasheet
611Kb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
February 1, 2013
ISL6334AR5368 INTERSIL-ISL6334AR5368 Datasheet
565Kb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
logo
Renesas Technology Corp
ISL6334B RENESAS-ISL6334B Datasheet
1Mb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
logo
Intersil Corporation
ISL6334AR5368 INTERSIL-ISL6334AR5368 Datasheet
562Kb / 30P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
logo
Renesas Technology Corp
ISL6334 RENESAS-ISL6334 Datasheet
1Mb / 31P
   VR11.1, 4-Phase PWM Controller with Light-Load Efficiency Enhancement and Load Current Monitoring Features
logo
Intersil Corporation
ISL6334ACRZ-T INTERSIL-ISL6334ACRZ-T Datasheet
598Kb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
ISL6336B INTERSIL-ISL6336B Datasheet
1,020Kb / 31P
   6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring
ISL6336CRZ-T INTERSIL-ISL6336CRZ-T Datasheet
686Kb / 31P
   6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring
ISL6336 INTERSIL-ISL6336 Datasheet
686Kb / 31P
   6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com