Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90308LDF Datasheet(PDF) 8 Page - Melexis Microelectronic Systems

Part # MLX90308LDF
Description  Programmable Sensor Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90308LDF Datasheet(HTML) 8 Page - Melexis Microelectronic Systems

Back Button MLX90308LDF Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90308LDF Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90308LDF Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90308LDF Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90308LDF Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90308LDF Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90308LDF Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90308LDF Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90308LDF Datasheet HTML 12Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
MLX90308
Programmable Sensor Interface
3901090308
Page 8
Apr/04
Rev 006
Pin
Signal
Name
Description
1,2
I/O1, 2
Bi-directional I/O. Can also be used as input to A/D converter. I/O can be
controlled by serial communications or by firmware as alarm inputs or level
out. (unconnected when not used)
3
TSTB
Test pin for Melexis production testing. (in normal application connected to
VDD)
4
FLT
Filter pin; allows for connection of a capacitor to the internal analog path.
5
OFC
Offset control output. Provides access to the internal programmed offset
control voltage for use with external circuitry. (unconnected when not used)
6,7
VBN,VBP
Bridge inputs, negative and positive.
8
TMP
Temperature sensor input. An external temperature sensor can be used in
conjunction with the internal one. The external sensor can provide a
temperature reading at the location of the bridge sensor.
9
VDD
Regulated supply voltage. Used for internal analog circuitry to ensure accurate
and stable signal manipulation.
10
FET
Regulator FET gate control. For generating a stable supply for the bridge
sensor and internal analog circuitry (generates regulated voltage for VDD).
11
VDD1
Unregulated supply voltage. Used for digital circuitry and to generate FET
output.
12
VMO
Voltage mode output. Compensated sensor output voltage.
13
CMO
Current mode output. Compensated sensor output for current mode operation.
14
CMN
Current mode negative rail. Current mode return path.
15
GND
Power supply return.
16
COMS
Serial communications pin. Bi-directional serial communication signal for
reading and writing to the EEPROM.
Table 3. Pin Description
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
IO1
IO2
TSTB
FLT
OFC
VBN
VBP
TMP
COMS
GND
CMN
CMO
VMO
VDD1
FET
VDD
Figure 2. Pinout (SO16W (LW) Package)


Similar Part No. - MLX90308LDF

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90308LDFDAA-000RE MELEXIS-MLX90308LDFDAA-000RE Datasheet
1Mb / 28P
   Programmable Sensor Interface
MLX90308LDFDAA-000TU MELEXIS-MLX90308LDFDAA-000TU Datasheet
1Mb / 28P
   Programmable Sensor Interface
More results

Similar Description - MLX90308LDF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90308CAB ETC1-MLX90308CAB Datasheet
522Kb / 26P
   Programmable Sensor Interface
logo
Micro Electronics
MLX90308CCC MICRO-ELECTRONICS-MLX90308CCC Datasheet
494Kb / 26P
   Programmable Sensor Interface
logo
Melexis Microelectronic...
MLX90314 MELEXIS-MLX90314 Datasheet
3Mb / 28P
   Programmable Sensor Interface
MLX90314 MELEXIS-MLX90314_17 Datasheet
1Mb / 33P
   Programmable Sensor Interface
logo
List of Unclassifed Man...
MLX90314 ETC-MLX90314 Datasheet
495Kb / 26P
   Programmable Sensor Interface
logo
Melexis Microelectronic...
MLX90314 MELEXIS-MLX90314_12 Datasheet
996Kb / 28P
   Programmable Sensor Interface
MLX90308 MELEXIS-MLX90308_12 Datasheet
1Mb / 28P
   Programmable Sensor Interface
logo
List of Unclassifed Man...
MLX90313 ETC-MLX90313 Datasheet
562Kb / 35P
   Programmable IR Sensor Interface
logo
Mixed Signal Integratio...
MSSPSI MSI-MSSPSI Datasheet
93Kb / 16P
   Smart Programmable Sensor Interface
MSCPSI MSI-MSCPSI Datasheet
123Kb / 17P
   Controller Programmable Sensor Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com