Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6614 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL6614
Description  VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6614 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL6614 Datasheet HTML 1Page - Intersil Corporation ISL6614 Datasheet HTML 2Page - Intersil Corporation ISL6614 Datasheet HTML 3Page - Intersil Corporation ISL6614 Datasheet HTML 4Page - Intersil Corporation ISL6614 Datasheet HTML 5Page - Intersil Corporation ISL6614 Datasheet HTML 6Page - Intersil Corporation ISL6614 Datasheet HTML 7Page - Intersil Corporation ISL6614 Datasheet HTML 8Page - Intersil Corporation ISL6614 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
3
FN6482.0
February 26, 2008
Controller and Driver Recommendation
CONTROLLER
COMMENTS
ISL6334
When PSI# is asserted low, the remained channel transmits a special PWM protocol that can be recognized only by the dedicated
VR11.1 drivers ISL6622/ISL6620 for Diode Emulation (DCM) operation. The dropped channel remains in tri-state.
ISL6334A
When PSI# is asserted low, the remained channel transmits normal CCM PWM that can be recognized by any Intersil driver such
as ISL6612/ISL6614, ISL6596, ISL6610, and even ISL6622/ISL6620. The dropped channel remains in tri-state.
DRIVER
GATE
DRIVE
VOLTAGE
# OF
GATE
DRIVES
DIODE
EMULATION
(DE)
GATE DRIVE
DROP
(GVOT)
COMMENTS
ISL6622
12V
Dual
Yes
Yes
For PSI# channel and its coupled channel in coupled inductor
applications or all channels
ISL6622A,
ISL6622B
12V
Dual
Yes
No
For PSI# channel and its coupled channel in coupled inductor
applications or all channels.
ISL6620, ISL6620A
5V
Dual
Yes
No
For PSI# channel and its coupled channel in coupled inductor
applications or all channels
ISL6612, ISL6612A
12V
Dual
No
No
For dropped phases or all channels with ISL6634A
ISL6596
5V
Dual
No
No
For dropped phases or all channels with ISL6634A
ISL6614, ISL6614A
12V
Quad
No
No
For dropped phases or all channels with ISL6634A
ISL6610, ISL6610A
5V
Quad
No
No
For dropped phases or all channels with ISL6634A
NOTE: Note: Intersil 5V and 12V drivers are mostly pin-to-pin compatible and allow dual footprint layout to optimize MOSFET selection and efficiency.
Dual = One Synchronous Channel; Quad = Two Synchronous Channels.
ISL6334, ISL6334A


Similar Part No. - ISL6614

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6614 INTERSIL-ISL6614 Datasheet
331Kb / 12P
   Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6614 RENESAS-ISL6614 Datasheet
603Kb / 12P
   Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Intersil Corporation
ISL6614A INTERSIL-ISL6614A Datasheet
336Kb / 12P
   Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
ISL6614A INTERSIL-ISL6614A Datasheet
278Kb / 12P
   Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
logo
Renesas Technology Corp
ISL6614A RENESAS-ISL6614A Datasheet
602Kb / 12P
   Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
More results

Similar Description - ISL6614

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6334AR5368 RENESAS-ISL6334AR5368 Datasheet
1Mb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
logo
Intersil Corporation
ISL6334IRZ INTERSIL-ISL6334IRZ Datasheet
611Kb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
February 1, 2013
ISL6334AR5368 INTERSIL-ISL6334AR5368 Datasheet
565Kb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
logo
Renesas Technology Corp
ISL6334B RENESAS-ISL6334B Datasheet
1Mb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
logo
Intersil Corporation
ISL6334AR5368 INTERSIL-ISL6334AR5368 Datasheet
562Kb / 30P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
logo
Renesas Technology Corp
ISL6334 RENESAS-ISL6334 Datasheet
1Mb / 31P
   VR11.1, 4-Phase PWM Controller with Light-Load Efficiency Enhancement and Load Current Monitoring Features
logo
Intersil Corporation
ISL6334ACRZ-T INTERSIL-ISL6334ACRZ-T Datasheet
598Kb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
ISL6336B INTERSIL-ISL6336B Datasheet
1,020Kb / 31P
   6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring
ISL6336CRZ-T INTERSIL-ISL6336CRZ-T Datasheet
686Kb / 31P
   6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring
ISL6336 INTERSIL-ISL6336 Datasheet
686Kb / 31P
   6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com