Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90320LFRLFR Datasheet(PDF) 7 Page - Melexis Microelectronic Systems

Part # MLX90320LFRLFR
Description  Automotive small sensor interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90320LFRLFR Datasheet(HTML) 7 Page - Melexis Microelectronic Systems

Back Button MLX90320LFRLFR Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90320LFRLFR Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90320LFRLFR Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90320LFRLFR Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90320LFRLFR Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90320LFRLFR Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90320LFRLFR Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90320LFRLFR Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90320LFRLFR Datasheet HTML 11Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
MLX90320
Automotive small sensor interface
3901090320
Page 7 of 32
Data Sheet
Rev 004
Mar/05
Sensor offset
that can be
compensated
Depends on
gain
settings and
desired
output offset
voltage. See
Table 3 below
for an
overview.
0.4
97.2
mV/Vsupply
Output Offset
programmable
10
90
%VDD
Output Offset
resolution
0.1
%VDD
Overall non
linearity
Best fit value
±
0.1
%VDD
Wake-up time at
power up
MLX90320
operational, in
spec.
0
10
ms
Output noise
10nF FLT
capacitance
5
mVrms
Output current
capability
±
2.5
mA
Response time
Set by an
external
capacitor
0.1
ms


Similar Part No. - MLX90320LFRLFR

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90320LFRBBA-000RE MELEXIS-MLX90320LFRBBA-000RE Datasheet
621Kb / 33P
   Automotive sensor interface
MLX90320LFRBBA-000TU MELEXIS-MLX90320LFRBBA-000TU Datasheet
621Kb / 33P
   Automotive sensor interface
More results

Similar Description - MLX90320LFRLFR

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90320 MELEXIS-MLX90320_12 Datasheet
621Kb / 33P
   Automotive sensor interface
MLX90328 MELEXIS-MLX90328 Datasheet
994Kb / 16P
   Automotive Sensor Interface
logo
Zentrum Mikroelektronik...
ZMD31030 ZMD-ZMD31030 Datasheet
522Kb / 2P
   Automotive Sensor Signal Conditioner with LIN Interface
logo
Renesas Technology Corp
ZSSC4132 RENESAS-ZSSC4132 Datasheet
276Kb / 3P
   Automotive Resistive Sensor Signal Conditioner with LIN Interface
ZSSC4132 RENESAS-ZSSC4132_V01 Datasheet
291Kb / 4P
   Automotive Resistive Sensor Signal Conditioner with LIN Interface
May.19.22
logo
List of Unclassifed Man...
ZSSC3170 ETC2-ZSSC3170 Datasheet
1Mb / 27P
   Automotive Sensor Signal Conditioner with LIN and PWM Interface
logo
Renesas Technology Corp
ZSSC3170 RENESAS-ZSSC3170 Datasheet
1Mb / 31P
   Automotive Sensor Signal Conditioner with LIN and PWM Interface
logo
Integrated Device Techn...
ZSSC3170 IDT-ZSSC3170 Datasheet
653Kb / 30P
   Automotive Sensor Signal Conditioner with LIN and PWM Interface
logo
LSI Computer Systems
LS6511 LSI-LS6511 Datasheet
46Kb / 4P
   PIR SENSOR INTERFACE
LS6506R LSI-LS6506R Datasheet
240Kb / 12P
   PIR SENSOR INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com