Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVB71122B-915-FM-C Datasheet(PDF) 4 Page - Melexis Microelectronic Systems

Part # EVB71122B-915-FM-C
Description  300 to 930MHz Receiver Evaluation Board Description
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

EVB71122B-915-FM-C Datasheet(HTML) 4 Page - Melexis Microelectronic Systems

  EVB71122B-915-FM-C Datasheet HTML 1Page - Melexis Microelectronic Systems EVB71122B-915-FM-C Datasheet HTML 2Page - Melexis Microelectronic Systems EVB71122B-915-FM-C Datasheet HTML 3Page - Melexis Microelectronic Systems EVB71122B-915-FM-C Datasheet HTML 4Page - Melexis Microelectronic Systems EVB71122B-915-FM-C Datasheet HTML 5Page - Melexis Microelectronic Systems EVB71122B-915-FM-C Datasheet HTML 6Page - Melexis Microelectronic Systems EVB71122B-915-FM-C Datasheet HTML 7Page - Melexis Microelectronic Systems EVB71122B-915-FM-C Datasheet HTML 8Page - Melexis Microelectronic Systems EVB71122B-915-FM-C Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
PR
EL
IM
INA
RY
EVB71122
300 to 930MHz Receiver
Evaluation Board Description
39012 71122 01
Page 4 of 32
EVB Description
Rev. 001
Sept/06
1
Theory of Operation
1.1
General
The MLX71122 receiver architecture is based on a double-conversion super-heterodyne approach. The two
LO signals are derived from an on-chip integer-N PLL frequency synthesizer. The PLL reference frequency
is derived from a crystal (XTAL). The PLL synthesizer consists of an integrated voltage-controlled oscillator
with external inductor, a programmable feedback divider chain, a programmable reference divider, a phase-
frequency detector with a charge pump and an external loop filter.
In the receiver’s down-conversion chain, two mixers MIX1 and MIX2 are driven by the internal local oscillator
signals LO1 and LO2, respectively. The second mixer MIX2 is an image-reject mixer. As the first intermedi-
ate frequency (IF1) is very high (typically above 100 MHz), a reasonably high degree of image rejection is
provided even without using an RF front-end filter. At applications asking for very high image rejections,
cost-efficient RF front-end filtering can be realized by using a SAW filter in front of the LNA.
The receiver signal chain is setup by a low noise amplifier (LNA), two down-conversion mixers (MIX1 and
MIX2), an on-chip IF filter (IFF) as well as an IF amplifier (IFA). By choosing the required modulation via an
FSK/ASK switch (at pin MODSEL), either the on-chip FSK demodulator (FSK DEMOD) or the RSSI-based
ASK detector is selected. A second order data filter (OA1) and a data slicer (OA2) follow the demodulator.
The data slicer threshold can be generated from the mean-value of the data stream or by means of the posi-
tive and negative peak detectors (PKDET+/-).
In general the MLX71122 can be set to shut-down mode, where all receiver functions are completely turned
off, and to several other operating modes. There are two global operating modes that are selectable via the
logic level at pin SPISEL:
8-channel preconfigured mode (ABC mode)
fully programmable mode (SPI mode).
In ABC mode the number of frequency channels is limited to eight but no microcontroller programming is
required. In this case the three lines of the serial programming interface (SPI) are used to select one of the
eight predefined frequency channels via simple 3-bit parallel programming. Pins ENRX and MODSEL are
used to enable/disable the receiver and to select FSK or ASK demodulation, respectively.
SPI mode is recommended for full programming flexibility. In this case the three lines of the SPI are config-
ured as a standard 3-wire bus (SDEN, SDTA and SCLK). This allows changing many parameters of the
receiver, for example more operating modes, channels, frequency resolutions, gains, demodulation types,
data slicer settings and more. The pin MODSEL has no effect in this mode.
1.2
EVB Data Overview
! Input frequency ranges: 300 to 930MHz
! Power supply range: 3.0 to 5.5V
! Temperature range: -40 to +105°C
! Shutdown current: 50nA
! Operating current: 11mA (typ.)
! Internal IF2: 2MHz with 230kHz 3dB bandwidth
! Maximum data rate: 100kbps NRZ code,
50kbps bi-phase code
! Minimum frequency resolution: 10kHz
! Total image rejection: > 65dB (with external
RF front-end filter)
! FSK/FM deviation range: ±10 to ±50kHz
! Spurious emission: < -70dBm
! Linear RSSI range: > 70dB
! FSK input frequency acceptance range:
170kHz (3dB)
! Crystal reference frequency: 10MHz
! Input Sensitivity: at 4 kbps NRZ, BER = 3·10
-3
Frequency
315 MHZ
433 MHz
868 MHz
915 MHz
FSK: ±20 kHz deviation
-106dBm
-104dBm
-101dBm
-101dBm
ASK
-108dBm
-108dBm
-106dBm
-106dBm


Similar Part No. - EVB71122B-915-FM-C

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
EVB71122-315-C MELEXIS-EVB71122-315-C Datasheet
1Mb / 31P
   300 to 930MHz Receiver Evaluation Board Description
EVB71122-433-C MELEXIS-EVB71122-433-C Datasheet
1Mb / 31P
   300 to 930MHz Receiver Evaluation Board Description
EVB71122-868-C MELEXIS-EVB71122-868-C Datasheet
1Mb / 31P
   300 to 930MHz Receiver Evaluation Board Description
EVB71122-915-C MELEXIS-EVB71122-915-C Datasheet
1Mb / 31P
   300 to 930MHz Receiver Evaluation Board Description
EVB71122 MELEXIS-EVB71122_15 Datasheet
1Mb / 31P
   300 to 930MHz Receiver Evaluation Board Description
More results

Similar Description - EVB71122B-915-FM-C

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
EVB71120 MELEXIS-EVB71120_15 Datasheet
1Mb / 18P
   300 to 930MHz Receiver Evaluation Board Description
EVB71122 MELEXIS-EVB71122_15 Datasheet
1Mb / 31P
   300 to 930MHz Receiver Evaluation Board Description
EVB71120 MELEXIS-EVB71120 Datasheet
1Mb / 18P
   300 to 930MHz Receiver Evaluation Board Description
EVB71121 MELEXIS-EVB71121 Datasheet
1Mb / 18P
   300 to 930MHz Receiver Evaluation Board Description
EVB7122 MELEXIS-EVB7122 Datasheet
807Kb / 24P
   27 to 930MHz Transceiver Evaluation Board Description
MLX71121 MELEXIS-MLX71121 Datasheet
665Kb / 28P
   300 to 930MHz FSK/FM/ASK Receiver
EVB71112 MELEXIS-EVB71112 Datasheet
628Kb / 14P
   868/915MHz Receiver Evaluation Board Description
MLX71122 MELEXIS-MLX71122_16 Datasheet
2Mb / 59P
   300 to 930MHz FSK/FM/ASK Receiver
EVB71102 MELEXIS-EVB71102 Datasheet
627Kb / 14P
   315/433MHz Receiver Evaluation Board Description
MLX71120 MELEXIS-MLX71120 Datasheet
707Kb / 30P
   300 to 930MHz FSK/FM/ASK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com