Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90316GO Datasheet(PDF) 2 Page - Melexis Microelectronic Systems

Part # MLX90316GO
Description  Evaluation Board
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90316GO Datasheet(HTML) 2 Page - Melexis Microelectronic Systems

  MLX90316GO Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90316GO Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90316GO Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90316GO Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90316GO Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90316GO Datasheet HTML 6Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MLX90316
Evaluation Board
Demonstration Board
39xx9031601
Page 2 of 6
Apr. 06
Rev 001
C2
100nF
MLX90316
Vdd
SCLK
Test 2
Vss
Test 1
Vdig
/SS
Out
C1
100nF
C3
100nF
VDD
GND
OUT
MISO/MOSI
SCLK
/SS
1.3. PCB Drawing
Top – Copper Layer
Top – Text Layer
Bottom – Copper Layer
Bottom – Text Layer


Similar Part No. - MLX90316GO

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90316 ETC2-MLX90316 Datasheet
673Kb / 41P
   Rotary Position Sensor IC
logo
Melexis Microelectronic...
MLX90316 MELEXIS-MLX90316 Datasheet
887Kb / 45P
   Rotary Position Sensor IC
MLX90316 MELEXIS-MLX90316 Datasheet
887Kb / 45P
   Rotary Position Sensor IC
MLX90316 MELEXIS-MLX90316 Datasheet
313Kb / 9P
   Daughter Board for Melexis PTC devices
MLX90316 MELEXIS-MLX90316 Datasheet
889Kb / 48P
   Rotary Position Sensor IC
More results

Similar Description - MLX90316GO

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
   Evaluation Board
CDB5466U CIRRUS-CDB5466U Datasheet
1Mb / 21P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com