Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX10407 Datasheet(PDF) 8 Page - Melexis Microelectronic Systems

Part # MLX10407
Description  5-Channel Gauge Driver with Serial Link
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX10407 Datasheet(HTML) 8 Page - Melexis Microelectronic Systems

Back Button MLX10407 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX10407 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX10407 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX10407 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX10407 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX10407 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX10407 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX10407 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX10407 Datasheet HTML 11Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
3901010407
Page 8
Aug/02
Rev. 003
PWM Generation
1) Logometers 360° ( Logo 1 and Logo 2 ):
From the angle value received from the MCU (range [0° - 89.8°]), the 10407 generates two PWM
signals (9 bit resolution) :
The first one represents the sine PWMSIN,
The second one is the cosine PWMCOS.
The 10407 uses a 512x9 ROM containing the sine of all angular values in the range [0° -89.8°]
(note that the lsb value of the angle is not used).
An angle value greater than 90° is obtained using different quadrant values :
Q1 (D14D15 = 00) > 0° =< a < 90°
Q2 (D14D15 = 01) > 90° =< a < 180°
Q3 (D14D15 = 10) > 180° =< a < 270°
Q4 (D14D15 = 11) > 270° =< a < 360°
a is the angle value
The PWM are switched to the outputs depending on the value of the quadrant :
QUADRANT
SIN1M
SIN1P
COS1M
COS1P
D14
D15
0
0
0
PWMSIN
0
PWMCOS
0
1
0
PWMCOS PWMSIN
0
1
0
PWMSIN
0
PWMCOS
0
1
1
PWMCOS
0
0
PWMSIN
Logometer 1 is driven by outputs SIN1M/P COS1M/P,
Logometer 2 is driven by outputs SIN2M/P COS2M/P.
The PWM frequency is given by :
FPWM = FOSC / 512 (FOSC = Crystal oscillator frequency)
2) Logometers 90°
There are three separate PWM outputs for Logo 3, Logo 4 and Logo 5.


Similar Part No. - MLX10407

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX10407 ETC-MLX10407 Datasheet
93Kb / 9P
   5-Channel Gauge Driver with Serial Link
logo
Melexis Microelectronic...
MLX10407 MELEXIS-MLX10407 Datasheet
172Kb / 10P
   ACTUATOR DRIVER WITH SERIAL LINK
MLX10407 MELEXIS-MLX10407_14 Datasheet
172Kb / 10P
   ACTUATOR DRIVER WITH SERIAL LINK
More results

Similar Description - MLX10407

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX10407 ETC-MLX10407 Datasheet
93Kb / 9P
   5-Channel Gauge Driver with Serial Link
logo
Melexis Microelectronic...
MLX10407 MELEXIS-MLX10407 Datasheet
172Kb / 10P
   ACTUATOR DRIVER WITH SERIAL LINK
MLX10407 MELEXIS-MLX10407_14 Datasheet
172Kb / 10P
   ACTUATOR DRIVER WITH SERIAL LINK
MLX10420 MELEXIS-MLX10420_14 Datasheet
510Kb / 25P
   3-channel air-core gauge driver with serial interface
logo
NXP Semiconductors
SA5778 PHILIPS-SA5778 Datasheet
122Kb / 16P
   Serial triple gauge driver STGD
1998 Apr 03
logo
ON Semiconductor
CS4122 ONSEMI-CS4122 Datasheet
86Kb / 10P
   Triple Air-Core Gauge Driver with Serial Input Bus
May, 2004 ??Rev. 8
CS4122 ONSEMI-CS4122_05 Datasheet
97Kb / 9P
   Triple Air?묬ore Gauge Driver with Serial Input Bus
September, 2005 ??Rev. 9
logo
Freescale Semiconductor...
MC33199DR2 FREESCALE-MC33199DR2 Datasheet
414Kb / 18P
   Automotive ISO 9141 Serial Link Driver
MC33199 FREESCALE-MC33199 Datasheet
324Kb / 18P
   Automotive ISO 9141 Serial Link Driver
logo
Rohm
BA829 ROHM-BA829_09 Datasheet
246Kb / 8P
   Serial / Parallel 5-input Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com