Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90614ESF-DAA Datasheet(PDF) 8 Page - Melexis Microelectronic Systems

Part # MLX90614ESF-DAA
Description  Single and Dual Zone Infra Red Thermometer in TO-39
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90614ESF-DAA Datasheet(HTML) 8 Page - Melexis Microelectronic Systems

Back Button MLX90614ESF-DAA Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90614ESF-DAA Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90614ESF-DAA Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90614ESF-DAA Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90614ESF-DAA Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90614ESF-DAA Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90614ESF-DAA Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90614ESF-DAA Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90614ESF-DAA Datasheet HTML 12Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
MLX90614 family
Single and Dual Zone
Infra Red Thermometer in TO-39
3901090614
Page 8 of 40
Data Sheet
Rev 003
03/Oct/2007
7.2 MLX90614Bxx , MLX90614Dxx
All parameters are preliminary for TA = 25 ˚C, VDD =3V (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Supplies
External supply
VDD
2.4
3
3.6
V
Supply current
IDD
No load
1
2
mA
Supply current
(programming)
IDDpr
No load, erase/write EEPROM
operations
1.5
2.5
mA
Power-down supply
current
Isleep
no load
1
2.5
5
uA
Power-down supply
current
Isleep
Full temperature range
1
2.5
6
uA
Power On Reset
POR level
VPOR
Power-up, power-down and
brown-out
1.6
1.85
2.1
V
VDD rise time
TPOR
Ensure POR signal
1
ms
Output valid
Tvalid
After POR
0.15
s
Pulse width modulation
1
PWM resolution
PWMres
Data band
10
bit
PWM output period
PWMT,def
Factory default, internal oscillator
factory calibrated
1.024
ms
PWM period stability
dPWMT
Internal oscillator factory
calibrated, over the entire
operation range and supply
voltage
-4
+4
%
Output high Level
PWMHI
Isource = 2 mA
VDD-0.25
V
Output low Level
PWMLO
Isink = 2 mA
VSS+0.25
V
Output drive current
IdrivePWM
Vout,H = VDD - 0.8V
4.5
mA
Output sink current
IsinkPWM
Vout,L = 0.8V
11
mA
Output settling time
Tset
100 pF capacitive load, full
operating Ta range
150
ns
Output settling time
TsetRC
220 Ohm in series with 47nF
load on the wire, full Ta operating
range
500
ns


Similar Part No. - MLX90614ESF-DAA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90614ESF-DAA ETC2-MLX90614ESF-DAA Datasheet
808Kb / 40P
   Single and Dual Zone
logo
Melexis Microelectronic...
MLX90614ESF-DAA-000-TU MELEXIS-MLX90614ESF-DAA-000-TU Datasheet
2Mb / 51P
   Single and Dual Zone Infra Red Thermometer in TO-39
More results

Similar Description - MLX90614ESF-DAA

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
EVB90614 MELEXIS-EVB90614 Datasheet
4Mb / 52P
   Single and Dual Zone Infra Red Thermometer in TO-39
MLX90614 MELEXIS-MLX90614_15 Datasheet
2Mb / 51P
   Single and Dual Zone Infra Red Thermometer in TO-39
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614_06 Datasheet
1Mb / 35P
   Single and Dual Zone Infra Red Thermometer
logo
Melexis Microelectronic...
MLX90616 MELEXIS-MLX90616 Datasheet
1Mb / 36P
   Infra Red Thermometer in TO-39 for high temperature thermometer guns
EVB90615 MELEXIS-EVB90615 Datasheet
522Kb / 30P
   Infra Red Thermometer
MLX90615 MELEXIS-MLX90615_13 Datasheet
832Kb / 31P
   Infra Red Thermometer
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone
logo
Zetex Semiconductors
BPW41D ZETEX-BPW41D Datasheet
121Kb / 3P
   INFRA-RED PHOTODETECTOR
logo
AVAGO TECHNOLOGIES LIMI...
AEDS-9310 AVAGO-AEDS-9310 Datasheet
112Kb / 6P
   Infra-Red Wavelength
logo
Marktech Corporate
LS880PP MARKTECH-LS880PP Datasheet
65Kb / 1P
   INFRA-RED LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com