Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX16303 Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # MLX16303
Description  Bi-directional Remote Sensor Unit Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX16303 Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  MLX16303 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX16303 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX16303 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX16303 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX16303 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX16303 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX16303 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX16303 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX16303 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MLX16303
Bi-directional Remote Sensor Unit Interface
3901016303
Page 1 of 20
Data Sheet
Rev. 004
Jun/04
Features and Benefits
Two identical interface channels for remote sensor units
Two connection modes: connection to OUTx and RETx or connection to OUTx and GND
pin
16 bit Standard SPI for control and diagnosis via a microcontroller
Supply voltage for each remote unit with a supply current up to 45mA
Current limitation with an analog feed back loop for each channel
Receive data from the remote unit by current modulation with a transmission rate of
10kHz
Transmission of data to the remote unit via PWM voltage pulses
Data input/output can be directly connected to a microcontroller input/output (CMOS)
Low current consumption
All pins to the external interface are short-circuit and high-voltage protected
High immunity against cross coupling between the two channels
The current modulation provides high noise immunity for data transfer
Application
Remote automotive sensors (between ECU and sensors).
Ordering Information
Part No.
Temperature Suffix
Package Code
MLX16303
E (-40°C to 85°C)
DC (SOIC16, 150 mil)
1. Functional Diagram
Transceiver for
current
conversion or
for sending
PWM pulses
Remote unit
driver
Voltage supply
Power on
reset
Current
reference
Diagnosis circuit
(Temperature, short circuit, open circuit)
16 bit SPI interface
Remote unit
driver
Transceiver for
current
conversion or
for sending
PWM pulses
SSIO0
Vdd
Vs
Vp
Rtrip
SSIO1
CLK
CS
DI
DO
OUT0
RET0
GND0
OUT1
RET1
GND1
2. Description
This interface IC is designed for remote
automotive sensors, especially between a
main ECU and remote (sensor) units. It
contains two identical interfaces and the
main task of each interface is to supply one
remote unit and to receive digital information
from the same remote unit. It is also
possible to send data as PWM voltage
pulses to the remote unit, for example to
program the remote unit for its special
application. This is done by one active wire:
the interface supplies the external unit with
a pre-regulated voltage, the external unit
transmits the digital information back to the
interface by current modulation. A
continuous diagnosis of the IC is running in
the background. The diagnosis results can
be requested by a microcontroller using the
SPI interface.


Similar Part No. - MLX16303

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX16305 MELEXIS-MLX16305 Datasheet
1Mb / 29P
   Interlock switch sensor interface IC
MLX16305 MELEXIS-MLX16305 Datasheet
447Kb / 29P
   Interlock switch sensor interface IC
MLX16305EDC-CCA-000-RE MELEXIS-MLX16305EDC-CCA-000-RE Datasheet
447Kb / 29P
   Interlock switch sensor interface IC
MLX16305 MELEXIS-MLX16305_12 Datasheet
447Kb / 29P
   Interlock switch sensor interface IC
More results

Similar Description - MLX16303

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
DLC MSYSTEM-DLC Datasheet
287Kb / 9P
   REMOTE I/O INTERFACE UNIT
logo
Radiometrix Ltd
BD118 RADIOMETRIX-BD118 Datasheet
97Kb / 5P
   Bi-directional RF Remote Control application boards
logo
Green Power Solutions s...
GOB95023 GPSEMI-GOB95023 Datasheet
118Kb / 3P
   BI-DIRECTIONAL BI-DIRECTIONAL
GOB94018 GPSEMI-GOB94018_17 Datasheet
109Kb / 3P
   BI-DIRECTIONAL BI-DIRECTIONAL
logo
List of Unclassifed Man...
WS59820 ETC1-WS59820 Datasheet
574Kb / 9P
   CMOS / BI - DIRECTIONAL BUS INTERFACE REGISTERS
logo
Radiometrix Ltd
BL118 RADIOMETRIX-BL118 Datasheet
334Kb / 7P
   Bi-directional low power RF Remote Control boards
logo
Contec Co., Ltd
DIO-48DX-USB CONTEC-DIO-48DX-USB Datasheet
361Kb / 5P
   Bi-Directional Digital I/O Unit for USB
logo
Murata Manufacturing Co...
LXES03AAA1-098 MURATA-LXES03AAA1-098 Datasheet
175Kb / 3P
   Bi-directional
logo
List of Unclassifed Man...
G766 ETC1-G766 Datasheet
248Kb / 13P
   Remote Temperature Sensor with SMBus Serial Interface
logo
Maxim Integrated Produc...
MAX1618 MAXIM-MAX1618 Datasheet
430Kb / 20P
   Remote Temperature Sensor with SMBus Serial Interface
19-1495; Rev 1; 10/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com