Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH3122KDF Datasheet(PDF) 3 Page - Melexis Microelectronic Systems

Part # TH3122KDF
Description  K-Bus Transceiver with integrated Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH3122KDF Datasheet(HTML) 3 Page - Melexis Microelectronic Systems

  TH3122KDF Datasheet HTML 1Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 2Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 3Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 4Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 5Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 6Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 7Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 8Page - Melexis Microelectronic Systems TH3122KDF Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TH3122
K-Bus Transceiver with integrated Voltage Regulator
Dec/04
Page 3
3901003122
Rev 004
Functional Description
Figure 3 - Transmit Mode Pulse Diagram
Figure 4 - Receive Mode Pulse Diagram
BUS
RxD
t
debH
t
debL
< t
debH
< t
debL
The TH3122 consists of a voltage regulator 5V/100mA
and a K-Bus transceiver, which is a bi-directional bus
interface device for data transfer between K-Bus and the
K-Bus protocol controller.
Also integrated into the transceiver are a voltage and
time controlled reset management, power down, wake
up function and a universal comparator for extended
applications.
K-BUS Interface
The BUS Interface builds the connection between the
serial 5V bus line of the protocol controller and the 12V
K-Bus line.
The transceiver consists of a pnp-driver with slew rate
control and fold-back characteristic and contains also in
the receiver a high voltage comparator followed by a
debouncing unit.
Transmit Mode
During the transmission the data at the pin TxD will be
transferred
to
the
pin
BUS.
To
minimize
the
electromagnetic emission of the bus line, the TH3122
has an integrated slew rate control.
Receive Mode
The data at the pin BUS will be transferred to the pin
RxD. Short spikes on the bus signal are suppressed by
the implemented debouncing circuit.
Figure 2 - Block Diagram K-Bus Transceiver
POR
VBAT
POR
VCC
Control-
logic
Bit-Compare
Constant-Low
VCC
ESD
ESD
VCC
OSC
Vref
Biasing
t
debBUS
pnp-
Control
- slew rate
- I
B
- foldback
V
thH
V
thL
RxD
TxD
SENSE
BUS
t
debWake
to W ake-up
Logic
SEN/STA
TxD
BUS


Similar Part No. - TH3122KDF

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
TH310J34G AMPHENOL-TH310J34G Datasheet
95Kb / 8P
   Thermometrics
TH310J36G AMPHENOL-TH310J36G Datasheet
95Kb / 8P
   Thermometrics
TH310J39G AMPHENOL-TH310J39G Datasheet
95Kb / 8P
   Thermometrics
TH315J39G AMPHENOL-TH315J39G Datasheet
95Kb / 8P
   Thermometrics
logo
Topstek Inc.
TH31A TOPSTEK-TH31A Datasheet
131Kb / 3P
   Topstek Current Transducer
More results

Similar Description - TH3122KDF

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6623 ATMEL-ATA6623_09 Datasheet
695Kb / 23P
   LIN Bus Transceiver with Integrated Voltage Regulator
ATA6620N ATMEL-ATA6620N Datasheet
418Kb / 20P
   LIN Bus Transceiver with Integrated Voltage Regulator
ATA6620N ATMEL-ATA6620N_09 Datasheet
383Kb / 22P
   LIN Bus Transceiver with Integrated Voltage Regulator
ATA6620 ATMEL-ATA6620_06 Datasheet
325Kb / 20P
   LIN Bus Transceiver with Integrated Voltage Regulator
logo
Allegro MicroSystems
A8423 ALLEGRO-A8423 Datasheet
368Kb / 8P
   LIN Bus Transceiver with Integrated Voltage Regulator
February 9, 2004
logo
ATMEL Corporation
ATA6623C ATMEL-ATA6623C_14 Datasheet
814Kb / 22P
   LIN Bus Transceiver with Integrated Voltage Regulator
ATA6629 ATMEL-ATA6629_14 Datasheet
961Kb / 26P
   LIN Bus Transceiver with Integrated Voltage Regulator
ATA6623 ATMEL-ATA6623 Datasheet
392Kb / 22P
   LIN Bus Transceiver with Integrated Voltage Regulator
logo
ELMOS Semiconductor AG
910.18 ELMOS-910.18 Datasheet
123Kb / 2P
   lin bus transceiver with integrated voltage regulator
logo
ATMEL Corporation
ATA6631 ATMEL-ATA6631_14 Datasheet
961Kb / 26P
   LIN Bus Transceiver with Integrated Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com