Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX80001 Datasheet(PDF) 4 Page - Melexis Microelectronic Systems

Part # MLX80001
Description  4-channel Master LIN Transceiver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX80001 Datasheet(HTML) 4 Page - Melexis Microelectronic Systems

  MLX80001 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX80001 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX80001 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX80001 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX80001 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX80001 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX80001 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX80001 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX80001 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
MLX80001
4-channel Master LIN Transceiver
MLX80001 – Datasheet
Page 4 of 28
3901080001
March 2007
Rev 001
1. Functional Diagram
Wake-up
Control
VS
MODE0
LIN1
INH
Vs
monitor/
POR
Mode
Control
Sleep timer
RxDx time out
Aux.
Supply
Bandgap
Temp.
Protection
TSHD
VBG
UV/POR
LIN2
LIN4
LIN3
P1
P2
P3
4
fuse
fuse
fuse
P0
fuse
RCO
Bias
Slew rate
Adjustment
Master
Pull up
Charge
pump
Active
decoupling
diode
1K
Rec-Filter
Wake-
Filter
RxD1
Receiver
VS
Driver
control
TSHD
VCC
TxD1
MR
Filter
TxD2
RxD2
TxD3
RxD3
TxD4
RxD4
channel1
channel2
channel3
channel4
200K
MODE1
Vs
Figure 1 - Block diagram


Similar Part No. - MLX80001

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX80002 MELEXIS-MLX80002 Datasheet
2Mb / 38P
   Enhanced Universal Dual/Quad LIN Transceiver
MLX80002KLWCAA-001RE MELEXIS-MLX80002KLWCAA-001RE Datasheet
2Mb / 38P
   Enhanced Universal Dual/Quad LIN Transceiver
MLX80004 MELEXIS-MLX80004 Datasheet
2Mb / 38P
   Enhanced Universal Dual/Quad LIN Transceiver
MLX80004 MELEXIS-MLX80004 Datasheet
2Mb / 38P
   Enhanced Universal Dual/Quad LIN Transceiver
MLX80004KLWBAA-001RE MELEXIS-MLX80004KLWBAA-001RE Datasheet
2Mb / 38P
   Enhanced Universal Dual/Quad LIN Transceiver
More results

Similar Description - MLX80001

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SJA1124 NXP-SJA1124 Datasheet
524Kb / 54P
   Quad LIN master transceiver with LIN master controller
Rev. 1 ??8 May 2018
TJA1124 NXP-TJA1124 Datasheet
275Kb / 23P
   Quad LIN master transceiver
logo
ON Semiconductor
NCV7424 ONSEMI-NCV7424_15 Datasheet
138Kb / 12P
   Four Channel LIN Transceiver
May, 2015 ??Rev. 2
NCV7424D ONSEMI-NCV7424D Datasheet
178Kb / 12P
   Four Channel LIN Transceiver
August, 2013 ??Rev. 0
NCV7424 ONSEMI-NCV7424 Datasheet
178Kb / 12P
   Four Channel LIN Transceiver
August, 2013 ??Rev. 0
logo
NXP Semiconductors
TJA1020 PHILIPS-TJA1020 Datasheet
105Kb / 24P
   LIN transceiver
2002 Jul 17
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661 Datasheet
209Kb / 15P
   LIN TRANSCEIVER
ATA6663 ATMEL-ATA6663_14 Datasheet
747Kb / 19P
   LIN Transceiver
logo
AMI SEMICONDUCTOR
AMIS-30600 AMI-AMIS-30600 Datasheet
501Kb / 11P
   LIN Transceiver
logo
ON Semiconductor
NCV7380 ONSEMI-NCV7380 Datasheet
92Kb / 14P
   LIN Transceiver
May, 2004 ??Rev. P3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com