Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH72001 Datasheet(PDF) 9 Page - Melexis Microelectronic Systems

Part # TH72001
Description  315MHz FSK Transmitter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH72001 Datasheet(HTML) 9 Page - Melexis Microelectronic Systems

Back Button TH72001 Datasheet HTML 5Page - Melexis Microelectronic Systems TH72001 Datasheet HTML 6Page - Melexis Microelectronic Systems TH72001 Datasheet HTML 7Page - Melexis Microelectronic Systems TH72001 Datasheet HTML 8Page - Melexis Microelectronic Systems TH72001 Datasheet HTML 9Page - Melexis Microelectronic Systems TH72001 Datasheet HTML 10Page - Melexis Microelectronic Systems TH72001 Datasheet HTML 11Page - Melexis Microelectronic Systems TH72001 Datasheet HTML 12Page - Melexis Microelectronic Systems TH72001 Datasheet HTML 13Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
TH72001
315MHz
FSK Transmitter
3901072001
Page 9 of 20
Data Sheet
Rev. 007
June/07
4.4
DC Characteristics
all parameters under normal operating conditions, unless otherwise stated;
typical values at TA = 23 °C and VCC = 3 V
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Operating Currents
ENTX=0, TA=85°C
0.2
200
nA
Standby current
ISBY
ENTX=0, TA=125°C
4
µA
Supply current in power step 0
ICC0
ENTX=1
1.5
2.3
3.8
mA
Supply current in power step 1
ICC1
ENTX=1
2.1
3.2
4.9
mA
Supply current in power step 2
ICC2
ENTX=1
3.0
4.4
6.2
mA
Supply current in power step 3
ICC3
ENTX=1
4.5
6.2
8.5
mA
Supply current in power step 4
ICC4
ENTX=1
7.3
10.3
13.3
mA
Digital Pin Characteristics
Input low voltage CMOS
VIL
ENTX, FSKDTA pins
-0.3
0.3*Vcc
V
Input high voltage CMOS
VIH
ENTX, FSKDTA pins
0.7*VCC
VCC+0.3
V
Pull down current
ENTX pin
IPDEN
ENTX=1
0.2
2.0
20
µA
Low level input current
ENTX pin
IINLEN
ENTX=0
0.02
µA
High level input current
FSKDTA pin
IINHDTA
FSKDTA=1
0.02
µA
Pull up current
FSKDTA pin active
IPUDTAa
FSKDTA=0
ENTX=1
0.1
1.5
12
µA
Pull up current
FSKDTA pin standby
IPUDTAs
FSKDTA=0
ENTX=0
0.02
µA
FSK Switch Resistance
MOS switch On resistance
RON
FSKDTA=0
ENTX=1
20
70
Ω
MOS switch Off resistance
ROFF
FSKDTA=1
ENTX=1
1
M
Ω
Power Select Characteristics
Power select current
IPSEL
ENTX=1
7.0
8.6
9.9
µA
Power select voltage step 0
VPS0
ENTX=1
0.035
V
Power select voltage step 1
VPS1
ENTX=1
0.14
0.24
V
Power select voltage step 2
VPS2
ENTX=1
0.37
0.60
V
Power select voltage step 3
VPS3
ENTX=1
0.78
1.29
V
Power select voltage step 4
VPS4
ENTX=1
1.55
V
Low Voltage Detection Characteristic
Low voltage detect threshold
VLVD
ENTX=1
1.75
1.85
1.95
V


Similar Part No. - TH72001

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH72001 MELEXIS-TH72001 Datasheet
696Kb / 20P
   FSK Transmitter
TH72001 MELEXIS-TH72001 Datasheet
1Mb / 23P
   315MHz FSK Transmitter
TH72001KDCBAA-000RE MELEXIS-TH72001KDCBAA-000RE Datasheet
696Kb / 20P
   FSK Transmitter
TH72001KDCBAA-000TU MELEXIS-TH72001KDCBAA-000TU Datasheet
696Kb / 20P
   FSK Transmitter
TH72001 MELEXIS-TH72001_12 Datasheet
696Kb / 20P
   FSK Transmitter
More results

Similar Description - TH72001

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH72001 MELEXIS-TH72001_17 Datasheet
1Mb / 23P
   315MHz FSK Transmitter
TH72006 MELEXIS-TH72006 Datasheet
339Kb / 16P
   315MHz FSK/ASK Transmitter
TH72005 MELEXIS-TH72005 Datasheet
555Kb / 20P
   315MHz FSK/ASK Transmitter
TH72005 MELEXIS-TH72005_17 Datasheet
1Mb / 21P
   315MHz FSK/ASK Transmitter
EVB72005 MELEXIS-EVB72005 Datasheet
648Kb / 14P
   315MHz FSK/ASK Transmitter Evaluation Board Description
EVB72006 MELEXIS-EVB72006 Datasheet
516Kb / 12P
   315MHz FSK/ASK Transmitter Evaluation Board Description
logo
Sanyo Semicon Device
LV2256PTT SANYO-LV2256PTT Datasheet
61Kb / 5P
   Bi-CMOS IC 315MHz Band FSK/ASK Wireless Transmitter IC
logo
Infineon Technologies A...
TDA5251F1 INFINEON-TDA5251F1 Datasheet
2Mb / 88P
   ASK/FSK 315MHz Wireless Transceiver
Version 1.0, 2003-02-18
TDA5251F1 INFINEON-TDA5251F1_07 Datasheet
2Mb / 88P
   ASK/FSK 315MHz Wireless Transceiver
Version 1.1, 2007-02-26
logo
Melexis Microelectronic...
TH72002 MELEXIS-TH72002_17 Datasheet
1Mb / 21P
   315MHz ASK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com