Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10B1 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 10B1
Description  BIDIRECTIONAL TRANSILTM ARRAY FOR DATALINE PROTECTION
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

10B1 Datasheet(HTML) 4 Page - STMicroelectronics

  10B1 Datasheet HTML 1Page - STMicroelectronics 10B1 Datasheet HTML 2Page - STMicroelectronics 10B1 Datasheet HTML 3Page - STMicroelectronics 10B1 Datasheet HTML 4Page - STMicroelectronics 10B1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ITA6V5B1 / ITA10B1 / ITA18B1 / ITA25B1
4/5
This monolithic Transil Array is based on 6
unidirectional Transils with a common cathode and
can be configurated to offer up to 5 bidirectional
functions. This imposes a maximum differential
voltage between 2 input pins (see opposite table).
Types
Maximum differential voltage
between two input pins at 25°C
ITA6V5B1
+ / - 3.5 V
ITA10B1
+ / - 5.0 V
ITA18B1
+ / - 9.0 V
ITA25B1
+ / - 12.5 V
APPLICATION INFORMATION
ITA
25
B
1
RL
Integrated
Transil Array
V
min
BR
Bidirectional
Packaging:
RL = Tape & reel
= Tube
Package: SO-8 Plastic
ORDER CODE
Typical application : RS232 junction.
GND
CTS
RTS
TX
RX


Similar Part No. - 10B1

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
10B DIOTEC-10B Datasheet
296Kb / 2P
   Surface mount Silicon Planar Zener Diodes
logo
Aeroflex Circuit Techno...
10B-2001 AEROFLEX-10B-2001 Datasheet
85Kb / 2P
   Military-Grade 10BASE-T interface module
logo
Pulse A Technitrol Comp...
10B-2001 PULSE-10B-2001 Datasheet
552Kb / 3P
   MILITARY GRADE 10BASE-T INTERFACE MODULE
logo
PANDUIT CORP.
10B015EG PANDUIT-10B015EG Datasheet
32Kb / 1P
   POLYESTER ELASTIC
logo
Microdc power Technolog...
10B2403ZMD MICRODC-10B2403ZMD Datasheet
434Kb / 3P
   10W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - 10B1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ITA6V5B3 STMICROELECTRONICS-ITA6V5B3 Datasheet
72Kb / 6P
   BIDIRECTIONAL TRANSILTM ARRAY FOR DATALINE PROTECTION
ITA6V1U1 STMICROELECTRONICS-ITA6V1U1 Datasheet
177Kb / 5P
   TRANSILTM ARRAY FOR DATALINE PROTECTION
ITAXXB1 STMICROELECTRONICS-ITAXXB1 Datasheet
69Kb / 6P
   BIDIRECTIONAL TRANSIL ARRAY FOR DATALINE PROTECTION
ITAXXU1 STMICROELECTRONICS-ITAXXU1 Datasheet
57Kb / 6P
   TRANSIL ARRAY FOR DATALINE PROTECTION
logo
GOOD-ARK Electronics
SES5VT23-3 GOOD-ARK-SES5VT23-3 Datasheet
193Kb / 3P
   Bidirectional ESD Protection Array
SES4VT23-3 GOOD-ARK-SES4VT23-3 Datasheet
349Kb / 4P
   Bidirectional ESD Protection Array
SES5VT323-3 GOOD-ARK-SES5VT323-3 Datasheet
154Kb / 3P
   Bidirectional ESD Protection Array
logo
STMicroelectronics
ESDA14V2-4BF2 STMICROELECTRONICS-ESDA14V2-4BF2 Datasheet
131Kb / 7P
   QUAD BIDIRECTIONAL TRANSIL??ARRAY FOR ESD PROTECTION
ESDA14V2-4BF2 STMICROELECTRONICS-ESDA14V2-4BF2_08 Datasheet
115Kb / 8P
   Quad bidirectional Transi array for ESD protection
ITAXXB3 STMICROELECTRONICS-ITAXXB3 Datasheet
112Kb / 8P
   Bidirectional Transil array for data line protection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com