Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US168 Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # US168
Description  Low Noise & Low voltage Single-Coil Fan/Motor Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

US168 Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  US168 Datasheet HTML 1Page - Melexis Microelectronic Systems US168 Datasheet HTML 2Page - Melexis Microelectronic Systems US168 Datasheet HTML 3Page - Melexis Microelectronic Systems US168 Datasheet HTML 4Page - Melexis Microelectronic Systems US168 Datasheet HTML 5Page - Melexis Microelectronic Systems US168 Datasheet HTML 6Page - Melexis Microelectronic Systems US168 Datasheet HTML 7Page - Melexis Microelectronic Systems US168 Datasheet HTML 8Page - Melexis Microelectronic Systems US168 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
US168 / US169
Low Noise & Low voltage
Single-Coil Fan/Motor Driver
390109027901
Page 1 of 13
Data Sheet
Rev 001
July/06
Features and Benefits
Soft Switching for low noise
Low supply voltage: 1.8V to 6.5V
Full Bridge driver
High sensitivity integrated Hall sensor
Low power consumption
Reverse voltage protection
Locked rotor protection and auto-restart
Thermal protection and auto-restart
Tachometer output signal (US168) or
Alarm output signal (US169)
Applications Examples
3V / 5V Low Noise BLDC Cooling Fans
Low Voltage / Low Power BLDC Motors
Notebook DC Fans / Blowers
Automotive Low Noise Climate Control Fans
Micro-Motors
Ordering Information
Part No.
Temperature Code
Package Code
US168
E (-40°C to 85°C)
SE (TSOT-5L)
US169
E (-40°C to 85°C)
SE (TSOT-5L)
1 Functional Diagram
2 General Description
The US168/169 is a one-chip solution for driving
single-coil brushless DC fans and motors.
The use of Melexis Soft Switching concept lowers
the acoustic and electrical motor noise and
provides smoother operation.
The device includes reverse voltage protection,
locked rotor protection and thermal protection.
Therefore, the IC robustness perfectly suits for
consumer and automotive-on-board applications.
Tachometer (FG) or Alarm (RD) open-drain output
is available. It makes easier the connectivity with
external interface such as hardware monitoring or
Super I/O IC.
Delivered in a thin and reliable TSOT package, it
allows smaller and competitive single-coil fan or
motor design, avoiding the need of external
components.


Similar Part No. - US168

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US16855 UTC-US16855 Datasheet
208Kb / 8P
   DUAL HIGH-SIDE SWITCH FOR USB APPLICATION
US16855 UTC-US16855 Datasheet
251Kb / 8P
   DUAL HIGH-SIDE SWITCH FOR USB APPLICATION
US16855G-S08-R UTC-US16855G-S08-R Datasheet
208Kb / 8P
   DUAL HIGH-SIDE SWITCH FOR USB APPLICATION
US16855G-S08-R UTC-US16855G-S08-R Datasheet
208Kb / 8P
   DUAL HIGH-SIDE SWITCH FOR USB APPLICATION
US16855G-S08-R UTC-US16855G-S08-R Datasheet
251Kb / 8P
   DUAL HIGH-SIDE SWITCH FOR USB APPLICATION
More results

Similar Description - US168

ManufacturerPart #DatasheetDescription
logo
Major-Power Technology ...
MA7151F MPOWER-MA7151F Datasheet
484Kb / 11P
   Low Noise & Low voltage Single-Coil Fan/Motor Driver
MA7152F MPOWER-MA7152F Datasheet
293Kb / 10P
   Low Noise & Low voltage Single-Coil Fan/Motor Driver
MA7153F MPOWER-MA7153F Datasheet
438Kb / 9P
   Low Noise & Low voltage Single-Coil Fan/Motor Driver
logo
Melexis Microelectronic...
US168 MELEXIS-US168_14 Datasheet
1Mb / 13P
   Low Noise & Low voltage Single-Coil Fan & Motor Driver
logo
Major-Power Technology ...
MA7150F MPOWER-MA7150F Datasheet
417Kb / 7P
   Low Noise & Low voltage Single-Coil Fan/Motor Driver
logo
Melexis Microelectronic...
US169 MELEXIS-US169_14 Datasheet
1Mb / 13P
   Low Noise & Low Noise & Single-Coil Fan & Motor Driver
US651 MELEXIS-US651 Datasheet
322Kb / 12P
   Two-Coil Low Noise Fan Driver
MLX90285 MELEXIS-MLX90285 Datasheet
727Kb / 13P
   24V Low Noise Two-Coil Fan Driver
MLX90285 MELEXIS-MLX90285_14 Datasheet
924Kb / 13P
   24V Low Noise Two-Coil Fan Driver
logo
Allegro MicroSystems
A3907 ALLEGRO-A3907 Datasheet
361Kb / 11P
   Low Voltage Voice Coil Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com