Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US90AEDC Datasheet(PDF) 7 Page - Melexis Microelectronic Systems

Part # US90AEDC
Description  24V Hall IC Fan Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

US90AEDC Datasheet(HTML) 7 Page - Melexis Microelectronic Systems

Back Button US90AEDC Datasheet HTML 3Page - Melexis Microelectronic Systems US90AEDC Datasheet HTML 4Page - Melexis Microelectronic Systems US90AEDC Datasheet HTML 5Page - Melexis Microelectronic Systems US90AEDC Datasheet HTML 6Page - Melexis Microelectronic Systems US90AEDC Datasheet HTML 7Page - Melexis Microelectronic Systems US90AEDC Datasheet HTML 8Page - Melexis Microelectronic Systems US90AEDC Datasheet HTML 9Page - Melexis Microelectronic Systems US90AEDC Datasheet HTML 10Page - Melexis Microelectronic Systems US90AEDC Datasheet HTML 11Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
US90A / US91A
24V Hall IC Fan Driver
390109026302
Page 7 of 12
Data Sheet
Rev 002
Apr/07
11.7 VOL vs TJ
0
0.1
0.2
0.3
0.4
0.5
-40
-20
0
20
40
60
80
100
120
Tj (°C)
VDD=5V ; Iol=10mA
VDD=24V ; Iol=10mA
11.8 Power Dissipation vs. TA
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-40
-20
0
20
40
60
80
100
120
140
Ta (°C)
VK - RTH = 200°C/W - PDMAX = 500mW
TA = 25°C
TA max = 85°C
TJ max = 125°C
VA - RTH = 170°C/W - PDMAX = 588mW
DC - RTH = 150°C/W - PDMAX = 666mW
12 Application Information
12.1 Typical application with pull-up
resistor
12.2 Configuration for reverse voltage /
ground hot-switch protection and
enhanced ESD module protection
13 Application Comments
Figure 12.2 shows the application including several external protections.
The diode DREVPROT best protects the chip and fan coils for reverse voltage condition.
The capacitor CBYPASS is recommended if the supply ground may be disconnected while running even though
the positive supply point is still connected. This capacitor provides a path to ground for the remaining energy
in the coil which has to be evacuated. Without it, the energy can flow from OUT1/OUT2 to the FG/RD driver,
without any limitation and may cause EOS damage.
Its value has to be tuned depending on the coils characteristics. Bigger inductance requires bigger capacitor.
The no-VDD design enables ESD protection at fan module level to be easily improved. The fan coils prevent
and filter fast current stress on OUT1 and OUT2, resulting in better ESD protection. Adding the optional
capacitor COUT enhances the ESD protection of the logic output. Hence, the fan module is able to withstand
ESD stress at relatively high value without damage.


Similar Part No. - US90AEDC

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US90A MELEXIS-US90A_14 Datasheet
561Kb / 12P
   24V Hall IC Fan Driver
More results

Similar Description - US90AEDC

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US91A MELEXIS-US91A_14 Datasheet
561Kb / 12P
   24V Hall IC Fan Driver
US90A MELEXIS-US90A_14 Datasheet
561Kb / 12P
   24V Hall IC Fan Driver
logo
Anpec Electronics Corop...
APX9189 ANPEC-APX9189 Datasheet
170Kb / 10P
   12V/24V High Sensitivity Hall IC for FAN Driver
logo
Sanyo Semicon Device
LB11693JH SANYO-LB11693JH_10 Datasheet
158Kb / 12P
   24V Fan Motor Driver IC
logo
ON Semiconductor
LB11693JH ONSEMI-LB11693JH Datasheet
139Kb / 12P
   24V Fan Motor Driver IC
May, 2013
logo
Silan Microelectronics ...
SD1579 SILAN-SD1579 Datasheet
243Kb / 7P
   Hall IC Fan Motor Driver
logo
Sanyo Semicon Device
LB11693JH SANYO-LB11693JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
LB11692JH SANYO-LB11692JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
logo
Eutech Microelectronics...
EUM6862 EUTECH-EUM6862 Datasheet
273Kb / 2P
   24V PWM Fan Motor Driver
logo
Anpec Electronics Corop...
APX284 ANPEC-APX284 Datasheet
221Kb / 13P
   High Sensit ivit y Hall IC for FAN Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com