Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US91AEVA Datasheet(PDF) 9 Page - Melexis Microelectronic Systems

Part # US91AEVA
Description  24V Hall IC Fan Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

US91AEVA Datasheet(HTML) 9 Page - Melexis Microelectronic Systems

Back Button US91AEVA Datasheet HTML 4Page - Melexis Microelectronic Systems US91AEVA Datasheet HTML 5Page - Melexis Microelectronic Systems US91AEVA Datasheet HTML 6Page - Melexis Microelectronic Systems US91AEVA Datasheet HTML 7Page - Melexis Microelectronic Systems US91AEVA Datasheet HTML 8Page - Melexis Microelectronic Systems US91AEVA Datasheet HTML 9Page - Melexis Microelectronic Systems US91AEVA Datasheet HTML 10Page - Melexis Microelectronic Systems US91AEVA Datasheet HTML 11Page - Melexis Microelectronic Systems US91AEVA Datasheet HTML 12Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
US90A / US91A
24V Hall IC Fan Driver
390109026302
Page 9 of 12
Data Sheet
Rev 002
Apr/07
16 Package Information
16.1 VK Package Information (4-pin TO92)
5.22+/-0.10
4.20+/-0.10
0.46
+0.02
- 0.03
0.38+/-0.03
1.27+/-0.03
3.81+/-0.03
0.00
0.20
1.55+/-0.10
0.73+/-0.10
+2 (2X)
(2X)
+2
-1
0.38+/-0.03
0.30+/-0.10
(2X)
+2
(2X)
(2X)
+2
-1
Notes:
1. All dimensions are in millimeters
2. Package dimension exclude molding flash.
Mold flash shall not exceed 0.127mm.
3. To preserve reliability, it is recommended to
have total lead length equal to 2.5mm minimum,
measured from the package line.
4. VK package is a pin through-hole package,
hence adapted for wave soldering process.
A reflow soldering process is not recommended
with VK package as it may seriously affect
device reliability.
Marking:
1st Line : US90A (US91A) - Name of the device
2nd Line : xxxx - Assembly lot number (4 last digits)
Hall plate location
Notes:
1. All dimensions are in millimeters
2. Typical values
0.52
2.25
1.05


Similar Part No. - US91AEVA

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US91A MELEXIS-US91A_14 Datasheet
561Kb / 12P
   24V Hall IC Fan Driver
More results

Similar Description - US91AEVA

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US91A MELEXIS-US91A_14 Datasheet
561Kb / 12P
   24V Hall IC Fan Driver
US90A MELEXIS-US90A_14 Datasheet
561Kb / 12P
   24V Hall IC Fan Driver
logo
Anpec Electronics Corop...
APX9189 ANPEC-APX9189 Datasheet
170Kb / 10P
   12V/24V High Sensitivity Hall IC for FAN Driver
logo
Sanyo Semicon Device
LB11693JH SANYO-LB11693JH_10 Datasheet
158Kb / 12P
   24V Fan Motor Driver IC
logo
ON Semiconductor
LB11693JH ONSEMI-LB11693JH Datasheet
139Kb / 12P
   24V Fan Motor Driver IC
May, 2013
logo
Silan Microelectronics ...
SD1579 SILAN-SD1579 Datasheet
243Kb / 7P
   Hall IC Fan Motor Driver
logo
Sanyo Semicon Device
LB11693JH SANYO-LB11693JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
LB11692JH SANYO-LB11692JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
logo
Eutech Microelectronics...
EUM6862 EUTECH-EUM6862 Datasheet
273Kb / 2P
   24V PWM Fan Motor Driver
logo
Anpec Electronics Corop...
APX284 ANPEC-APX284 Datasheet
221Kb / 13P
   High Sensit ivit y Hall IC for FAN Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com