Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN0014 Datasheet(PDF) 4 Page - RF Micro Devices

Part # AN0014
Description  Bias Scheme for NBB-Series Amplifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

AN0014 Datasheet(HTML) 4 Page - RF Micro Devices

  AN0014 Datasheet HTML 1Page - RF Micro Devices AN0014 Datasheet HTML 2Page - RF Micro Devices AN0014 Datasheet HTML 3Page - RF Micro Devices AN0014 Datasheet HTML 4Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
15-26
AN0014
15
Copyright 1997-2002 RF Micro Devices, Inc.
Equation 5 may be substituted into Equation 1 and solved for ICC to get:
Eq. 6
Equation 6 may be differentiated with respect to temperature to get an expression which is useful to observe the effect of
the bias resistor (and supply voltage) selected by the user:
Eq. 7
For example, an NBB-400 biased from a 5V supply (VCC) using a 22Ω resistor (RCC) will exhibit the following current
change with respect to temperature,
Eq. 8
which translates into a variation of 14mA over the temperature range from -40°C to +85°C. By comparison, if a 12V sup-
ply rail is with a 162
Ω bias resistor, then a change in current with respect to temperature reduces to 0.016mA/°C. This
translates into a current variation of only 2.2mA over the same operating temperature range.
I
CC
V
CC
δV
D
δT
----------


TT
O
()
×
R
BIAS
δV
D
δI
CC
------------


+
------------------------------------------------------------
=
δI
CC
δT
------------
δV
D
δT
----------


R
BIAS
δV
D
δI
CC
------------


+
--------------------------------------
=
δI
CC
δT
------------
2.8
()
22
4
+
()
--------------------
0.108mA
°C
==


Similar Part No. - AN0014

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AN001 AIC-AN001 Datasheet
77Kb / 4P
   Using AIC1628
logo
Rosenberger Hochfrequen...
AN001 ROSENBERGER-AN001 Datasheet
575Kb / 3P
   Calibration Adaptor
logo
RF Micro Devices
AN0010 RFMD-AN0010 Datasheet
22Kb / 2P
   Evaluation Board Assembly Biasing Configuration
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
AN0015 RFMD-AN0015 Datasheet
47Kb / 6P
   Design of ?쏱I??and ?쏷??Network Attenuators for Inter-Stage Buffering
More results

Similar Description - AN0014

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
logo
List of Unclassifed Man...
LTK5128 ETC2-LTK5128 Datasheet
698Kb / 10P
   FM scheme
logo
Texas Instruments
TPS65162 TI-TPS65162 Datasheet
1Mb / 36P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV-LCD Panels
logo
Advanced Semiconductor
HVV1214-140 ASI-HVV1214-140 Datasheet
1Mb / 8P
   All Gold Bonding Scheme
logo
Shenzhen Huazhimei Semi...
HM7161 HMSEMI-HM7161 Datasheet
728Kb / 9P
   Dimming stroboscopic scheme application circuit
logo
Lowpower Semiconductor ...
LPA2104 POWER-LPA2104 Datasheet
782Kb / 11P
   Unique Modulation Scheme Reduces EMI Emissions
logo
Intronics Power, Inc.
310 INTRONICS-310 Datasheet
984Kb / 5P
   Ultra Low Bias Current Varactor Bridge Operational Amplifiers
logo
List of Unclassifed Man...
310 ETC1-310 Datasheet
50Kb / 1P
   Ultra Low Bias Current Varactor Bridge Operational Amplifiers
logo
Shaanxi Reactor Micro...
RM9032A REACTOR-RM9032A Datasheet
235Kb / 3P
   120V 10W thyristor dimming without stroboscopic scheme
logo
Analog Devices
OP1177 AD-OP1177_07 Datasheet
493Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
REV. E
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com