Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L297 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L297
Description  STEPPER MOTOR CONTROLLERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L297 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L297 Datasheet HTML 2Page - STMicroelectronics L297 Datasheet HTML 3Page - STMicroelectronics L297 Datasheet HTML 4Page - STMicroelectronics L297 Datasheet HTML 5Page - STMicroelectronics L297 Datasheet HTML 6Page - STMicroelectronics L297 Datasheet HTML 7Page - STMicroelectronics L297 Datasheet HTML 8Page - STMicroelectronics L297 Datasheet HTML 9Page - STMicroelectronics L297 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MOTOR DRIVING PHASE SEQUENCES (continued)
WAVE DRIVE MODE
Wave drive mode (also called ”one-phase-on” drive) is selected by a low level on the HALF/FULL input
when the translator is at an even numbered state (2, 4, 6 or 8).
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
Vs
Supply voltage (pin 12)
4.75
7
V
Is
Quiescent supply current (pin 12)
Outputs floating
50
80
mA
Vi
Input voltage
(pin 11, 17, 18, 19, 20)
Low
0.6
V
High
2
Vs
V
Ii
Input current
(pin 11, 17, 18, 19, 20)
Vi = L
100
µA
Vi =H
10
µA
Ven
Enable input voltage (pin 10)
Low
1.3
V
High
2
Vs
V
Ien
Enable input current (pin 10)
Ven = L
100
µA
Ven =H
10
µA
Vo
Phase output voltage
(pins 4, 6, 7, 9)
Io = 10mA
VOL
0.4
V
Io = 5mA
VOH
3.9
V
Vinh
Inhibit output voltage (pins 5, 8)
Io = 10mA
Vinh L
0.4
V
Io = 5mA
Vinh H
3.9
V
VSYNC
Sync Output Voltage
Io = 5mA
VSYNC H
3.3
V
Io = 5mA
VSYNC V
0.8
ELECTRICAL CHARACTERISTICS (Refer to the block diagram Tamb =25
°C, Vs = 5V unless otherwise
specified)
6/11
L297-L297D


Similar Part No. - L297

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L297 STMICROELECTRONICS-L297 Datasheet
173Kb / 11P
   STEPPER MOTOR CONTROLLERS
L297D013TR STMICROELECTRONICS-L297D013TR Datasheet
173Kb / 11P
   STEPPER MOTOR CONTROLLERS
More results

Similar Description - L297

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L297D013TR STMICROELECTRONICS-L297D013TR Datasheet
173Kb / 11P
   STEPPER MOTOR CONTROLLERS
GS-C200 STMICROELECTRONICS-GS-C200 Datasheet
314Kb / 31P
   INTELLIGENT STEPPER MOTOR CONTROLLERS
logo
STEPPERONLINE
23HS22-1504S STEPPERONLINE-23HS22-1504S Datasheet
188Kb / 1P
   STEPPER MOTOR
logo
Festo Corporation.
EMMS-ST-42-S-SEB-G2 FESTO-EMMS-ST-42-S-SEB-G2 Datasheet
76Kb / 1P
   Stepper motor
EMMS-ST-28-L-SE FESTO-EMMS-ST-28-L-SE Datasheet
73Kb / 1P
   Stepper motor
EMMS-ST-42-S-SB-G2 FESTO-EMMS-ST-42-S-SB-G2 Datasheet
76Kb / 1P
   Stepper motor
EMMS-ST-57-S-SB-G2 FESTO-EMMS-ST-57-S-SB-G2 Datasheet
80Kb / 1P
   Stepper motor
EMMS-ST-87-M-SB-G2 FESTO-EMMS-ST-87-M-SB-G2 Datasheet
81Kb / 1P
   Stepper motor
logo
STEPPERONLINE
17HS15-1684S-HG10 STEPPERONLINE-17HS15-1684S-HG10 Datasheet
137Kb / 1P
   STEPPER MOTOR
17HS24-2104S-PG5 STEPPERONLINE-17HS24-2104S-PG5 Datasheet
144Kb / 1P
   STEPPER MOTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com