Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPD1500DFN Datasheet(PDF) 8 Page - Filtronic Compound Semiconductors

Part # FPD1500DFN
Description  LOW NOISE HIGH LINEARITY PACKAGED PHEMT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD1500DFN Datasheet(HTML) 8 Page - Filtronic Compound Semiconductors

Back Button FPD1500DFN_1 Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD1500DFN_1 Datasheet HTML 3Page - Filtronic Compound Semiconductors FPD1500DFN_1 Datasheet HTML 4Page - Filtronic Compound Semiconductors FPD1500DFN_1 Datasheet HTML 5Page - Filtronic Compound Semiconductors FPD1500DFN_1 Datasheet HTML 6Page - Filtronic Compound Semiconductors FPD1500DFN_1 Datasheet HTML 7Page - Filtronic Compound Semiconductors FPD1500DFN_1 Datasheet HTML 8Page - Filtronic Compound Semiconductors FPD1500DFN_1 Datasheet HTML 9Page - Filtronic Compound Semiconductors FPD1500DFN_1 Datasheet HTML 10Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
8
Datasheet v3.0
FPD1500DFN
REFERENCE DESIGN (5.3 – 5.9GHZ)
15pF
20 Ohm
15pF
15pF
1.0uF
1.0uF
Vd
-Vg
FPD1500DFN EVAL Board
Schematic
Z6
Z11
Z8
Z12
Z17
RF OUT
Z9
Z10
Z7
1
3
4
(50 Ohm)
2
Z8
Z5
Z4
1
3
4
2
Z5
Z3
Z1
Z2
1
3
4
2
Z1
RF IN
(50 Ohm)
Z14
Z15
Z16
Z13
1
3
4
2
Z14
Z18
Z19
15pF
Value
Desc.
W1=0.020" W2=0.020" W3=0.020" W4=0.020" Microstrip Cross
Z2
0.020" x 0.030" Microstrip
Z3
Z4
Z5
Z6
Z7
Z8
Z9
Z10
0.052" x 0.94" Microstrip
0.020" x 0.285" Microstrip
0.015" x 0.166" Microstrip
Z11, Z12 0.012" x 0.037" Microstrip
Z13
Z14
Z15
Z1
Z17
0.020" x 0.180" Microstrip
Z18
Z19
0.042" x 0.220" Microstrip
0.020" x 0.500" Microstrip
0.054" x 0.166" Microstrip
0.310" x 90° Microstrip Radial Stub
0.040" x 0.175" Microstrip
0.015" x 0.157" Microstrip
W1=0.020" W2=0.052" W3=0.020" W4=0.052" Microstrip Cross
W1=0.020" W2=0.054" W3=0.020" W4=0.054" Microstrip Cross
W1=0.020" W2=0.040" W3=0.020" W4=0.040" Microstrip Cross
0.060" x 0.050" Microstrip
Z16
0.350" x 90° Microstrip Radial Stub
Z0
Z0
0.045" x 0.050" Microstrip
PARAMETER
UNIT
PERFORMANCE
Frequency
GHz
5.3 to 5.9
Gain
dB
10.5
P1dB
dBm
27
N.F.
dB
1.5
OIP3
dBm
40
S11
dB
-10
S22
dB
-9
Vd
V
5
Vg
V
-0.4 to -0.7
Id
mA
200


Similar Part No. - FPD1500DFN_1

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FPD1500DFN_ FILTRONIC-FPD1500DFN_ Datasheet
317Kb / 10P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
More results

Similar Description - FPD1500DFN_1

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FPD1500SOT89 FILTRONIC-FPD1500SOT89_1 Datasheet
708Kb / 12P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD750DFN FILTRONIC-FPD750DFN_1 Datasheet
419Kb / 9P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD750SOT89 FILTRONIC-FPD750SOT89 Datasheet
386Kb / 8P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD1500DFN_ FILTRONIC-FPD1500DFN_ Datasheet
317Kb / 10P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD3000SOT89 FILTRONIC-FPD3000SOT89 Datasheet
393Kb / 8P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD3000SOT89 FILTRONIC-FPD3000SOT89_1 Datasheet
475Kb / 7P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
LP1500SOT223 FILTRONIC-LP1500SOT223 Datasheet
69Kb / 2P
   Low Noise, High Linearity Packaged PHEMT
LP3000SOT89 FILTRONIC-LP3000SOT89 Datasheet
44Kb / 3P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD750SOT343 FILTRONIC-FPD750SOT343 Datasheet
105Kb / 4P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD1050SOT89 FILTRONIC-FPD1050SOT89 Datasheet
237Kb / 8P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com