Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPD1500DFN Datasheet(PDF) 3 Page - Filtronic Compound Semiconductors

Part # FPD1500DFN
Description  LOW NOISE HIGH LINEARITY PACKAGED PHEMT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD1500DFN Datasheet(HTML) 3 Page - Filtronic Compound Semiconductors

  FPD1500DFN Datasheet HTML 1Page - Filtronic Compound Semiconductors FPD1500DFN Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD1500DFN Datasheet HTML 3Page - Filtronic Compound Semiconductors FPD1500DFN Datasheet HTML 4Page - Filtronic Compound Semiconductors FPD1500DFN Datasheet HTML 5Page - Filtronic Compound Semiconductors FPD1500DFN Datasheet HTML 6Page - Filtronic Compound Semiconductors FPD1500DFN Datasheet HTML 7Page - Filtronic Compound Semiconductors FPD1500DFN Datasheet HTML 8Page - Filtronic Compound Semiconductors FPD1500DFN Datasheet HTML 9Page - Filtronic Compound Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
3
Datasheet v3.0
FPD1500DFN
TYPICAL TUNED RF PERFORMANCE:
0.4
1.4
2.4
3.4
4.4
5.4
6.4
7.4
8.4
9.4
10.4 11.4 12
Frequency (GHz)
FPD1500DFN Biased @ VD = 5V ID = 50%IDSS
0
5
10
15
20
25
30
35
MSG
S21
0.51
1.52
2.53
3.54
4.55
5.56
Frequency (GHz)
FPD1500DFN Biased @ VD = 5V, ID = 50%IDSS
0
0.25
0.5
0.75
1
1.25
1.5
Biased @ 5V, 50%IDSS
Data taken on Eval Board at 1.85GHz
15.0
16.0
17.0
18.0
19.0
20.0
21.0
Temperature (C)
22.0
23.0
24.0
25.0
26.0
27.0
28.0
29.0
30.0
31.0
32.0
SSG
(dB)
P1dB (dBm)
Biased @ 5V, 33%IDSS
Data taken on Eval board @ 1.85GHz
0.40
0.70
1.00
1.30
1.60
1.90
Temperature (C)
N.F.
(dB)
BIAS RESPONSE:
Gain & P1dB vs Vd Taken @ IDS = 50% IDSS
12.0
13.0
14.0
15.0
16.0
17.0
18.0
Vd (V)
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
SSG
(dB)
P1dB (dBm)
Gain & P1dB vs % IDSS Taken @ VD = 5V
12.0
13.0
14.0
15.0
16.0
17.0
18.0
%IDSS
20.0
22.0
24.0
26.0
28.0
30.0
SSG (dB)
P1dB (dBm)


Similar Part No. - FPD1500DFN

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FPD1500DFN FILTRONIC-FPD1500DFN Datasheet
233Kb / 5P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMTT
FPD1500DFN FILTRONIC-FPD1500DFN Datasheet
317Kb / 10P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD1500DFN_ FILTRONIC-FPD1500DFN_ Datasheet
317Kb / 10P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
More results

Similar Description - FPD1500DFN

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FPD1500SOT89 FILTRONIC-FPD1500SOT89_1 Datasheet
708Kb / 12P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD750DFN FILTRONIC-FPD750DFN_1 Datasheet
419Kb / 9P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD750SOT89 FILTRONIC-FPD750SOT89 Datasheet
386Kb / 8P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD1500DFN_ FILTRONIC-FPD1500DFN_ Datasheet
317Kb / 10P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD3000SOT89 FILTRONIC-FPD3000SOT89 Datasheet
393Kb / 8P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD3000SOT89 FILTRONIC-FPD3000SOT89_1 Datasheet
475Kb / 7P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
LP1500SOT223 FILTRONIC-LP1500SOT223 Datasheet
69Kb / 2P
   Low Noise, High Linearity Packaged PHEMT
LP3000SOT89 FILTRONIC-LP3000SOT89 Datasheet
44Kb / 3P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD750SOT343 FILTRONIC-FPD750SOT343 Datasheet
105Kb / 4P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD1050SOT89 FILTRONIC-FPD1050SOT89 Datasheet
237Kb / 8P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com