Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EB1500DFN-BA Datasheet(PDF) 2 Page - Filtronic Compound Semiconductors

Part # EB1500DFN-BA
Description  LOW NOISE HIGH LINEARITY PACKAGED PHEMT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

EB1500DFN-BA Datasheet(HTML) 2 Page - Filtronic Compound Semiconductors

  EB1500DFN-BA Datasheet HTML 1Page - Filtronic Compound Semiconductors EB1500DFN-BA Datasheet HTML 2Page - Filtronic Compound Semiconductors EB1500DFN-BA Datasheet HTML 3Page - Filtronic Compound Semiconductors EB1500DFN-BA Datasheet HTML 4Page - Filtronic Compound Semiconductors EB1500DFN-BA Datasheet HTML 5Page - Filtronic Compound Semiconductors EB1500DFN-BA Datasheet HTML 6Page - Filtronic Compound Semiconductors EB1500DFN-BA Datasheet HTML 7Page - Filtronic Compound Semiconductors EB1500DFN-BA Datasheet HTML 8Page - Filtronic Compound Semiconductors EB1500DFN-BA Datasheet HTML 9Page - Filtronic Compound Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
2
Datasheet v3.0
FPD1500DFN
ABSOLUTE MAXIMUM RATING
1:
Notes:
PARAMETER
SYMBOL
TEST CONDITIONS
ABSOLUTE MAXIMUM
Drain-Source Voltage
VDS
-3V < VGS < +0V
8V
Gate-Source Voltage
VGS
0V < VDS < +8V
-3V
Drain-Source Current
IDS
For VDS > 2V
IDss
Gate Current
IG
Forward or reverse current
15mA
RF Input Power
2
PIN
Under any acceptable bias state
350mW
Channel Operating Temperature
TCH
Under any acceptable bias state
175°C
Storage Temperature
TSTG
Non-Operating Storage
-55°C to 150°C
Total Power Dissipation
PTOT
See De-Rating Note below
2.2W
Gain Compression
Comp.
Under any bias conditions
5dB
Simultaneous Combination of Limits
3
2 or more Max. Limits
1T
Ambient = 22°C unless otherwise noted; exceeding any one of these absolute maximum ratings may cause
permanent damage to the device
2Max. RF Input Limit must be further limited if input VSWR > 2.5:1
3Users should avoid exceeding 80% of 2 or more Limits simultaneously
4Total Power Dissipation defined as: P
TOT ≡ (PDC + PIN) – POUT,
where PDC: DC Bias Power, PIN: RF Input Power, POUT: RF Output Power
Total Power Dissipation to be de-rated as follows above 22
°C:
PTOT= 2.2 - (0.0167W/°C) x TPACK
where TPACK= source tab lead temperature above 22°C
(coefficient of de-rating formula is the Thermal Conductivity)
Example: For a 65
°C carrier temperature: P
TOT = 2.2W – (0.0167 x (65 – 22)) = 1.48W
5The use of a filled via-hole directly beneath the exposed heatsink tab on the bottom of the package is strongly
recommended to provide for adequate thermal management. Ideally the bottom of the circuit board is affixed to a
heatsink or thermal radiator
BIASING GUIDELINES:
Active bias circuits provide good performance stabilization over variations of operating
temperature, but require a larger number of components compared to self-bias or dual-biased.
Such circuits should include provisions to ensure that Gate bias is applied before Drain bias,
otherwise the pHEMT may be induced to self-oscillate
Dual-bias circuits are relatively simple to implement, but will require a regulated negative voltage
supply for depletion-mode devices.
For standard Class A operation, a 50% of IDSS bias point is recommended. A small amount of
RF gain expansion prior to the onset of compression is normal for this operating point. Note that
pHEMTs, since they are “quasi- E/D mode” devices, exhibit Class AB traits when operated at 50%
of IDSS. To achieve a larger separation between P1dB and IP3, an operating point in the 25% to
33% of IDSS range is suggested. Such Class AB operation will not degrade the IP3 performance.


Similar Part No. - EB1500DFN-BA

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
EB1500DFN-BA FILTRONIC-EB1500DFN-BA Datasheet
317Kb / 10P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
More results

Similar Description - EB1500DFN-BA

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FPD1500SOT89 FILTRONIC-FPD1500SOT89_1 Datasheet
708Kb / 12P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD750DFN FILTRONIC-FPD750DFN_1 Datasheet
419Kb / 9P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD750SOT89 FILTRONIC-FPD750SOT89 Datasheet
386Kb / 8P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD1500DFN_ FILTRONIC-FPD1500DFN_ Datasheet
317Kb / 10P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD3000SOT89 FILTRONIC-FPD3000SOT89 Datasheet
393Kb / 8P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD3000SOT89 FILTRONIC-FPD3000SOT89_1 Datasheet
475Kb / 7P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
LP1500SOT223 FILTRONIC-LP1500SOT223 Datasheet
69Kb / 2P
   Low Noise, High Linearity Packaged PHEMT
LP3000SOT89 FILTRONIC-LP3000SOT89 Datasheet
44Kb / 3P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD750SOT343 FILTRONIC-FPD750SOT343 Datasheet
105Kb / 4P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD1050SOT89 FILTRONIC-FPD1050SOT89 Datasheet
237Kb / 8P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com