Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EB1500SOT89E-BA Datasheet(PDF) 11 Page - Filtronic Compound Semiconductors

Part # EB1500SOT89E-BA
Description  LOW NOISE HIGH LINEARITY PACKAGED PHEMT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

EB1500SOT89E-BA Datasheet(HTML) 11 Page - Filtronic Compound Semiconductors

Back Button EB1500SOT89E-BA Datasheet HTML 4Page - Filtronic Compound Semiconductors EB1500SOT89E-BA Datasheet HTML 5Page - Filtronic Compound Semiconductors EB1500SOT89E-BA Datasheet HTML 6Page - Filtronic Compound Semiconductors EB1500SOT89E-BA Datasheet HTML 7Page - Filtronic Compound Semiconductors EB1500SOT89E-BA Datasheet HTML 8Page - Filtronic Compound Semiconductors EB1500SOT89E-BA Datasheet HTML 9Page - Filtronic Compound Semiconductors EB1500SOT89E-BA Datasheet HTML 10Page - Filtronic Compound Semiconductors EB1500SOT89E-BA Datasheet HTML 11Page - Filtronic Compound Semiconductors EB1500SOT89E-BA Datasheet HTML 12Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
11
Datasheet v3.0
FPD1500SOT89
PACKAGE OUTLINE:
(dimensions in millimeters – mm)
● Also available with horizontal
part orientation
● Hub diameter = 80mm
● Devices per reel = 1000
TAPE DIMENSIONS AND PART ORIENTATION:


Similar Part No. - EB1500SOT89E-BA

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
EB1500DFN-AJ FILTRONIC-EB1500DFN-AJ Datasheet
317Kb / 10P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
EB1500DFN-AJ FILTRONIC-EB1500DFN-AJ Datasheet
462Kb / 10P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
EB1500DFN-BA FILTRONIC-EB1500DFN-BA Datasheet
317Kb / 10P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
EB1500DFN-BA FILTRONIC-EB1500DFN-BA Datasheet
462Kb / 10P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
EB1500DFN-BB FILTRONIC-EB1500DFN-BB Datasheet
317Kb / 10P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
More results

Similar Description - EB1500SOT89E-BA

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FPD750DFN FILTRONIC-FPD750DFN_1 Datasheet
419Kb / 9P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD750SOT89 FILTRONIC-FPD750SOT89 Datasheet
386Kb / 8P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD1500DFN_ FILTRONIC-FPD1500DFN_ Datasheet
317Kb / 10P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD3000SOT89 FILTRONIC-FPD3000SOT89 Datasheet
393Kb / 8P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD3000SOT89 FILTRONIC-FPD3000SOT89_1 Datasheet
475Kb / 7P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
FPD1500DFN FILTRONIC-FPD1500DFN_1 Datasheet
462Kb / 10P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
LP1500SOT223 FILTRONIC-LP1500SOT223 Datasheet
69Kb / 2P
   Low Noise, High Linearity Packaged PHEMT
LP3000SOT89 FILTRONIC-LP3000SOT89 Datasheet
44Kb / 3P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD750SOT343 FILTRONIC-FPD750SOT343 Datasheet
105Kb / 4P
   LOW NOISE, HIGH LINEARITY PACKAGED PHEMT
FPD1050SOT89 FILTRONIC-FPD1050SOT89 Datasheet
237Kb / 8P
   LOW NOISE HIGH LINEARITY PACKAGED PHEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com