Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF6100-4PCBA-41X Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF6100-4PCBA-41X
Description  3V 1900MHZ LINEAR POWER AMPLIFIER MODULE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF6100-4PCBA-41X Datasheet(HTML) 6 Page - RF Micro Devices

  RF6100-4PCBA-41X Datasheet HTML 1Page - RF Micro Devices RF6100-4PCBA-41X Datasheet HTML 2Page - RF Micro Devices RF6100-4PCBA-41X Datasheet HTML 3Page - RF Micro Devices RF6100-4PCBA-41X Datasheet HTML 4Page - RF Micro Devices RF6100-4PCBA-41X Datasheet HTML 5Page - RF Micro Devices RF6100-4PCBA-41X Datasheet HTML 6Page - RF Micro Devices RF6100-4PCBA-41X Datasheet HTML 7Page - RF Micro Devices RF6100-4PCBA-41X Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6 of 8
RF6100-4
Rev A1 DS050929
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
PCB Design Requirements
PCB Surface Finish
The PCB surface finish used for RFMD's qualification process is electroless nickel, immersion gold. Typical thickness is 3
μinch
to 8
μinch gold over 180μinch nickel.
PCB Land Pattern Recommendation
PCB land patterns are based on IPC-SM-782 standards when possible. The pad pattern shown has been developed and tested
for optimized assembly at RFMD; however, it may require some modifications to address company specific assembly pro-
cesses. The PCB land pattern has been developed to accommodate lead and package tolerances.
PCB Metal Land and Solder Mask Pattern
Thermal Pad and Via Design
The PCB land pattern has been designed with a thermal pad that matches the exposed die paddle size on the bottom of the
device.
Thermal vias are required in the PCB layout to effectively conduct heat away from the package. The via pattern has been
designed to address thermal, power dissipation and electrical requirements of the device as well as accommodating routing
strategies.
The via pattern used for the RFMD qualification is based on thru-hole vias with 0.203mm to 0.330mm finished hole size on a
0.5mm to 1.2mm grid pattern with 0.025mm plating on via walls. If micro vias are used in a design, it is suggested that the
quantity of vias be increased by a 4:1 ratio to achieve similar results.
Dimensions in mm.
Metal Land Pattern
Pin 1
A
A
A
A
A
A
3.40 Typ.
2.55 Typ.
1.90 Typ.
1.50 Typ.
0.85 Typ.
0.00
0.20 Typ.
0.20 Typ.
0.65 Typ.
1.05 Typ.
1.70 Typ.
2.35 Typ.
2.75 Typ.
3.60 Typ.
A = 0.40 (mm) Sq. Typ.
Solder Mask Pattern
A
A
A
A
A
B
A
A
A
A
A
Pin 1
3.40 Typ.
2.55 Typ.
1.70 Typ.
0.85 Typ.
0.00
A = 0.55 (mm) Sq.
Typ.
B = 2.65 x 3.95 (mm)
Figure 1. PCB Metal Land Pattern and Solder Mask Pattern (Top View)


Similar Part No. - RF6100-4PCBA-41X

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF6100-4PCBA-41X RFMD-RF6100-4PCBA-41X Datasheet
59Kb / 6P
   3V 1900MHZ LINEAR POWER AMPLIFIER MODULE
More results

Similar Description - RF6100-4PCBA-41X

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3164 RFMD-RF3164 Datasheet
98Kb / 10P
   3V 1900MHz LINEAR POWER AMPLIFIER MODULE
RF3164 RFMD-RF3164_1 Datasheet
241Kb / 10P
   3V 1900MHz LINEAR POWER AMPLIFIER MODULE
RF6100-4 RFMD-RF6100-4_06 Datasheet
59Kb / 6P
   3V 1900MHZ LINEAR POWER AMPLIFIER MODULE
RF3164 RFMD-RF3164_06 Datasheet
91Kb / 10P
   3V 1900MHz LINEAR POWER AMPLIFIER MODULE
RF3100-3 RFMD-RF3100-3 Datasheet
117Kb / 6P
   3V 1900MHZ LINEAR AMPLIFIER MODULE
RF3118 RFMD-RF3118 Datasheet
116Kb / 6P
   3V 1900MHZ LINEAR AMPLIFIER MODULE
RF3300-3 RFMD-RF3300-3 Datasheet
74Kb / 6P
   3V 1900MHz LINEAR AMPLIFIER MODULE
RF6100-4 RFMD-RF6100-4 Datasheet
67Kb / 6P
   3V 1900MHZ LINEAR POWER AMPLIFIER
RF2161 RFMD-RF2161 Datasheet
150Kb / 8P
   3V W-CDMA POWER 1900MHZ 3V LINEAR POWER AMPLIFIER
RF2186 RFMD-RF2186 Datasheet
155Kb / 6P
   3V W-CDMA POWER 1900MHZ/ 3V LINEAR POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com